Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41895B7278M Datasheet(PDF) 4 Page - TDK Electronics

Part # B41895B7278M
Description  Single-ended capacitors
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B41895B7278M Datasheet(HTML) 4 Page - TDK Electronics

  B41895B7278M Datasheet HTML 1Page - TDK Electronics B41895B7278M Datasheet HTML 2Page - TDK Electronics B41895B7278M Datasheet HTML 3Page - TDK Electronics B41895B7278M Datasheet HTML 4Page - TDK Electronics B41895B7278M Datasheet HTML 5Page - TDK Electronics B41895B7278M Datasheet HTML 6Page - TDK Electronics B41895B7278M Datasheet HTML 7Page - TDK Electronics B41895B7278M Datasheet HTML 8Page - TDK Electronics B41895B7278M Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Dimensional drawing
With stand-off rubber seal
Diameters (mm): 12.5, 16, 18
Dimensions and weights
Dimensions (mm)
Approx. weight
d +0.5
l
a
±0.5
b
g
12.5
20 +2.0
5.0
0.60
±0.05
3.6
12.5
25 +2.0
5.0
0.60
±0.05
4.5
12.5
30 +2.0
5.0
0.80
±0.05
5.3
12.5
35 +2.0
5.0
0.80
±0.05
6.4
12.5
40 +2.0
5.0
0.80
±0.05
7.4
16
20 +2.0
7.5
0.80
±0.05
5.5
16
25 +2.0
7.5
0.80
±0.05
7.5
16
31.5 +2.0
7.5
0.80
±0.05
7.8
16
35.5 +2.0
7.5
0.80
±0.05
9.2
18
20 +2.0
7.5
0.80
±0.1
8.0
18
25 +2.0
7.5
0.80
±0.1
9.0
18
31.5 +2.0
7.5
0.80
±0.1
11.0
18
35 +2.0
7.5
0.80
±0.1
13.0
18
40 +2.5
7.5
0.80
±0.1
16.0
B41895
Low ESR, compact
125
°C
Page 4 of 29
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41895B7278M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41895B0477M000 TDK-B41895B0477M000 Datasheet
100Kb / 2P
   Single Ended (Radial) Capacitors
B41895B0477M001 TDK-B41895B0477M001 Datasheet
100Kb / 2P
   Single Ended (Radial) Capacitors
B41895B0477M002 TDK-B41895B0477M002 Datasheet
100Kb / 2P
   Single Ended (Radial) Capacitors
B41895B0477M003 TDK-B41895B0477M003 Datasheet
100Kb / 2P
   Single Ended (Radial) Capacitors
B41895B0477M004 TDK-B41895B0477M004 Datasheet
100Kb / 2P
   Single Ended (Radial) Capacitors
More results

Similar Description - B41895B7278M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41821 EPCOS-B41821 Datasheet
784Kb / 36P
   Single-ended capacitors
B41858 EPCOS-B41858 Datasheet
722Kb / 30P
   Single-ended capacitors
logo
TDK Electronics
B41896 TDK-B41896_15 Datasheet
499Kb / 28P
   Single-ended capacitors
logo
EPCOS
B41889 EPCOS-B41889_08 Datasheet
537Kb / 25P
   Single-ended capacitors
B42822 EPCOS-B42822 Datasheet
105Kb / 9P
   Single-Ended Capacitors
B41853 EPCOS-B41853 Datasheet
643Kb / 24P
   Single-ended capacitors
B41866 EPCOS-B41866 Datasheet
723Kb / 30P
   Single-ended capacitors
B41867 EPCOS-B41867 Datasheet
99Kb / 8P
   Single-Ended Capacitors
B43888 EPCOS-B43888 Datasheet
659Kb / 24P
   Single-ended capacitors
B41896 EPCOS-B41896_08 Datasheet
566Kb / 30P
   Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com