Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43512C3108M0 Datasheet(PDF) 9 Page - TDK Electronics

Part # B43512C3108M0
Description  Capacitors with 4-/5-pin snap-in terminals and solder pins
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B43512C3108M0 Datasheet(HTML) 9 Page - TDK Electronics

Back Button B43512C3108M0 Datasheet HTML 5Page - TDK Electronics B43512C3108M0 Datasheet HTML 6Page - TDK Electronics B43512C3108M0 Datasheet HTML 7Page - TDK Electronics B43512C3108M0 Datasheet HTML 8Page - TDK Electronics B43512C3108M0 Datasheet HTML 9Page - TDK Electronics B43512C3108M0 Datasheet HTML 10Page - TDK Electronics B43512C3108M0 Datasheet HTML 11Page - TDK Electronics B43512C3108M0 Datasheet HTML 12Page - TDK Electronics B43512C3108M0 Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Packing of 4-/5-pin snap-in terminal and solder pin capacitors
For ecological reasons the packing is pure cardboard.
Ordering codes for terminal styles and insulation features
Identification in 3rd block of ordering code
4-/5-pin snap-in terminal capacitors
Terminal version
Insulation version
PVC
PVC plus PET cap
Standard terminals 6.3 mm
M000
M080
Short terminals 4.5 mm
M007
M087
Ordering examples:
B43512C9188M007
}
5-pin snap-in capacitor with short terminals and standard PVC
insulation
B43512C9188M080
}
5-pin snap-in capacitor with standard terminals and PVC insulation
with additional PET insulation cap on terminal side
B43512, B43522
Very compact
85
°C
Page 9 of 25
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43512C3108M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43512 TDK-B43512 Datasheet
887Kb / 25P
   Aluminum electrolytic capacitors
More results

Similar Description - B43512C3108M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43516 TDK-B43516_15 Datasheet
802Kb / 20P
   Capacitors with 4-pin snap-in terminals and solder pins
logo
EPCOS
B43510 EPCOS-B43510 Datasheet
59Kb / 2P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43520A3687M000 EPCOS-B43520A3687M000 Datasheet
261Kb / 11P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43514 EPCOS-B43514 Datasheet
255Kb / 10P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43511 EPCOS-B43511 Datasheet
254Kb / 10P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43415 EPCOS-B43415 Datasheet
1Mb / 15P
   Capacitors for pulse applications with snap-in and solder lug terminals
logo
United Chemi-Con, Inc.
EKMH500VSN332MP35T CHEMI-CON-EKMH500VSN332MP35T Datasheet
202Kb / 15P
   PC board 2 or 4-pin snap-in; optional 4 or 5-pin straight terminals.
logo
List of Unclassifed Man...
EKMM161VSN152MQ60T ETC2-EKMM161VSN152MQ60T Datasheet
143Kb / 12P
   PC board 2 or 4-pin snap-in; optional 4-pin straight terminals.
logo
CUI INC
HSS-B20-04 CUI-HSS-B20-04 Datasheet
293Kb / 3P
   available with and without solder pins
logo
PowerDynamics, Inc
42R38-3X2X-XXX POWERDYNAMICS-42R38-3X2X-XXX Datasheet
42Kb / 1P
   IEC 60320 APPL. INLET AND COMBINATION FUSE HOLDER; SOLDER TERMINALS; SNAP-IN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com