Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHV-06HN Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # SHV-06HN
Description  HIGH VOLTAGE RECTIFIER DIODE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SHV-06HN Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  SHV-06HN Datasheet HTML 1Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SHV-06HN
HIGH VOLTAGE
RECTIFIER DIODE
PRV : 6000 Volts
Io : 2 mA
FEATURES :
* Glass passivated junction chip
* High
voltage capability
* High surge current capability
* High reliability
* Low reverse current
* Pb / RoHS Free
MECHANICAL DATA :
* Case : DO-41 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.34 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
RATING
SYMBOL
VALUE
UNITS
Maximum Peak Reverse Voltage
VRM
V
Maximum Average Forward Current
IF(AV)
mA
Peak Forward Surge Current
50 Hz half-wave single
Maximum Peak Forward Voltage at IF = 10 mA.
VF
V
Maximum Reverse Current at VR = VRM, Ta = 25 °C
IR
μA
Ta = 100 °C
IR(H)
μA
Operating Junction Temperature Range
TJ
°C
Storage Temperature Range
TSTG
°C
Page 1 of 1
Rev. 00 : October 8, 2007
2.0
6000
- 40 to + 150
- 40 to + 150
1.0
24
3.0
A
0.5
IFSM
DO - 41
Dimensions in inches and ( millimeters )
1.00 (25.4)
MIN.
0.108 (2.74)
0.078 (1.99)
0.205 (5.20)
0.161 (4.10)
1.00 (25.4)
MIN.
0.034 (0.86)
0.028 (0.71)
www.eicsemi.com


Similar Part No. - SHV-06HN

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
SHV-06 GETEDZ-SHV-06 Datasheet
68Kb / 1P
   6kV 5mA HIGH VOLTAGE DIODES
logo
SUNMATE electronic Co.,...
SHV-06 SUNMATE-SHV-06 Datasheet
197Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
logo
Sanken electric
SHV-06EN SANKEN-SHV-06EN Datasheet
43Kb / 2P
   High-Voltage Rectifier Diodes
logo
GETAI ELECTRONICS DEVIC...
SHV-06EN GETEDZ-SHV-06EN Datasheet
620Kb / 2P
   5.0mA 6.0kV 100nS--High Frequency High Voltage Diodes
logo
Sanken electric
SHV-06JN SANKEN-SHV-06JN Datasheet
146Kb / 5P
   High Voltage Rectifier Diode
More results

Similar Description - SHV-06HN

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
HVM09-350 GETEDZ-HVM09-350_V01 Datasheet
507Kb / 2P
   High Voltage Rectifier Diode
logo
Sanken electric
SHV-02JN SANKEN-SHV-02JN Datasheet
145Kb / 5P
   High Voltage Rectifier Diode
logo
GETAI ELECTRONICS DEVIC...
HVM12-350 GETEDZ-HVM12-350_V01 Datasheet
506Kb / 2P
   High Voltage Rectifier Diode
HVM16-YB GETEDZ-HVM16-YB Datasheet
507Kb / 2P
   High Voltage Rectifier Diode
logo
Shenzhen Luguang Electr...
SHV-05J LUGUANG-SHV-05J Datasheet
382Kb / 1P
   High Voltage Rectifier Diode
logo
GETAI ELECTRONICS DEVIC...
HVM09-450 GETEDZ-HVM09-450_V01 Datasheet
507Kb / 2P
   High Voltage Rectifier Diode
HVM12-450 GETEDZ-HVM12-450_V01 Datasheet
507Kb / 2P
   High Voltage Rectifier Diode
logo
Sanken electric
SHV-06JN SANKEN-SHV-06JN Datasheet
146Kb / 5P
   High Voltage Rectifier Diode
logo
NXP Semiconductors
BY459F-1500 PHILIPS-BY459F-1500 Datasheet
34Kb / 6P
   Rectifier diode fast, high-voltage
August 1996-Rev 1.200
logo
GETAI ELECTRONICS DEVIC...
2CL2FG GETEDZ-2CL2FG_17 Datasheet
515Kb / 2P
   High Voltage Silicon Rectifier Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com