Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43509D2827M0 Datasheet(PDF) 10 Page - TDK Electronics

Part # B43509D2827M0
Description  Snap-in capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B43509D2827M0 Datasheet(HTML) 10 Page - TDK Electronics

Back Button B43509D2827M0 Datasheet HTML 6Page - TDK Electronics B43509D2827M0 Datasheet HTML 7Page - TDK Electronics B43509D2827M0 Datasheet HTML 8Page - TDK Electronics B43509D2827M0 Datasheet HTML 9Page - TDK Electronics B43509D2827M0 Datasheet HTML 10Page - TDK Electronics B43509D2827M0 Datasheet HTML 11Page - TDK Electronics B43509D2827M0 Datasheet HTML 12Page - TDK Electronics B43509D2827M0 Datasheet HTML 13Page - TDK Electronics B43509D2827M0 Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRtyp
300 Hz
60
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,max
100 Hz
85
°C
A
IAC,R
100 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Insulation feature
# =
Terminal style
0 = PVC insulation
6 = PET insulation
8 = PVC insulation with additional PET insulation
cap on terminal side
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 250 V DC
220
22
× 25
370
120
530
2.41
1.79
0.90
B43509E2227M0*#
270
22
× 30
290
95
410
2.87
2.13
1.07
B43509E2277M0*#
270
25
× 25
300
100
420
2.79
2.08
1.04
B43509F2277M0*#
330
22
× 35
240
75
330
3.33
2.48
1.24
B43509E2337M0*#
330
25
× 30
240
80
340
3.25
2.42
1.21
B43509F2337M0*#
390
22
× 35
210
70
300
3.61
2.68
1.34
B43509E2397M0*#
390
25
× 30
220
75
310
3.48
2.59
1.30
B43509F2397M0*#
470
22
× 40
170
60
250
4.16
3.10
1.55
B43509E2477M0*#
470
25
× 35
170
60
250
4.11
3.06
1.53
B43509F2477M0*#
470
30
× 25
200
90
300
3.60
2.68
1.34
B43509G2477M0*#
560
22
× 45
150
50
210
4.76
3.54
1.77
B43509E2567M0*#
560
25
× 40
140
50
210
4.69
3.49
1.75
B43509F2567M0*#
560
30
× 30
160
70
230
4.29
3.19
1.59
B43509G2567M0*#
560
35
× 25
180
90
270
3.98
2.96
1.48
B43509H2567M0*#
680
25
× 45
120
45
180
5.40
4.02
2.01
B43509E2687M0*#
680
30
× 35
130
55
190
4.95
3.68
1.84
B43509F2687M0*#
680
35
× 30
140
70
210
4.68
3.48
1.86
B43509G2687M0*#
820
25
× 50
100
38
150
6.02
4.48
2.24
B43509E2827M0*#
820
30
× 40
110
45
160
5.65
4.21
2.25
B43509F2827M0*#
820
35
× 30
130
70
200
4.81
3.57
1.91
B43509G2827M0*#
1000
25
× 55
85
34
130
6.94
5.16
2.58
B43509E2108M0*#
1000
30
× 45
90
40
140
6.46
4.81
2.57
B43509F2108M0*#
1000
35
× 35
100
55
160
5.69
4.23
2.25
B43509G2108M0*#
1200
30
× 50
80
36
120
7.11
5.29
2.83
B43509E2128M0*#
1200
35
× 40
85
45
130
6.47
4.81
2.57
B43509F2128M0*#
1500
35
× 45
75
40
120
7.18
5.34
2.85
B43509E2158M0*#
1800
35
× 50
65
36
100
8.03
5.97
3.18
B43509E2188M0*#
B43509
Compact
105
°C
Page 10 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43509D2827M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43509 TDK-B43509 Datasheet
621Kb / 20P
   Aluminum electrolytic capacitors Snap-in capacitors
B43509A2108M060 TDK-B43509A2108M060 Datasheet
67Kb / 2P
   Snap-in, Multi Pin, Large Size Capacitors
B43509A2108M062 TDK-B43509A2108M062 Datasheet
67Kb / 2P
   Snap-in, Multi Pin, Large Size Capacitors
B43509A2108M067 TDK-B43509A2108M067 Datasheet
67Kb / 2P
   Snap-in, Multi Pin, Large Size Capacitors
B43509A2108M080 TDK-B43509A2108M080 Datasheet
67Kb / 2P
   Snap-in, Multi Pin, Large Size Capacitors
More results

Similar Description - B43509D2827M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43641 TDK-B43641 Datasheet
728Kb / 16P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B43504 EPCOS-B43504 Datasheet
294Kb / 11P
   Snap-In Capacitors
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43640 TDK-B43640_15 Datasheet
620Kb / 20P
   Snap-in capacitors
B43642 TDK-B43642_15 Datasheet
627Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com