Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2876-5.0YMT-T5 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC2876-5.0YMT-T5
Description  4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2876-5.0YMT-T5 Datasheet(HTML) 1 Page - Microchip Technology

  MIC2876-5.0YMT-T5 Datasheet HTML 1Page - Microchip Technology MIC2876-5.0YMT-T5 Datasheet HTML 2Page - Microchip Technology MIC2876-5.0YMT-T5 Datasheet HTML 3Page - Microchip Technology MIC2876-5.0YMT-T5 Datasheet HTML 4Page - Microchip Technology MIC2876-5.0YMT-T5 Datasheet HTML 5Page - Microchip Technology MIC2876-5.0YMT-T5 Datasheet HTML 6Page - Microchip Technology MIC2876-5.0YMT-T5 Datasheet HTML 7Page - Microchip Technology MIC2876-5.0YMT-T5 Datasheet HTML 8Page - Microchip Technology MIC2876-5.0YMT-T5 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
 2016 Microchip Technology Inc.
DS20005572A-page 1
MIC2876
Features
• Up to 95% Efficiency
• Input Voltage Range from 2.5V to 5.5V
• Fully Integrated, High-Efficiency, 2 MHz
Synchronous Boost Regulator
• Bi-Directional True Load Disconnect
• Integrated Anti-Ringing Switch
• <1 µA Shutdown Current
• Bypass Mode for VIN ≥ VOUT
• Overcurrent Protection and Thermal Shutdown
• Fixed and Adjustable Output Versions
• 8-pin 2 mm × 2 mm UDFN package
Applications
• Tablets and Smartphones
• USB OTG and HDMI Hosts
• Portable Power Reserve Supplies
• High-Current Parallel Lithium Cell Applications
• Portable Equipment
General Description
The MIC2876 is a compact and highly efficient 2 MHz
synchronous boost regulator with a 4.8A switch. It
features a bi-directional load disconnect function that
prevents any leakage current between the input and
output when the device is disabled. The MIC2876
operates in bypass mode automatically when the input
voltage is greater than the target output voltage. At light
loads, the boost converter goes to the PFM mode to
improve the efficiency.
The MIC2876 also features an integrated anti-ringing
switch to minimize EMI.
The MIC2876 is available in a 8-pin 2 mm × 2 mm
UDFN package, with a junction temperature range of
–40°C to +125°C.
Package Types
MIC2876 (FIXED OUTPUT)
8-Pin 2x2 UDFN* (MT)
(Top View)
MIC2876 (ADJ. OUTPUT)
8-Pin 2x2 UDFN* (MT)
(Top View)
SW
PGND
IN
AGND
OUT
/PG
EN
OUTS
EP
1
2
3
45
6
7
8
SW
PGND
IN
AGND
OUT
/PG
EN
FB
EP
1
2
3
45
6
7
8
* Includes Exposed Thermal Pad (EP), see Table 3-1.
4.8A ISW, Synchronous Boost Regulator
with Bi-Directional Load Disconnect


Similar Part No. - MIC2876-5.0YMT-T5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2870 MICREL-MIC2870 Datasheet
2Mb / 25P
   1.5A Synchronous Boost Flash LED Driver with I2C Interface
MIC2870YFT MICREL-MIC2870YFT Datasheet
2Mb / 25P
   1.5A Synchronous Boost Flash LED Driver with I2C Interface
MIC2871 MICREL-MIC2871 Datasheet
1Mb / 24P
   1.2A High-Brightness LED Flash Driver with Single-Wire Serial Interface
MIC2871YMK MICREL-MIC2871YMK Datasheet
1Mb / 24P
   1.2A High-Brightness LED Flash Driver with Single-Wire Serial Interface
MIC2873 MICREL-MIC2873 Datasheet
1Mb / 24P
   1.2A High-Brightness Flash LED Driver with Single-Wire Serial Interface
More results

Similar Description - MIC2876-5.0YMT-T5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2875 MICREL-MIC2875 Datasheet
403Kb / 7P
   4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
logo
Microchip Technology
MIC2875 MICROCHIP-MIC2875 Datasheet
434Kb / 24P
   4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
07/14/15
logo
Micro Linear Corporatio...
ML4869 MICRO-LINEAR-ML4869 Datasheet
200Kb / 8P
   Medium Current Boost Regulator with Load Disconnect
ML4870 MICRO-LINEAR-ML4870 Datasheet
211Kb / 8P
   High Current Boost Regulator with Load Disconnect
logo
Texas Instruments
TPS61372 TI1-TPS61372_18 Datasheet
1Mb / 29P
[Old version datasheet]   16-V, 3.8-A Synchronous Boost With Load Disconnect
TPS61372 TI1-TPS61372 Datasheet
805Kb / 35P
[Old version datasheet]   16-V, 3.6-A Synchronous Boost with Load Disconnect
logo
Micro Linear Corporatio...
ML4769 MICRO-LINEAR-ML4769 Datasheet
240Kb / 8P
   2 Cell, Adjustable Output Boost Regulator with Load Disconnect
ML4770 MICRO-LINEAR-ML4770 Datasheet
239Kb / 8P
   2 Cell, Adjustable Output, High Current Boost Regulator with Load Disconnect
logo
Texas Instruments
TPS61178 TI1-TPS61178 Datasheet
728Kb / 35P
[Old version datasheet]   20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
TPS61178 TI1-TPS61178_17 Datasheet
1Mb / 40P
[Old version datasheet]   20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com