Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43509E2687M0 Datasheet(PDF) 11 Page - TDK Electronics

Part # B43509E2687M0
Description  Snap-in capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B43509E2687M0 Datasheet(HTML) 11 Page - TDK Electronics

Back Button B43509E2687M0 Datasheet HTML 7Page - TDK Electronics B43509E2687M0 Datasheet HTML 8Page - TDK Electronics B43509E2687M0 Datasheet HTML 9Page - TDK Electronics B43509E2687M0 Datasheet HTML 10Page - TDK Electronics B43509E2687M0 Datasheet HTML 11Page - TDK Electronics B43509E2687M0 Datasheet HTML 12Page - TDK Electronics B43509E2687M0 Datasheet HTML 13Page - TDK Electronics B43509E2687M0 Datasheet HTML 14Page - TDK Electronics B43509E2687M0 Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRtyp
300 Hz
60
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,max
100 Hz
85
°C
A
IAC,R
100 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Insulation feature
# =
Terminal style
0 = PVC insulation
6 = PET insulation
8 = PVC insulation with additional PET insulation
cap on terminal side
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 400 V DC
68
22
× 25
1200
330
1700
1.36
1.02
0.51
B43509A9686M0*#
82
22
× 30
960
270
1400
1.55
1.16
0.58
B43509A9826M0*#
100
22
× 30
790
220
1200
1.78
1.33
0.67
B43509A9107M0*#
100
25
× 25
800
230
1200
1.80
1.34
0.67
B43509B9107M0*#
120
22
× 35
660
190
940
2.04
1.52
0.76
B43509A9127M0*#
120
25
× 30
660
190
950
2.03
1.52
0.76
B43509B9127M0*#
150
22
× 40
530
150
760
2.41
1.80
0.90
B43509A9157M0*#
150
25
× 30
530
160
770
2.36
1.76
0.88
B43509B9157M0*#
150
30
× 25
540
170
790
2.38
1.77
0.89
B43509C9157M0*#
180
22
× 45
440
130
630
2.77
2.07
1.04
B43509A9187M0*#
180
25
× 35
440
130
640
2.70
2.01
1.01
B43509B9187M0*#
180
30
× 30
450
140
650
2.70
2.02
1.01
B43509C9187M0*#
220
22
× 50
360
100
520
3.24
2.42
1.21
B43509A9227M0*#
220
25
× 40
360
110
530
3.13
2.33
1.17
B43509B9227M0*#
220
30
× 30
380
120
550
3.05
2.27
1.13
B43509C9227M0*#
220
35
× 25
390
140
580
3.02
2.24
1.12
B43509D9227M0*#
270
25
× 45
300
90
430
3.64
2.72
1.36
B43509A9277M0*#
270
30
× 35
300
100
450
3.52
2.62
1.31
B43509B9277M0*#
270
35
× 30
320
110
460
3.49
2.60
1.39
B43509C9277M0*#
330
25
× 55
240
70
350
4.28
3.20
1.60
B43509A9337M0*#
330
30
× 40
250
80
370
4.06
3.02
1.62
B43509B9337M0*#
330
35
× 35
260
90
380
4.00
2.98
1.60
B43509C9337M0*#
390
30
× 45
210
70
310
4.58
3.42
1.83
B43509A9397M0*#
390
35
× 35
220
85
330
4.35
3.24
1.73
B43509B9397M0*#
470
30
× 55
180
55
260
5.32
3.97
2.13
B43509A9477M0*#
470
35
× 40
190
70
280
4.95
3.69
1.97
B43509B9477M0*#
560
35
× 45
160
60
240
5.60
4.17
2.23
B43509A9567M0*#
680
35
× 55
130
45
190
6.53
4.87
2.61
B43509A9687M0*#
B43509
Compact
105
°C
Page 11 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43509E2687M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43509 TDK-B43509 Datasheet
621Kb / 20P
   Aluminum electrolytic capacitors Snap-in capacitors
B43509A2108M060 TDK-B43509A2108M060 Datasheet
67Kb / 2P
   Snap-in, Multi Pin, Large Size Capacitors
B43509A2108M062 TDK-B43509A2108M062 Datasheet
67Kb / 2P
   Snap-in, Multi Pin, Large Size Capacitors
B43509A2108M067 TDK-B43509A2108M067 Datasheet
67Kb / 2P
   Snap-in, Multi Pin, Large Size Capacitors
B43509A2108M080 TDK-B43509A2108M080 Datasheet
67Kb / 2P
   Snap-in, Multi Pin, Large Size Capacitors
More results

Similar Description - B43509E2687M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43641 TDK-B43641 Datasheet
728Kb / 16P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B43504 EPCOS-B43504 Datasheet
294Kb / 11P
   Snap-In Capacitors
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43640 TDK-B43640_15 Datasheet
620Kb / 20P
   Snap-in capacitors
B43642 TDK-B43642_15 Datasheet
627Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com