Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6439UTA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6439UTA
Description  Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6439UTA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6439UTA Datasheet HTML 1Page - Maxim Integrated Products MAX6439UTA Datasheet HTML 2Page - Maxim Integrated Products MAX6439UTA Datasheet HTML 3Page - Maxim Integrated Products MAX6439UTA Datasheet HTML 4Page - Maxim Integrated Products MAX6439UTA Datasheet HTML 5Page - Maxim Integrated Products MAX6439UTA Datasheet HTML 6Page - Maxim Integrated Products MAX6439UTA Datasheet HTML 7Page - Maxim Integrated Products MAX6439UTA Datasheet HTML 8Page - Maxim Integrated Products MAX6439UTA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX6439–MAX6442 are a family of ultra-low-power
battery monitors with integrated microprocessor (µP)
supervisors. The battery monitors are offered with sin-
gle or dual low-battery output options that can be used
to signal when the battery is OK (enabling full system
operation), when the battery is low (for low-power sys-
tem operation), and when the battery is dead (to dis-
able system operation). These devices also have an
independent µP supervisor that monitors VCC and pro-
vides an active-low reset output. A manual reset func-
tion is available to reset the µP with a push-button. No
external components are required.
The MAX6439–MAX6442 are offered with several facto-
ry-trimmed low-battery threshold combinations ideal for
single-cell lithium-ion (Li+) or multicell alkaline/NiCd/
NiMH applications. When the battery voltage drops
below each specified low threshold, the low-battery out-
puts are asserted to alert the system. When the voltage
rises above the specified high thresholds, the outputs
are deasserted after a 150ms minimum timeout period,
ensuring the voltages have stabilized before power cir-
cuitry is activated or providing microprocessor reset tim-
ing. The low and high thresholds provide hysteresis in
battery-operated systems to eliminate output chattering.
The MAX6439/MAX6440 offer factory-trimmed battery
monitors with a single output. The MAX6441/MAX6442
offer factory-trimmed battery monitors with dual outputs.
All battery monitors have open-drain low-battery outputs.
The MAX6439–MAX6442 monitor system voltages
(VCC) from 1.8V to 3.3V with seven fixed reset threshold
options. Each device is offered with two minimum reset
timeout periods of 150ms or 1200ms. The MAX6439/
MAX6441 are offered with an open-drain RESET output
and the MAX6440/MAX6442 are offered with a push-
pull RESET output.
The MAX6439–MAX6442 are offered in a SOT23 pack-
age and are fully specified over a -40°C to +85°C temp-
erature range.
Applications
Battery-Powered Systems (Single-Cell Li+ or
Two-/Three-Cell NiMH, NiCd, Alkaline)
Cell Phones/Cordless Phones
Portable Medical Devices
Electronic Toys
Pagers
PDAs
MP3 Players
Features
o Factory-Trimmed VBATT Threshold Options for
Monitoring Single-Cell Li+ or Multicell
Alkaline/NiCd/NiMH Applications
o Immune to Short Battery Voltage Transients
o Low Current (2.5µA typ at 3.6V)
o Single and Dual Low-Battery Output Options
o 150ms Minimum LBO Timeout Period
o Independent µP Reset with Manual Reset
o Factory-Set Reset Thresholds for Monitoring VCC
from 1.8V to 3.3V
o Available with 150ms (min) and 1.2s (min) VCC
Reset Timeout Period Options
o -40°C to +85°C Operating Temperature Range
o Small 6- and 8-Pin SOT23 Packages
o No External Components
Low-Power, Single-/Dual-Level Battery Monitors
with Hysteresis and Integrated µP Reset
________________________________________________________________ Maxim Integrated Products
1
MR
RESET
LBO
16
VCC
5
GND
VBATT
MAX6439
MAX6440
SOT23-6
TOP VIEW
2
34
Pin Configurations
Ordering Information
19-2535; Rev 0; 7/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX6439UT_ _ _D_-T
-40°C to +85°C
6 SOT23-6
MAX6440UT_ _ _D_-T
-40°C to +85°C
6 SOT23-6
MAX6441KA_ _ _D_-T
-40°C to +85°C
8 SOT23-8
MAX6442KA_ _ _D_-T
-40°C to +85°C
8 SOT23-8
Note: The first two “_ _” are placeholders for the battery moni-
tor voltage levels. Desired threshold levels are set by the part
number suffix found in Tables 1 and 2. The third “_” is the VCC
reset threshold level suffix found in Table 3. The “_” after the D
is a placeholder for the reset timeout period suffix found in
Table 4. All devices are available in tape-and-reel only. There
is a 2500-piece minimum order increment for standard ver-
sions. Sample stock is typically held on standard versions only.
Nonstandard versions require a minimum order increment of
10,000 pieces. Contact factory for availability.
Pin Configurations continued at end of data sheet.


Similar Part No. - MAX6439UTA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6439UT___D_-T MAXIM-MAX6439UT___D_-T Datasheet
256Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated 關P Reset
2005
More results

Similar Description - MAX6439UTA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6439 MAXIM-MAX6439_V01 Datasheet
256Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated 關P Reset
2005
MAX6846 MAXIM-MAX6846 Datasheet
191Kb / 12P
   Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated UP Reset
19-2947; Rev 0; 7/03
MAX6846 MAXIM-MAX6846_05 Datasheet
257Kb / 12P
   Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated uP Reset
19-2947; Rev 1; 11/05
MAX6427 MAXIM-MAX6427 Datasheet
319Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 1; 9/03
MAX6427 MAXIM-MAX6427_05 Datasheet
379Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 2; 12/05
logo
Shanghai Consonance Ele...
CN302 CONSONANCE-CN302 Datasheet
220Kb / 9P
   Low Power Battery Monitor with Hysteresis Control
logo
TelCom Semiconductor, I...
TCM809 TELCOM-TCM809 Datasheet
60Kb / 4P
   3-PIN UP RESET MONITORS
logo
Maxim Integrated Produc...
MAX6412 MAXIM-MAX6412 Datasheet
190Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
19-2336; Rev 1; 8/03
MAX6414UK26T MAXIM-MAX6414UK26T Datasheet
193Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 5; 8/12
MAX6782 MAXIM-MAX6782_10 Datasheet
171Kb / 17P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 3; 3/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com