Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL441MNSREP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL441MNSREP
Description  LOGARITHMIC AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL441MNSREP Datasheet(HTML) 3 Page - Texas Instruments

  TL441MNSREP Datasheet HTML 1Page - Texas Instruments TL441MNSREP Datasheet HTML 2Page - Texas Instruments TL441MNSREP Datasheet HTML 3Page - Texas Instruments TL441MNSREP Datasheet HTML 4Page - Texas Instruments TL441MNSREP Datasheet HTML 5Page - Texas Instruments TL441MNSREP Datasheet HTML 6Page - Texas Instruments TL441MNSREP Datasheet HTML 7Page - Texas Instruments TL441MNSREP Datasheet HTML 8Page - Texas Instruments TL441MNSREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TL441EP
LOGARITHMIC AMPLIFIER
SGLS268 − OCTOBER 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ABSOLUTE MAXIMUM RATINGS OVER OPERATING FREE-AIR TEMPERATURE RANGE (unless
otherwise noted)
TL441−EP
VCC+
Supply voltages (see Note 1)
8 V
VCC−
Supply voltages (see Note 1)
−8 V
Input voltage (see Note 1)
6 V
Output sink current (any one output)
30 mA
θJA
Package thermal impedance (see Notes 2 and 3)
83
°C/W
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
Tstg
Storage temperature range (see Note 4)
−65
°C to 150°C
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltages, except differential out voltages, are with respect to network ground terminal.
2. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) − TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
3. The package thermal impedance is calculated in accordance with JESD 51-7.
4. Long-term high-temperature storage and/or extended use at maximum recommended operating conditions may result in a reduction
of overall device life. See http://www.ti.com/ep_quality for additional information on enhanced plastic packaging.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Peak-to-peak input voltage for each 30-dB stage
0.01
1
V
Operating free-air temperature, TA
−55
125
°C
ELECTRICAL CHARACTERISTICS, VCC± = ±6 V, TA = 255C
PARAMETER
TEST
FIGURE
MIN
TYP
MAX
UNIT
Differential output offset voltage
1
±25
±70
mV
Quiescent output voltage
2
5.45
5.6
5.85
V
DC scale factor (differential output), each 3-dB stage, −35 dBV to −5 dBV
3
7
8
11
mV/dB
AC scale factor (differential output)
8
mV/dB
DC error at −20 dBV (midpoint of −35 dBV to −5 dBV range)
3
1
2.6
dB
Input impedance
500
Output impedance
200
Rise time, 10% to 90% points, CL = 24 pF
4
20
35
ns
Supply current from VCC+
2
14.5
18.5
23
mA
Supply current from VCC−
2
−6
−8.5
−10.5
mA
Power dissipation
2
123
162
201
mW


Similar Part No. - TL441MNSREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL441MNSREP TI1-TL441MNSREP Datasheet
576Kb / 18P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
More results

Similar Description - TL441MNSREP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
4127 BURR-BROWN-4127 Datasheet
510Kb / 8P
   LOGARITHMIC AMPLIFIER
logo
Texas Instruments
TL441AM TI-TL441AM_06 Datasheet
246Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441CN TI-TL441CN Datasheet
563Kb / 20P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441-EP TI1-TL441-EP Datasheet
576Kb / 18P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441AM TI-TL441AM Datasheet
233Kb / 14P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441A TI1-TL441A Datasheet
257Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441 TI-TL441 Datasheet
226Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
logo
Analog Devices
AD8306ARZ AD-AD8306ARZ Datasheet
401Kb / 16P
   Limiting-Logarithmic Amplifier
REV. A
logo
NXP Semiconductors
TDA8780M PHILIPS-TDA8780M Datasheet
70Kb / 16P
   True logarithmic amplifier
1995 Jul 25
logo
Analog Devices
AD641 AD-AD641 Datasheet
256Kb / 16P
   250 MHz Demodulating Logarithmic Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com