Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDW40E65D1 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IDW40E65D1
Description  Rapid Switching Emitter Controlled Diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDW40E65D1 Datasheet(HTML) 2 Page - Infineon Technologies AG

  IDW40E65D1_13 Datasheet HTML 1Page - Infineon Technologies AG IDW40E65D1_13 Datasheet HTML 2Page - Infineon Technologies AG IDW40E65D1_13 Datasheet HTML 3Page - Infineon Technologies AG IDW40E65D1_13 Datasheet HTML 4Page - Infineon Technologies AG IDW40E65D1_13 Datasheet HTML 5Page - Infineon Technologies AG IDW40E65D1_13 Datasheet HTML 6Page - Infineon Technologies AG IDW40E65D1_13 Datasheet HTML 7Page - Infineon Technologies AG IDW40E65D1_13 Datasheet HTML 8Page - Infineon Technologies AG IDW40E65D1_13 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
IDW40E65D1
EmitterControlledDiodeRapid1Series
Rev.2.2,2013-12-16
RapidSwitchingEmitterControlledDiode

Features:
•650VEmitterControlledtechnology
•Temperaturestablebehaviourofkeyparameters
•Lowforwardvoltage(VF)
•Ultrafastrecovery
•Lowreverserecoverycharge(Qrr)
•Lowreverserecoverycurrent(Irrm)
•Softnessfactor>1
•175°Cjunctionoperatingtemperature
•Pb-freeleadplating;RoHScompliant
Applications:
•AC/DCconverters
•BoostdiodeinPFCstages
•Freewheelingdiodesininvertersandmotordrives
•Generalpurposeinverters
•Switchmodepowersupplies
Packagepindefinition:
•Pin1-notconnected
•Pin2andbackside-cathode
•Pin3-anode
A
C
1
2
3
KeyPerformanceandPackageParameters
Type
Vrrm
If
Vf,Tvj=25°C
Tvjmax
Marking
Package
IDW40E65D1
650V
40A
1.35V
175°C
E40ED1
PG-TO247-3


Similar Part No. - IDW40E65D1_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDW40E65D1 INFINEON-IDW40E65D1 Datasheet
1Mb / 11P
   Ultra fast recovery
Rev.1.1,2013-03-13
More results

Similar Description - IDW40E65D1_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDW30E65D1 INFINEON-IDW30E65D1_13 Datasheet
1Mb / 11P
   Rapid Switching Emitter Controlled Diode
Rev.2.2,2013-12-16
IDFW60C65D1 INFINEON-IDFW60C65D1 Datasheet
1Mb / 11P
   Emitter Controlled Diode Rapid 1 Advanced Isolation Rapid Switching Emitter Controlled Diode in fully isolated package
V 2.2 2019-05-20
IDV20E65D1 INFINEON-IDV20E65D1 Datasheet
1Mb / 11P
   Emitter Controlled Diode Rapid 1 Series
IDP30E65D1 INFINEON-IDP30E65D1 Datasheet
1Mb / 10P
   Emitter Controlled Diode Rapid 1 Series
IDW80C65D2 INFINEON-IDW80C65D2 Datasheet
1Mb / 10P
   Emitter Controlled Diode Rapid 2 Common Cathode Series
Rev.2.1,2014-12-09
IDW30C65D1 INFINEON-IDW30C65D1 Datasheet
1Mb / 11P
   Emitter Controlled Diode Rapid 1 Common Cathode Series
Rev.2.1,2014-12-09
IDW30C65D2 INFINEON-IDW30C65D2 Datasheet
1Mb / 10P
   Emitter Controlled Diode Rapid 2 Common Cathode Series
Rev.2.1,2014-12-09
IDW80C65D1 INFINEON-IDW80C65D1 Datasheet
1Mb / 11P
   Emitter Controlled Diode Rapid 1 Common Cathode Series
Rev.2.1,2014-12-10
IDW60C65D1 INFINEON-IDW60C65D1 Datasheet
1Mb / 11P
   Emitter Controlled Diode Rapid 1 Common Cathode Series
Rev.2.1,2014-12-10
IDP30C65D2 INFINEON-IDP30C65D2 Datasheet
1Mb / 10P
   Emitter Controlled Diode Rapid 2 Common Cathode Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com