Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL441-EP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TL441-EP
Description  LOGARITHMIC AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL441-EP Datasheet(HTML) 4 Page - Texas Instruments

  TL441-EP Datasheet HTML 1Page - Texas Instruments TL441-EP Datasheet HTML 2Page - Texas Instruments TL441-EP Datasheet HTML 3Page - Texas Instruments TL441-EP Datasheet HTML 4Page - Texas Instruments TL441-EP Datasheet HTML 5Page - Texas Instruments TL441-EP Datasheet HTML 6Page - Texas Instruments TL441-EP Datasheet HTML 7Page - Texas Instruments TL441-EP Datasheet HTML 8Page - Texas Instruments TL441-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TL441EP
LOGARITHMIC AMPLIFIER
SGLS268 − OCTOBER 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ELECTRICAL CHARACTERISTICS OVER OPERATING FREE-AIR TEMPERATURE RANGE,
VCC± = ±6 V (unless otherwise noted)
PARAMETER
TEST FIGURE
MIN
MAX
UNIT
Differential output offset voltage
1
±125
mV
Quiescent output voltage
2
5.3
5.85
V
DC scale factor (differential output) each 30-dB stage, −35 dBV to −5 dBV
3
6
11
mV/dB
DC error at −20 dBV (midpoint of −35 dBV to −5 dBV range)
TA = −55°C
3
4
dB
DC error at −20 dBV (midpoint of −35 dBV to −5 dBV range)
TA = 125°C
3
3
dB
Supply current from VCC+
2
10
31
mA
Supply current from VCC−
2
−4.5
−15
mA
Power dissipation
2
87
276
mW
PARAMETER MEASUREMENT INFORMATION
Figure 1
VCC+
VCC−
CA2 CA2′ VCC + VCC −
Y
Y
Z
Z
DVM
CB2 CB2′ GND
A1
A2
B1
B2
Figure 2
CA2 CA2′ VCC+ VCC−
Y
Y
Z
Z
CB2 CB2′ GND
A1
A2
B1
B2
VCC+
VCC−
ICC +
ICC −
VO
PD = VCC+ ICC+ + VCC− ICC−


Similar Part No. - TL441-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL441-EP TI1-TL441-EP Datasheet
576Kb / 18P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
More results

Similar Description - TL441-EP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
4127 BURR-BROWN-4127 Datasheet
510Kb / 8P
   LOGARITHMIC AMPLIFIER
logo
Texas Instruments
TL441AM TI-TL441AM_06 Datasheet
246Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441CN TI-TL441CN Datasheet
563Kb / 20P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441-EP TI1-TL441-EP Datasheet
576Kb / 18P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441AM TI-TL441AM Datasheet
233Kb / 14P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441A TI1-TL441A Datasheet
257Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441 TI-TL441 Datasheet
226Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
logo
Analog Devices
AD8306ARZ AD-AD8306ARZ Datasheet
401Kb / 16P
   Limiting-Logarithmic Amplifier
REV. A
logo
NXP Semiconductors
TDA8780M PHILIPS-TDA8780M Datasheet
70Kb / 16P
   True logarithmic amplifier
1995 Jul 25
logo
Analog Devices
AD641 AD-AD641 Datasheet
256Kb / 16P
   250 MHz Demodulating Logarithmic Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com