Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43509B9107M0 Datasheet(PDF) 6 Page - TDK Electronics

Part # B43509B9107M0
Description  Snap-in capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B43509B9107M0 Datasheet(HTML) 6 Page - TDK Electronics

Back Button B43509B9107M0 Datasheet HTML 2Page - TDK Electronics B43509B9107M0 Datasheet HTML 3Page - TDK Electronics B43509B9107M0 Datasheet HTML 4Page - TDK Electronics B43509B9107M0 Datasheet HTML 5Page - TDK Electronics B43509B9107M0 Datasheet HTML 6Page - TDK Electronics B43509B9107M0 Datasheet HTML 7Page - TDK Electronics B43509B9107M0 Datasheet HTML 8Page - TDK Electronics B43509B9107M0 Datasheet HTML 9Page - TDK Electronics B43509B9107M0 Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Packing of snap-in capacitors
For ecological reasons the packing is pure cardboard. Components can be withdrawn (in full or in
part) in the correct position for insertion.
Ordering codes for terminal styles and insulation features
Identification in 3rd block of ordering code
Snap-in capacitors
Terminal version
Insulation version
PVC
PET
PVC plus PET cap
Standard terminals 6.3 mm
M000
M060
M080
Short terminals 4.5 mm
M007
M067
M087
3 terminals 4.5 mm
M002
M062
M082
Ordering examples:
B43509A9107M007
}
snap-in capacitor with short terminals and standard PVC insulation
B43509A9107M062
}
snap-in capacitor with 3 terminals and PET insulation
B43509A9107M080
}
snap-in capacitor with standard terminals and PVC insulation with
additional PET insulation cap on terminal side
B43509
Compact
105
°C
Page 6 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43509B9107M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43509B2108M060 TDK-B43509B2108M060 Datasheet
67Kb / 2P
   Snap-in, Multi Pin, Large Size Capacitors
B43509B2108M062 TDK-B43509B2108M062 Datasheet
67Kb / 2P
   Snap-in, Multi Pin, Large Size Capacitors
B43509B2108M067 TDK-B43509B2108M067 Datasheet
67Kb / 2P
   Snap-in, Multi Pin, Large Size Capacitors
B43509B2108M080 TDK-B43509B2108M080 Datasheet
67Kb / 2P
   Snap-in, Multi Pin, Large Size Capacitors
B43509B2108M082 TDK-B43509B2108M082 Datasheet
67Kb / 2P
   Snap-in, Multi Pin, Large Size Capacitors
More results

Similar Description - B43509B9107M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43641 TDK-B43641 Datasheet
728Kb / 16P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B43504 EPCOS-B43504 Datasheet
294Kb / 11P
   Snap-In Capacitors
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43640 TDK-B43640_15 Datasheet
620Kb / 20P
   Snap-in capacitors
B43642 TDK-B43642_15 Datasheet
627Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com