Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6440UTA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX6440UTA
Description  Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6440UTA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX6440UTA Datasheet HTML 6Page - Maxim Integrated Products MAX6440UTA Datasheet HTML 7Page - Maxim Integrated Products MAX6440UTA Datasheet HTML 8Page - Maxim Integrated Products MAX6440UTA Datasheet HTML 9Page - Maxim Integrated Products MAX6440UTA Datasheet HTML 10Page - Maxim Integrated Products MAX6440UTA Datasheet HTML 11Page - Maxim Integrated Products MAX6440UTA Datasheet HTML 12Page - Maxim Integrated Products MAX6440UTA Datasheet HTML 13Page - Maxim Integrated Products MAX6440UTA Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DC-to-DC Converter Application
The MAX6441/MAX6442 triple-output battery monitors
can be used in conjunction with a DC-to-DC converter
to power microprocessor systems using a single Li+
cell or two to three alkaline/NiCd/NiMH cells. The LBOH
output indicates that the battery voltage is weak, and is
used to warn the microprocessor of potential problems.
Armed with this information, the microprocessor can
reduce system power consumption. The LBOL output
indicates the battery is empty, and system power
should be disabled. By connecting LBOL to the SHDN
pin of the DC-to-DC converter, power to the microproces-
sor is removed. Microprocessor power does not return
until the battery has recharged to a voltage greater than
VLTH+ (see Figure 7).
Low-Power, Single-/Dual-Level Battery Monitors
with Hysteresis and Integrated µP Reset
______________________________________________________________________________________
11
UPPER THRESHOLD (HTH)
VOLTAGES
3.3V
3.4V
3.5V
3.6V
2.6V
AG
AH
AI
AJ
2.7V
BG
BH
BI
BJ
2.8V
CG
CH
CI
CJ
2.9V
DG
DH
DI
DJ
3.0V
EG
EH
EI
EJ
LOWER
THRESHOLD
(LTH)
3.1V
FG
FH
FI
FJ
Table 1. Factory-Trimmed Lower and Upper Threshold Combinations for Single-Cell Li+
or Three-Cell Alkaline/NiCd/NiMH Applications
UPPER THRESHOLD (HTH)
VOLTAGES
2.3V
2.4V
2.5V
2.6V
1.6V
KQ
KR
KS
KT
1.7V
LQ
LR
LS
LT
1.8V
MQ
MR
MS
MT
1.9V
NQ
NR
NS
NT
2.0V
OQ
OR
OS
OT
LOWER
THRESHOLD
(LTH)
2.1V
PQ
PR
PS
PT
Table 2. Factory-Trimmed Lower and Upper Threshold Combinations for Two-Cell
Alkaline/NiCd/NiMH Applications
PART NO.
SUFFIX
( _ )
VCC NOMINAL
RESET
THRESHOLD (V)
T
3.075
S
2.925
R
2.625
Z
2.313
Y
2.188
W
1.665
V
1.575
Table 3. Factory-Trimmed VCC Reset
Threshold Levels
ACTIVE TIMEOUT PERIOD (ms)
TIMEOUT
PERIOD SUFFIX
MIN
MAX
D3
150
300
D7
1200
2400
Table 4. VCC Reset Timeout Period Suffix
Guide


Similar Part No. - MAX6440UTA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6440UT___D_-T MAXIM-MAX6440UT___D_-T Datasheet
256Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated 關P Reset
2005
More results

Similar Description - MAX6440UTA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6439 MAXIM-MAX6439_V01 Datasheet
256Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated 關P Reset
2005
MAX6846 MAXIM-MAX6846 Datasheet
191Kb / 12P
   Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated UP Reset
19-2947; Rev 0; 7/03
MAX6846 MAXIM-MAX6846_05 Datasheet
257Kb / 12P
   Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated uP Reset
19-2947; Rev 1; 11/05
MAX6427 MAXIM-MAX6427 Datasheet
319Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 1; 9/03
MAX6427 MAXIM-MAX6427_05 Datasheet
379Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 2; 12/05
logo
Shanghai Consonance Ele...
CN302 CONSONANCE-CN302 Datasheet
220Kb / 9P
   Low Power Battery Monitor with Hysteresis Control
logo
TelCom Semiconductor, I...
TCM809 TELCOM-TCM809 Datasheet
60Kb / 4P
   3-PIN UP RESET MONITORS
logo
Maxim Integrated Produc...
MAX6412 MAXIM-MAX6412 Datasheet
190Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
19-2336; Rev 1; 8/03
MAX6414UK26T MAXIM-MAX6414UK26T Datasheet
193Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 5; 8/12
MAX6782 MAXIM-MAX6782_10 Datasheet
171Kb / 17P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 3; 3/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com