Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2583 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2583
Description  Single Channel Hot Swap Controllers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2583 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2583 Datasheet HTML 1Page - Micrel Semiconductor MIC2583 Datasheet HTML 2Page - Micrel Semiconductor MIC2583 Datasheet HTML 3Page - Micrel Semiconductor MIC2583 Datasheet HTML 4Page - Micrel Semiconductor MIC2583 Datasheet HTML 5Page - Micrel Semiconductor MIC2583 Datasheet HTML 6Page - Micrel Semiconductor MIC2583 Datasheet HTML 7Page - Micrel Semiconductor MIC2583 Datasheet HTML 8Page - Micrel Semiconductor MIC2583 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
April 2003
1
MIC2582/MIC2583
MIC2582/MIC2583
Micrel
MIC2582/MIC2583
Single Channel Hot Swap Controllers
Final
General Description
The MIC2582 and MIC2583 are single channel positive
voltage hot swap controllers designed to allow the safe
insertion of boards into live system backplanes. The MIC2582
and MIC2583 are available in 8-pin SOIC and 16-pin QSOP
packages, respectively. Using a few external components
and by controlling the gate drive of an external N-Channel
MOSFET device, the MIC2582/83 provide inrush current
limiting and output voltage slew rate control in harsh, critical
power supply environments. Additionally, a circuit breaker
function will latch the output MOSFET off if the current limit
threshold is exceeded for a determined period. The MIC2583R
option includes an auto-restart function upon detecting an
overcurrent condition.
Typical Application
SENSE
DOWNSTREAM
CONTROLLER
Power-Good Output
Power-On Reset Output
VCC
GATE
DIS
PWRGD
/POR
EN
/RESET
FB
FAULT
C2
0.01
µF
C1
1
µF
CLOAD
500
µF
Q1
Si7892DP
(PowerPAK™ SO-8)
VOUT
12V@6A
VIN
12V
VIN
/FAULT
Signal
GND
R5
93.1k
1%
R8
47k
R1
3.3
R2
76.8k
1%
R4
47k
R3
9.76k
1%
**D1
(18V)
R6
12.4k
1%
C4
8200pF
C3
0.1
µF
CPOR
CFILTER
GND
PCB EDGE
CONNECTOR
BACKPLANE
CONNECTOR
Long Pin
Short Pin
Medium
(or Short) Pin
Long Pin
MIC2583/83R
VIN
R7
47k
RSENSE
0.006
2%
12
34
16
15
14
13
2
1
12
5
7, 8
4
11
ON
3
*Undervoltage (Input) = 10.5V
*Undervoltage (Output) &
Power-Good (Output) = 11.0V
*START-UP Delay = 12ms
*/POR Delay = 50ms
*Circuit Breaker Response Time = 1.5ms
**D1 is BZX84C18
*(See Functional Description and Applications Information)
Figure 1. MIC2583/83R Typical Application Circuit
Features
• MIC2582:
Pin-for-pin functional equivalent to the LTC1422
• 2.3V to 13.2V supply voltage operation
• Surge voltage protection up to 20V
• Current regulation limits inrush current regardless of
load capacitance
• Programmable inrush current limiting
• Electronic circuit breaker
• Dual-level overcurrent fault sensing eliminates false
tripping
• Fast response to short circuit conditions (<1
µs)
• Programmable output undervoltage detection
• Undervoltage Lockout (UVLO) protection
• Auto-restart function (MIC2583R)
• Power-On Reset and Power-Good status outputs
(Power-Good for the MIC2583 and MIC2583R only)
• /FAULT status output (MIC2583 and MIC2583R)
Applications
• RAID systems
• Base stations
• PC board hot swap insertion and removal
• Hot swap CompactPCI cards
• Network switches
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com


Similar Part No. - MIC2583

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2583 MICROCHIP-MIC2583 Datasheet
2Mb / 32P
   Single-Channel Hot Swap Controllers
02/28/20
logo
Micrel Semiconductor
MIC2583-JBQS MICREL-MIC2583-JBQS Datasheet
831Kb / 25P
   Single Channel Hot Swap Controllers
MIC2583-JYQS MICREL-MIC2583-JYQS Datasheet
831Kb / 25P
   Single Channel Hot Swap Controllers
MIC2583-JYQS MICREL-MIC2583-JYQS Datasheet
1Mb / 27P
   Single-Channel Hot Swap Controllers
logo
Microchip Technology
MIC2583-JYQS-TR MICROCHIP-MIC2583-JYQS-TR Datasheet
2Mb / 32P
   Single-Channel Hot Swap Controllers
02/28/20
More results

Similar Description - MIC2583

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2085 MICREL-MIC2085 Datasheet
1,014Kb / 29P
   Single Channel Hot Swap Controllers
logo
Microchip Technology
MIC2582 MICROCHIP-MIC2582 Datasheet
2Mb / 32P
   Single-Channel Hot Swap Controllers
02/28/20
logo
Micrel Semiconductor
MIC2582 MICREL-MIC2582_14 Datasheet
1Mb / 27P
   Single-Channel Hot Swap Controllers
MIC2582 MICREL-MIC2582_09 Datasheet
831Kb / 25P
   Single Channel Hot Swap Controllers
logo
Maxim Integrated Produc...
MAX5977A_1107 MAXIM-MAX5977A_1107 Datasheet
1Mb / 13P
   1V to 16V, Single-Channel, Hot-Swap Controllers 1V to 16V, Single-Channel, Hot-Swap Controllers
Rev 2; 7/11
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC1647-2 LINER-LTC1647-2_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC1647-1 LINER-LTC1647-1 Datasheet
249Kb / 20P
   Dual Hot Swap Controllers
LTC1647-3 LINER-LTC1647-3_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC4253 LINER-LTC4253_12 Datasheet
310Kb / 34P
   ??8V Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com