Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10LVEP11 Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC10LVEP11
Description  ECL 1:2 Differential Fanout Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10LVEP11 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC10LVEP11_16 Datasheet HTML 4Page - ON Semiconductor MC10LVEP11_16 Datasheet HTML 5Page - ON Semiconductor MC10LVEP11_16 Datasheet HTML 6Page - ON Semiconductor MC10LVEP11_16 Datasheet HTML 7Page - ON Semiconductor MC10LVEP11_16 Datasheet HTML 8Page - ON Semiconductor MC10LVEP11_16 Datasheet HTML 9Page - ON Semiconductor MC10LVEP11_16 Datasheet HTML 10Page - ON Semiconductor MC10LVEP11_16 Datasheet HTML 11Page - ON Semiconductor MC10LVEP11_16 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MC10LVEP11, MC100LVEP11
www.onsemi.com
8
Figure 3. Typical Phase Noise Plot at
fcarrier = 156.25 MHz
Figure 4. Typical Phase Noise Plot at
fcarrier = 311.04 MHz
Figure 5. Typical Phase Noise Plot at
fcarrier = 1.5 GHz
Figure 6. Typical Phase Noise Plot at
fcarrier = 2 GHz
The above phase noise plots captured using Agilent
E5052A show additive phase noise of the MC100LVEP11
device at frequencies 156.25 MHz, 311.04 MHz, 1.5 GHz
and 2 GHz respectively at an operating voltage of 3.3 V in
room temperature. The RMS Phase Jitter contributed by the
device (integrated between 12 kHz and 20 MHz; as shown
in the shaded region of the plot) at each of the frequencies
is 66 fs, 37 fs, 14 fs and 13 fs respectively. The input source
used for the phase noise measurements is Agilent E8663B.


Similar Part No. - MC10LVEP11_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10LVEP11D ONSEMI-MC10LVEP11D Datasheet
134Kb / 10P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
February, 2005 ??Rev. 7
MC10LVEP11D ONSEMI-MC10LVEP11D Datasheet
166Kb / 12P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 11
MC10LVEP11DG ONSEMI-MC10LVEP11DG Datasheet
166Kb / 12P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 11
MC10LVEP11DR2 ONSEMI-MC10LVEP11DR2 Datasheet
134Kb / 10P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
February, 2005 ??Rev. 7
MC10LVEP11DR2 ONSEMI-MC10LVEP11DR2 Datasheet
166Kb / 12P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 11
More results

Similar Description - MC10LVEP11_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11_16 Datasheet
191Kb / 12P
   ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
MC100LVEL11 ONSEMI-MC100LVEL11_15 Datasheet
99Kb / 8P
   ECL 1:2 Differential Fanout Buffer
January, 2015 ??Rev. 13
MC100LVEL11 ONSEMI-MC100LVEL11_06 Datasheet
141Kb / 8P
   3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
logo
Fairchild Semiconductor
100LVEL11 FAIRCHILD-100LVEL11 Datasheet
131Kb / 6P
   3.3V ECL 1:2 Differential Fanout Buffer
logo
Arizona Microtek, Inc
AZ10EL11 AZM-AZ10EL11 Datasheet
76Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
AZ10LVEL11 AZM-AZ10LVEL11 Datasheet
88Kb / 7P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
Fairchild Semiconductor
100EL11 FAIRCHILD-100EL11 Datasheet
130Kb / 5P
   5V ECL 1:2 Differential Fanout Buffer
logo
List of Unclassifed Man...
AZ10EL11 ETC-AZ10EL11 Datasheet
137Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
Arizona Microtek, Inc
AZ100LVEL11 AZM-AZ100LVEL11_12 Datasheet
476Kb / 8P
   PECL/ECL 1:2 Differential Fanout Buffer
logo
Motorola, Inc
MC100ES6011 MOTOROLA-MC100ES6011 Datasheet
351Kb / 8P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com