Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54312 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54312
Description  3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54312 Datasheet(HTML) 4 Page - Texas Instruments

  TPS54312 Datasheet HTML 1Page - Texas Instruments TPS54312 Datasheet HTML 2Page - Texas Instruments TPS54312 Datasheet HTML 3Page - Texas Instruments TPS54312 Datasheet HTML 4Page - Texas Instruments TPS54312 Datasheet HTML 5Page - Texas Instruments TPS54312 Datasheet HTML 6Page - Texas Instruments TPS54312 Datasheet HTML 7Page - Texas Instruments TPS54312 Datasheet HTML 8Page - Texas Instruments TPS54312 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TPS54310-EP
SLVS818 – APRIL 2008 ..................................................................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
TJ = –55°C to 125°C, VIN = 3 V to 6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OSCILLATOR
SYNC
≤ 0.8 V, RT open
255
350
450
Internally set free-running frequency range
kHz
SYNC
≥ 2.5 V, RT open
400
550
700
RT = 180 k
Ω (1% resistor to AGND)(4)
245
280
313
Externally set free-running frequency range
RT = 100 k
Ω (1% resistor to AGND)
450
500
550
kHz
RT = 68 k
Ω (1% resistor to AGND)
650
700
775
High-level threshold voltage, SYNC
2.5
V
Low-level threshold voltage, SYNC
0.8
V
Pulse duration, SYNC(5)
50
Frequency range, SYNC(5)
330
700
kHz
Ramp valley(4)
0.75
V
Ramp amplitude (peak-to-peak)(4)
1
V
Minimum controllable on time
200
ns
Maximum duty cycle
90%
ERROR AMPLIFIER
Error amplifier open loop voltage gain
1 k
Ω COMP to AGND(5)
90
110
dB
Error amplifier unity gain bandwidth
Parallel 10 k
Ω, 160 pF COMP to AGND(5)
3
5
MHz
Error amplifier common-mode input voltage range
Powered by internal LDO(5)
0
VBIAS
V
IIB
Input bias current, VSENSE
VSENSE = Vref
60
250
nA
VO
Output voltage slew rate (symmetric), COMP
1.4
V/µs
PWM COMPARATOR
PWM comparator propagation delay time, PWM
10 mV overdrive(5)
70
85
ns
comparator input to PH pin (excluding dead time)
SLOW-START/ENABLE
Enable threshold voltage, SS/ENA
0.82
1.20
1.45
V
Enable hysteresis voltage, SS/ENA(4)
0.03
V
Falling edge deglitch, SS/ENA(4)
2.5
µs
Internal slow-start time
2.2
3.35
4.1
ms
Charge current, SS/ENA
SS/ENA = 0 V
2.5
5
8
µA
Discharge current, SS/ENA
SS/ENA = 0.2 V, VI = 2.7 V
1.2
2.3
4
mA
POWER GOOD
Power good threshold voltage
VSENSE falling
90
%Vref
Power good hysteresis voltage(4)
3
%Vref
Power good falling edge deglitch(4)
35
µs
Output saturation voltage, PWRGD
I(sink) = 2.5 mA
0.18
0.30
V
Leakage current, PWRGD
VI = 5.0 V
1
µA
CURRENT LIMIT
VI = 3 V, output shorted
(5)
4
6.5
Current limit trip point
A
VI = 6 V, output shorted
(5)
4.5
7.5
Current limit leading edge blanking time(4)
100
ns
Current limit total response time(4)
200
ns
THERMAL SHUTDOWN
Thermal shutdown trip point(4)
135
150
165
°C
Thermal shutdown hysteresis(4)
10
°C
OUTPUT POWER MOSFETS
IO = 0.5 A, VI = 6 V
(6)
59
88
rDS(on) Power MOSFET switches
m
IO = 0.5 A, VI = 3 V
(6)
85
136
(4)
Specified by design
(5)
Specified by design for TJ = -40°C to 125°C
(6)
Matched MOSFETs, low side rDS(on) production tested, high side rDS(on) specified by design.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS54310-EP


Similar Part No. - TPS54312

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54312 TI-TPS54312 Datasheet
553Kb / 10P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54312 TI-TPS54312 Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54312 TI-TPS54312 Datasheet
1Mb / 27P
[Old version datasheet]   TPS5431x 3-V to 6-V Input, 3-A Output Synchronous Buck PWM Switcher With Integrated FETs (SWIFT??
TPS54312 TI1-TPS54312 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs
TPS54312-EP TI1-TPS54312-EP Datasheet
718Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
More results

Similar Description - TPS54312

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310 TI-TPS54310_15 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs (SWIFT??
TPS54314PWPR TI-TPS54314PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54311-EP TI1-TPS54311-EP Datasheet
731Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310-EP TI-TPS54310-EP Datasheet
751Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT,SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT??
TPS54314PWPR TI1-TPS54314PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611 TI1-TPS54611 Datasheet
1Mb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54616MPWPREP TI-TPS54616MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com