Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10SX1189 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC10SX1189
Description  Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10SX1189 Datasheet(HTML) 5 Page - ON Semiconductor

  MC10SX1189_16 Datasheet HTML 1Page - ON Semiconductor MC10SX1189_16 Datasheet HTML 2Page - ON Semiconductor MC10SX1189_16 Datasheet HTML 3Page - ON Semiconductor MC10SX1189_16 Datasheet HTML 4Page - ON Semiconductor MC10SX1189_16 Datasheet HTML 5Page - ON Semiconductor MC10SX1189_16 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MC10SX1189
www.onsemi.com
5
PACKAGE DIMENSIONS
SOIC−16
CASE 751B−05
ISSUE K
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS AAND B DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR PROTRUSION
SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D
DIMENSION AT MAXIMUM MATERIAL CONDITION.
18
16
9
SEATING
PLANE
F
J
M
R X 45_
G
8 PL
P
−B−
−A−
M
0.25 (0.010)
B S
−T−
D
K
C
16 PL
S
B
M
0.25 (0.010)
A S
T
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
9.80
10.00
0.386
0.393
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 BSC
0.050 BSC
J
0.19
0.25
0.008
0.009
K
0.10
0.25
0.004
0.009
M
0
7
0
7
P
5.80
6.20
0.229
0.244
R
0.25
0.50
0.010
0.019
____
6.40
16X
0.58
16X
1.12
1.27
DIMENSIONS: MILLIMETERS
1
PITCH
SOLDERING FOOTPRINT
STYLE 1:
PIN 1.
COLLECTOR
2.
BASE
3.
EMITTER
4.
NO CONNECTION
5.
EMITTER
6.
BASE
7.
COLLECTOR
8.
COLLECTOR
9.
BASE
10.
EMITTER
11.
NO CONNECTION
12.
EMITTER
13.
BASE
14.
COLLECTOR
15.
EMITTER
16.
COLLECTOR
STYLE 2:
PIN 1.
CATHODE
2.
ANODE
3.
NO CONNECTION
4.
CATHODE
5.
CATHODE
6.
NO CONNECTION
7.
ANODE
8.
CATHODE
9.
CATHODE
10.
ANODE
11.
NO CONNECTION
12.
CATHODE
13.
CATHODE
14.
NO CONNECTION
15.
ANODE
16.
CATHODE
STYLE 3:
PIN 1.
COLLECTOR, DYE #1
2.
BASE, #1
3.
EMITTER, #1
4.
COLLECTOR, #1
5.
COLLECTOR, #2
6.
BASE, #2
7.
EMITTER, #2
8.
COLLECTOR, #2
9.
COLLECTOR, #3
10.
BASE, #3
11.
EMITTER, #3
12.
COLLECTOR, #3
13.
COLLECTOR, #4
14.
BASE, #4
15.
EMITTER, #4
16.
COLLECTOR, #4
STYLE 4:
PIN 1.
COLLECTOR, DYE #1
2.
COLLECTOR, #1
3.
COLLECTOR, #2
4.
COLLECTOR, #2
5.
COLLECTOR, #3
6.
COLLECTOR, #3
7.
COLLECTOR, #4
8.
COLLECTOR, #4
9.
BASE, #4
10.
EMITTER, #4
11.
BASE, #3
12.
EMITTER, #3
13.
BASE, #2
14.
EMITTER, #2
15.
BASE, #1
16.
EMITTER, #1
STYLE 5:
PIN 1.
DRAIN, DYE #1
2.
DRAIN, #1
3.
DRAIN, #2
4.
DRAIN, #2
5.
DRAIN, #3
6.
DRAIN, #3
7.
DRAIN, #4
8.
DRAIN, #4
9.
GATE, #4
10.
SOURCE, #4
11.
GATE, #3
12.
SOURCE, #3
13.
GATE, #2
14.
SOURCE, #2
15.
GATE, #1
16.
SOURCE, #1
STYLE 6:
PIN 1.
CATHODE
2.
CATHODE
3.
CATHODE
4.
CATHODE
5.
CATHODE
6.
CATHODE
7.
CATHODE
8.
CATHODE
9.
ANODE
10.
ANODE
11.
ANODE
12.
ANODE
13.
ANODE
14.
ANODE
15.
ANODE
16.
ANODE
STYLE 7:
PIN 1.
SOURCE N‐CH
2.
COMMON DRAIN (OUTPUT)
3.
COMMON DRAIN (OUTPUT)
4.
GATE P‐CH
5.
COMMON DRAIN (OUTPUT)
6.
COMMON DRAIN (OUTPUT)
7.
COMMON DRAIN (OUTPUT)
8.
SOURCE P‐CH
9.
SOURCE P‐CH
10.
COMMON DRAIN (OUTPUT)
11.
COMMON DRAIN (OUTPUT)
12.
COMMON DRAIN (OUTPUT)
13.
GATE N‐CH
14.
COMMON DRAIN (OUTPUT)
15.
COMMON DRAIN (OUTPUT)
16.
SOURCE N‐CH
16
89
8X
*For additional information on our Pb-Free
strategy and soldering details, please
download the ON Semiconductor Soldering
and Mounting Techniques Reference Man-
ual, SOLDERRM/D.


Similar Part No. - MC10SX1189_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10SX1189D ONSEMI-MC10SX1189D Datasheet
128Kb / 5P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 4
MC10SX1189DG ONSEMI-MC10SX1189DG Datasheet
128Kb / 5P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 4
MC10SX1189DR2 ONSEMI-MC10SX1189DR2 Datasheet
128Kb / 5P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 4
MC10SX1189DR2G ONSEMI-MC10SX1189DR2G Datasheet
128Kb / 5P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 4
MC10SX1189 ONSEMI-MC10SX1189_06 Datasheet
128Kb / 5P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 4
More results

Similar Description - MC10SX1189_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10SX1189 ONSEMI-MC10SX1189_06 Datasheet
128Kb / 5P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 4
MC10SX1190 ONSEMI-MC10SX1190_06 Datasheet
142Kb / 6P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 3
logo
Micrel Semiconductor
SY10EL1189 MICREL-SY10EL1189_03 Datasheet
60Kb / 4P
   FIBRE CHANNEL COAXIAL CABLE DRIVER AND LOOP RESILIENCY CIRCUIT
logo
ON Semiconductor
MC10SX1189 ONSEMI-MC10SX1189 Datasheet
79Kb / 4P
   FIBRE CHANNEL COAXIAL CABLE DRIVER AND LOOP RESILIENCY CIRCUIT
1996 REV 1
MC10SX1190 ONSEMI-MC10SX1190 Datasheet
105Kb / 8P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
December, 1999 ??Rev. 1
logo
Micrel Semiconductor
SY10EL1189 MICREL-SY10EL1189 Datasheet
53Kb / 4P
   FIBRE CHANNEL COAXIAL
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89 Datasheet
86Kb / 3P
   Coaxial Cable Driver
1996 REV 2
logo
Micrel Semiconductor
SY10EL89 MICREL-SY10EL89 Datasheet
54Kb / 4P
   COAXIAL CABLE DRIVER
SY10EL89 MICREL-SY10EL89_03 Datasheet
60Kb / 4P
   COAXIAL CABLE DRIVER
logo
ON Semiconductor
MC10EP89 ONSEMI-MC10EP89 Datasheet
97Kb / 8P
   Coaxial Cable Driver
December, 1999 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com