Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100E310 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC100E310
Description  5 V ECL Low Voltage 2:8 Differential Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E310 Datasheet(HTML) 6 Page - ON Semiconductor

  MC100E310_16 Datasheet HTML 1Page - ON Semiconductor MC100E310_16 Datasheet HTML 2Page - ON Semiconductor MC100E310_16 Datasheet HTML 3Page - ON Semiconductor MC100E310_16 Datasheet HTML 4Page - ON Semiconductor MC100E310_16 Datasheet HTML 5Page - ON Semiconductor MC100E310_16 Datasheet HTML 6Page - ON Semiconductor MC100E310_16 Datasheet HTML 7Page - ON Semiconductor MC100E310_16 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC100E310
www.onsemi.com
6
Figure 3. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V
Resource Reference of Application Notes
AN1405/D
− ECL Clock Distribution Techniques
AN1406/D
− Designing with PECL (ECL at +5.0 V)
AN1503/D
− ECLinPSt I/O SPiCE Modeling Kit
AN1504/D
− Metastability and the ECLinPS Family
AN1568/D
− Interfacing Between LVDS and ECL
AN1672/D
− The ECL Translator Guide
AND8001/D − Odd Number Counters Design
AND8002/D − Marking and Date Codes
AND8020/D − Termination of ECL Logic Devices
AND8066/D − Interfacing with ECLinPS
AND8090/D − AC Characteristics of ECL Devices


Similar Part No. - MC100E310_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100E310FN ONSEMI-MC100E310FN Datasheet
133Kb / 8P
   5V ECL Low Voltage 2:8 Differential Fanout Buffer
October, 2006 ??Rev. 5
MC100E310FNG ONSEMI-MC100E310FNG Datasheet
133Kb / 8P
   5V ECL Low Voltage 2:8 Differential Fanout Buffer
October, 2006 ??Rev. 5
MC100E310FNR2 ONSEMI-MC100E310FNR2 Datasheet
133Kb / 8P
   5V ECL Low Voltage 2:8 Differential Fanout Buffer
October, 2006 ??Rev. 5
MC100E310FNR2G ONSEMI-MC100E310FNR2G Datasheet
133Kb / 8P
   5V ECL Low Voltage 2:8 Differential Fanout Buffer
October, 2006 ??Rev. 5
More results

Similar Description - MC100E310_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100E310 ONSEMI-MC100E310 Datasheet
133Kb / 8P
   5V ECL Low Voltage 2:8 Differential Fanout Buffer
October, 2006 ??Rev. 5
MC100LVE310 ONSEMI-MC100LVE310_16 Datasheet
158Kb / 7P
   3.3 V ECL 2:8 Differential Fanout Buffer
July, 2016 ??Rev. 6
MC100LVE310 ONSEMI-MC100LVE310_06 Datasheet
128Kb / 7P
   3.3V ECL 2:8 Differential Fanout Buffer
November, 2006 ??Rev. 4
MC100LVE310 ONSEMI-MC100LVE310 Datasheet
130Kb / 6P
   LOW VOLTAGE 2:8 DIFFERENTIAL FANOUT BUFFER
1996 REV 0.1
logo
Micrel Semiconductor
SY100E310L MICREL-SY100E310L Datasheet
75Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
SY100E310L_0607 MICREL-SY100E310L_0607 Datasheet
71Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
logo
ON Semiconductor
MC10EL11 ONSEMI-MC10EL11_16 Datasheet
166Kb / 8P
   5.0V ECL 1:2 Differential Fanout Buffer
July, 2016??Rev. 11
MC10EL11 ONSEMI-MC10EL11_06 Datasheet
150Kb / 9P
   5.0 V ECL 1:2 Differential Fanout Buffer
December, 2006??Rev. 9
MC10EP11 ONSEMI-MC10EP11_16 Datasheet
191Kb / 12P
   ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
MC10LVEP11 ONSEMI-MC10LVEP11_16 Datasheet
249Kb / 13P
   ECL 1:2 Differential Fanout Buffer
August, 2016 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com