Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3803-01MDCKREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3803-01MDCKREP
Description  VOLTAGE DETECTOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3803-01MDCKREP Datasheet(HTML) 1 Page - Texas Instruments

  TPS3803-01MDCKREP Datasheet HTML 1Page - Texas Instruments TPS3803-01MDCKREP Datasheet HTML 2Page - Texas Instruments TPS3803-01MDCKREP Datasheet HTML 3Page - Texas Instruments TPS3803-01MDCKREP Datasheet HTML 4Page - Texas Instruments TPS3803-01MDCKREP Datasheet HTML 5Page - Texas Instruments TPS3803-01MDCKREP Datasheet HTML 6Page - Texas Instruments TPS3803-01MDCKREP Datasheet HTML 7Page - Texas Instruments TPS3803-01MDCKREP Datasheet HTML 8Page - Texas Instruments TPS3803-01MDCKREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
FEATURES
D Controlled Baseline
− One Assembly/Test Site, One Fabrication
Site
D Extended Temperature Performance of Up to
−55
°C to +125°C
D Enhanced Diminishing Manufacturing
Sources (DMS) Support
D Enhanced Product-Change Notification
D Qualification Pedigree(1)
D Single Voltage Detector (TPS3803):
Adjustable/1.5 V
D Dual Voltage Detector (TPS3805):
Adjustable/3.3 V
D High ±1.5% Threshold Voltage Accuracy
D Supply Current: 3 µA Typical at VDD = 3.3 V
D Push/Pull Reset Output (TPS3805) Open-Drain
Reset Output (TPS3803)
D 5-Pin SC−70 Package
(1) Component qualification in accordance with JEDEC and industry
standards to ensure reliable operation over an extended
temperature range. This includes, but is not limited to, Highly
Accelerated Stress Test (HAST) or biased 85/85, temperature
cycle, autoclave or unbiased HAST, electromigration, bond
intermetallic life, and mold compound life. Such qualification
testing should not be viewed as justifying use of this component
beyond specified performance and environmental limits.
APPLICATIONS
D Applications Using DSPs, Microcontrollers,
or Microprocessors
D Wireless Communication Systems
D Portable/Battery-Powered Equipment
D Programmable Controls
D Intelligent Instruments
D Industrial Equipment
D Notebook/Desktop Computers
D Automotive Systems
DESCRIPTION
The TPS3803 and TPS3805 families of supervisory circuits
provide circuit initialization and timing supervision, primarily
for DSPs and processor-based systems.
The TPS3803G15 device has a fixed-sense threshold voltage
VIT set by an internal voltage divider, whereas the
TPS3803−01 has an adjustable SENSE input that can be
configured by two external resistors. In addition to the fixed
sense threshold monitored at VDD, the TPS3805 devices
provide a second adjustable SENSE input. RESET is
asserted in case any of the two voltages drops below VIT.
During power on, RESET is asserted when supply voltage
VDD becomes higher than 0.8 V. Thereafter, the supervisory
circuit monitors VDD (and/or SENSE) and keeps RESET
active as long as VDD or SENSE remains below the threshold
voltage VIT. As soon as VDD (SENSE) rises above the
threshold voltage VIT, RESET is deasserted again. The
product spectrum is designed for 1.5 V, 3.3 V, and adjustable
supply voltages. The devices are available in a 5-pin SC-70
package.
3
2
4
5
DCK PACKAGE
(Top View)
1
NC
GND
RESET
(1) NC = No Connection on TPS3803G15
V
DD
SENSE
NC(1)
TPS3803−01, TPS3803G15, TPS3805
Typical Operating Circuit
TPS3805H33
TMS320VC5416
RESET
V
DD
SENSE
GND
DV
DD
CV
DD
RESET
GND
3.3 V
1.6 V
R1
R2
www.ti.com
TPS3803-01-EP
TPS3803G15-EP
TPS3805H33-EP
SGLS227C − DECEMBER 2003 − REVISED JUNE 2007
VOLTAGE
DETECTOR
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2003−2007, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - TPS3803-01MDCKREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3803-01MDCKREP TI-TPS3803-01MDCKREP Datasheet
298Kb / 13P
[Old version datasheet]   VOLTAGE DETECTOR
More results

Similar Description - TPS3803-01MDCKREP

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com