Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL17 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100EL17
Description  5V ECL Quad Differential Receiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL17 Datasheet(HTML) 1 Page - ON Semiconductor

  MC100EL17_16 Datasheet HTML 1Page - ON Semiconductor MC100EL17_16 Datasheet HTML 2Page - ON Semiconductor MC100EL17_16 Datasheet HTML 3Page - ON Semiconductor MC100EL17_16 Datasheet HTML 4Page - ON Semiconductor MC100EL17_16 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 8
1
Publication Order Number:
MC100EL17/D
MC100EL17
5V ECL Quad Differential
Receiver
Description
The MC100EL17 is a low-voltage, quad differential receiver. The device
is functionally equivalent to the E116 device
Under open input conditions, the D input will be biased at VCC/2 and the
D input will be pulled down to VEE. This operation will force the Q output
LOW and ensure stability.
The VBB pin, an internally generated voltage supply, is available to this
device only. For single-ended input conditions, the unused differential
input is connected to VBB as a switching reference voltage. VBB may also
rebias AC coupled inputs. When used, decouple VBB and VCC via a
0.01
mF capacitor and limit current sourcing or sinking to 0.5 mA. When
not used, VBB should be left open.
Features
325 ps Propagation Delay
The 100 Series Contains Temperature Compensation
PECL Mode Operating Range: VCC = 4.2 V to 5.7 V with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V with VEE = −4.2 V to −5.7 V
Internal Input Pulldown Resistors on D Inputs, Pullup and Pulldown
Resistors on D Inputs
Q Output will Default LOW with Inputs Open or at VEE
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
MARKING* DIAGRAM
SOIC−20 WB
DW SUFFIX
CASE 751D−05
www.onsemi.com
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb-Free Package
20
1
100EL17
AWLYYWWG
*For additional marking information, refer to
Application Note AND8002/D.
ORDERING INFORMATION
Device
Package
Shipping
MC100EL17DWG
SOIC−20 WB
(Pb-Free)
38 Units/Tube


Similar Part No. - MC100EL17_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL17DW ONSEMI-MC100EL17DW Datasheet
114Kb / 6P
   5V ECL Quad Differential Receiver
October, 2006 ??Rev. 6
MC100EL17DWG ONSEMI-MC100EL17DWG Datasheet
114Kb / 6P
   5V ECL Quad Differential Receiver
October, 2006 ??Rev. 6
MC100EL17DWR2 ONSEMI-MC100EL17DWR2 Datasheet
114Kb / 6P
   5V ECL Quad Differential Receiver
October, 2006 ??Rev. 6
MC100EL17DWR2G ONSEMI-MC100EL17DWR2G Datasheet
114Kb / 6P
   5V ECL Quad Differential Receiver
October, 2006 ??Rev. 6
MC100EL17 ONSEMI-MC100EL17_06 Datasheet
114Kb / 6P
   5V ECL Quad Differential Receiver
October, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com