Electronic Components Datasheet Search |
|
MC100EL17 Datasheet(PDF) 3 Page - ON Semiconductor |
|
MC100EL17 Datasheet(HTML) 3 Page - ON Semiconductor |
3 / 5 page MC100EL17 www.onsemi.com 3 Table 4. 100EL SERIES PECL DC CHARACTERISTICS (VCC = 5.0 V; VEE = 0 V (Note 1)) −40°C 25°C 85°C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit IEE Power Supply Current 26 31 26 31 27 33 mA VOH Output HIGH Voltage (Note 2) 3915 3995 4120 3975 4045 4120 3975 4050 4120 mV VOL Output LOW Voltage (Note 2) 3170 3305 3445 3190 3295 3380 3190 3295 3380 mV VIH Input HIGH Voltage (Single-Ended) 3835 4120 3835 4120 3835 4120 mV VIL Input LOW Voltage (Single-Ended) 3190 3525 3190 3525 3190 3525 mV VBB Output Voltage Reference 3.62 3.74 3.62 3.74 3.62 3.74 V VIHCMR Common Mode Range (Differential) (Note 3) VPP < 500 mV VPP ≥ 500 mV 1.3 1.5 4.6 4.6 1.2 1.4 4.6 4.6 1.2 1.4 4.6 4.6 V IIH Input HIGH Current 150 150 150 mA IIL Input LOW Current 0.5 0.5 0.5 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 1. Input and output parameters vary 1:1 with VCC. VEE can vary +0.8 V / −0.5 V. 2. Outputs are terminated through a 50 W resistor to VCC − 2.0 V. 3. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1 V. Table 5. 100EL SERIES NECL DC CHARACTERISTICS (VCC = 0 V; VEE = −5.0 V (Note 1)) −40°C 25°C 85°C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit IEE Power Supply Current 26 31 26 31 27 33 mA VOH Output HIGH Voltage (Note 2) −1085 −1005 −880 −1025 −955 −880 −1025 −955 −880 mV VOL Output LOW Voltage (Note 2) −1830 −1695 −1555 −1810 −1705 −1620 −1810 −1705 −1620 mV VIH Input HIGH Voltage (Single-Ended) −1165 −880 −1165 −880 −1165 −880 mV VIL Input LOW Voltage (Single-Ended) −1810 −1475 −1810 −1475 −1810 −1475 mV VBB Output Voltage Reference −1.38 −1.26 −1.38 −1.26 −1.38 −1.26 V VIHCMR Common Mode Range (Differential) (Note 3) VPP < 500 mV VPP ≥ 500 mV −3.7 −3.5 −0.4 −0.4 −3.8 −3.6 −0.4 −0.4 −3.8 −3.6 −0.4 −0.4 V IIH Input HIGH Current 150 150 150 mA IIL Input LOW Current 0.5 0.5 0.5 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 1. Input and output parameters vary 1:1 with VCC. VEE can vary +0.8 V / −0.5 V. 2. Outputs are terminated through a 50 W resistor to VCC − 2.0 V. 3. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1 V. |
Similar Part No. - MC100EL17_16 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |