Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL38 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC100EL38
Description  5V ECL Clock Generation Chip
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL38 Datasheet(HTML) 4 Page - ON Semiconductor

  MC100EL38 Datasheet HTML 1Page - ON Semiconductor MC100EL38 Datasheet HTML 2Page - ON Semiconductor MC100EL38 Datasheet HTML 3Page - ON Semiconductor MC100EL38 Datasheet HTML 4Page - ON Semiconductor MC100EL38 Datasheet HTML 5Page - ON Semiconductor MC100EL38 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC100EL38
www.onsemi.com
4
Table 5. 100EL SERIES NECL DC CHARACTERISTICS (VCC = 0.0 V; VEE = −5.0 V (Note 1))
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
50
60
50
60
54
65
mA
VOH
Output HIGH Voltage (Note 2)
−1085
−1005
−880
−1025
−955
−880
−1025
−955
−880
mV
VOL
Output LOW Voltage (Note 2)
−1830
−1695
−1555 −1810 −1705 −1620 −1810 −1705 −1620
mV
VIH
Input HIGH Voltage (Single-Ended)
−1165
−880
−1165
−880
−1165
−880
mV
VIL
Input LOW Voltage (Single-Ended)
−1810
−1475 −1810
−1475 −1810
−1475
mV
VBB
Output Voltage Reference
−1.38
−1.26
−1.38
−1.26
−1.38
−1.26
V
VIHCMR Input HIGH Voltage Common Mode
Range (Differential) (Note 3)
−3.35
−0.55
−3.35
−0.55
−3.35
−0.55
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary +0.8 V / −0.5 V.
2. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
3. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input
signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1 V.
Table 6. AC CHARACTERISTICS (VCC = 5.0 V; VEE = 0.0 V or VCC = 0.0 V; VEE = −5.0 V (Note 1)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
Maximum Toggle Frequency
TBD
TBD
TBD
GHz
tPLH
tPHL
Propagation Delay to Output
CLK → Q (Differential)
CLK → Q (Single-Ended)
CLK → Phase_Out (Differential)
CLK → Phase_Out (Single-Ended)
MR → Q
810
710
800
750
510
1010
1010
1000
1050
810
850
750
840
790
540
1050
1050
1040
1090
840
900
800
890
840
570
1100
1100
1090
1140
870
ps
tSKEW
Within-Device Skew (Note 2)
Q0 − Q3
All
50
75
50
75
50
75
ps
tJITTER
Cycle-to-Cycle Jitter
TBD
TBD
TBD
ps
Part-to-Part
Q0 − Q3 (Differential)
All
200
240
200
240
200
240
tS
Setup Time
EN → CLK
DIVSEL → CLK
150
150
150
ps
tH
Hold Time
CLK → EN
CLK → Div_Sel
150
200
150
200
150
200
ps
VPP
Input Swing (Note 3)
150
1000
150
1000
150
1000
mV
tRR
Reset Recovery Time
100
100
100
ps
tPW
Minimum Pulse Width
CLK
MR
800
700
800
700
800
700
ps
tr, tf
Output Rise/Fall Times Q (20% − 80%)
280
550
280
550
280
550
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. VEE can vary +0.8 V / −0.5 V.
2. Skew is measured between outputs under identical transitions.
3. VPP(min) is minimum input swing for which AC parameters guaranteed. The device has a DC gain of ≈40.


Similar Part No. - MC100EL38

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL38 ONSEMI-MC100EL38 Datasheet
128Kb / 5P
   첨2, 첨4/6 Clock Generation Chip
1996 REV 1
MC100EL38 ONSEMI-MC100EL38 Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
MC100EL38DW ONSEMI-MC100EL38DW Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
MC100EL38DWG ONSEMI-MC100EL38DWG Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
MC100EL38DWR2 ONSEMI-MC100EL38DWR2 Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com