Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL39 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC100EL39
Description  5 V ECL Clock Generation Chip
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL39 Datasheet(HTML) 6 Page - ON Semiconductor

  MC100EL39_16 Datasheet HTML 1Page - ON Semiconductor MC100EL39_16 Datasheet HTML 2Page - ON Semiconductor MC100EL39_16 Datasheet HTML 3Page - ON Semiconductor MC100EL39_16 Datasheet HTML 4Page - ON Semiconductor MC100EL39_16 Datasheet HTML 5Page - ON Semiconductor MC100EL39_16 Datasheet HTML 6Page - ON Semiconductor MC100EL39_16 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MC100EL39
www.onsemi.com
6
PACKAGE DIMENSIONS
SOIC−20 WB
DW SUFFIX
CASE 751D−05
ISSUE H
20
1
11
10
b
20X
c
18X
A1
A
SEATING
PLANE
q
E
D
M
0.25
S
A
S
B
T
e
T
B
A
DIM
MIN
MAX
MILLIMETERS
A
2.35
2.65
A1
0.10
0.25
b
0.35
0.49
c
0.23
0.32
D
12.65
12.95
E
7.40
7.60
e
1.27 BSC
H
10.05
10.55
h
0.25
0.75
L
0.50
0.90
q
0
7
NOTES:
1. DIMENSIONS ARE IN MILLIMETERS.
2. INTERPRET DIMENSIONS AND TOLERANCES
PER ASME Y14.5M, 1994.
3. DIMENSIONS D AND E DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE.
5. DIMENSION B DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE PROTRUSION
SHALL BE 0.13 TOTAL IN EXCESS OF B
DIMENSION AT MAXIMUM MATERIAL
CONDITION.
__
11.00
20X
0.52
20X
1.30
1.27
DIMENSIONS: MILLIMETERS
1
PITCH
*For additional information on our Pb-Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
RECOMMENDED
10
20
11


Similar Part No. - MC100EL39_16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC100EL39DW MOTOROLA-MC100EL39DW Datasheet
127Kb / 4P
   첨2/4,첨4/6 Clock Generation Chip
logo
ON Semiconductor
MC100EL39DW ONSEMI-MC100EL39DW Datasheet
120Kb / 7P
   5V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 6
MC100EL39DWG ONSEMI-MC100EL39DWG Datasheet
120Kb / 7P
   5V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 6
MC100EL39DWR2 ONSEMI-MC100EL39DWR2 Datasheet
120Kb / 7P
   5V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 6
MC100EL39DWR2G ONSEMI-MC100EL39DWR2G Datasheet
120Kb / 7P
   5V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 6
More results

Similar Description - MC100EL39_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL38 ONSEMI-MC100EL38 Datasheet
160Kb / 6P
   5V ECL Clock Generation Chip
July, 2016 ??Rev. 9
MC100LVEL39 ONSEMI-MC100LVEL39_16 Datasheet
160Kb / 6P
   3.3V ECL Clock Generation Chip
July, 2016 ??Rev. 11
MC100LVEL34 ONSEMI-MC100LVEL34_14 Datasheet
99Kb / 9P
   3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 4
MC100LVEL38 ONSEMI-MC100LVEL38_16 Datasheet
242Kb / 7P
   3.3V ECL Clock Generation Chip
July, 2016 ??Rev. 11
MC100LVEP34 ONSEMI-MC100LVEP34_14 Datasheet
106Kb / 11P
   2.5V / 3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 11
MC10EL15 ONSEMI-MC10EL15_16 Datasheet
163Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
July, 2016 ??Rev. 7
MC100LVEL14 ONSEMI-MC100LVEL14_16 Datasheet
158Kb / 7P
   3.3 V ECL 1:5 Clock Distribution Chip
July, 2016 ??Rev. 10
MC10EP139 ONSEMI-MC10EP139_06 Datasheet
192Kb / 14P
   3.3V / 5V ECL 첨2/4, 첨4/5/6 Clock Generation Chip
December, 2006 ??Rev. 7
MC10EP139 ONSEMI-MC10EP139 Datasheet
102Kb / 14P
   3.3V / 5V ECL /2/4, /4/5/6 Clock Generation Chip
February, 2005 ??Rev. 6
MC100LVEL34 ONSEMI-MC100LVEL34_06 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com