Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL39DWR2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC100EL39DWR2G
Description  5 V ECL Clock Generation Chip
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL39DWR2G Datasheet(HTML) 2 Page - ON Semiconductor

  MC100EL39DWR2G Datasheet HTML 1Page - ON Semiconductor MC100EL39DWR2G Datasheet HTML 2Page - ON Semiconductor MC100EL39DWR2G Datasheet HTML 3Page - ON Semiconductor MC100EL39DWR2G Datasheet HTML 4Page - ON Semiconductor MC100EL39DWR2G Datasheet HTML 5Page - ON Semiconductor MC100EL39DWR2G Datasheet HTML 6Page - ON Semiconductor MC100EL39DWR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MC100EL39
www.onsemi.com
2
CLK
Figure 1. Pinout: SOIC-20 (Top View)
CLK
MR VCC
17
18
16
15
14
13
12
4
3
567
8
9
Q0
11
10
Q1
Q1
Q2
Q2
Q3
Q3
VEE
EN
19
20
2
1
VCC Q0
VBB
VCC
NC
NOTE: All VCC pins are tied together on the die.
Warning: All VCC and VEE pins must be externally connected to
Power Supply to guarantee proper operation.
CLK
CLK
EN
MR
DIVSELb
P2/4
Q0
Q0
Q1
Q1
P4/6
Q2
Q2
Q3
Q3
Figure 2. Logic Diagram
R
R
DIVSELa
Table 1. PIN DESCRIPTION
Pin
Function
CLK, CLK
EN
MR
Q0, Q0; Q1, Q1
Q2, Q2; Q3, Q3
DIVSELa,
DIVSELb
VBB
VCC
VEE
NC
ECL Diff Clock Inputs
ECL Sync Enable
ECL Master Reset
ECL Diff ÷2/4 Outputs
ECL Diff ÷4/6 Outputs
ECL Frequency Select Input
ECL Frequency Select Input
Reference Voltage Output
Positive Supply
Negative Supply
No Connect
Table 2. FUNCTION TABLE
Function
CLK*
EN*
MR*
Divide
Hold Q0−3
Reset Q0−3
Z
ZZ
X
L
H
X
L
L
H
Z = Low-to-High Transition
ZZ = High-to-Low Transition
*Pin will default low when left open.
DIVSELa**
Q0, Q1 Outputs
0
1
Divide by 2
Divide by 4
DIVSELb**
Q2, Q3 Outputs
0
1
Divide by 4
Divide by 6
**Pin will default low when left open.


Similar Part No. - MC100EL39DWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL39DWR2G ONSEMI-MC100EL39DWR2G Datasheet
120Kb / 7P
   5V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 6
More results

Similar Description - MC100EL39DWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL38 ONSEMI-MC100EL38 Datasheet
160Kb / 6P
   5V ECL Clock Generation Chip
July, 2016 ??Rev. 9
MC100LVEL39 ONSEMI-MC100LVEL39_16 Datasheet
160Kb / 6P
   3.3V ECL Clock Generation Chip
July, 2016 ??Rev. 11
MC100LVEL34 ONSEMI-MC100LVEL34_14 Datasheet
99Kb / 9P
   3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 4
MC100LVEL38 ONSEMI-MC100LVEL38_16 Datasheet
242Kb / 7P
   3.3V ECL Clock Generation Chip
July, 2016 ??Rev. 11
MC100LVEP34 ONSEMI-MC100LVEP34_14 Datasheet
106Kb / 11P
   2.5V / 3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 11
MC10EL15 ONSEMI-MC10EL15_16 Datasheet
163Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
July, 2016 ??Rev. 7
MC100LVEL14 ONSEMI-MC100LVEL14_16 Datasheet
158Kb / 7P
   3.3 V ECL 1:5 Clock Distribution Chip
July, 2016 ??Rev. 10
MC10EP139 ONSEMI-MC10EP139_06 Datasheet
192Kb / 14P
   3.3V / 5V ECL 첨2/4, 첨4/5/6 Clock Generation Chip
December, 2006 ??Rev. 7
MC10EP139 ONSEMI-MC10EP139 Datasheet
102Kb / 14P
   3.3V / 5V ECL /2/4, /4/5/6 Clock Generation Chip
February, 2005 ??Rev. 6
MC100LVEL34 ONSEMI-MC100LVEL34_06 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com