Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC842NBC5 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC842NBC5
Description  Comparator with Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC842NBC5 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC842NBC5 Datasheet HTML 1Page - Micrel Semiconductor MIC842NBC5 Datasheet HTML 2Page - Micrel Semiconductor MIC842NBC5 Datasheet HTML 3Page - Micrel Semiconductor MIC842NBC5 Datasheet HTML 4Page - Micrel Semiconductor MIC842NBC5 Datasheet HTML 5Page - Micrel Semiconductor MIC842NBC5 Datasheet HTML 6Page - Micrel Semiconductor MIC842NBC5 Datasheet HTML 7Page - Micrel Semiconductor MIC842NBC5 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MIC841/2
Micrel
MIC841/2
4
September 2004
Absolute Maximum Ratings(1)
Supply Voltage (V
DD) ..................................... –0.3V to +7V
Input Voltage (V
INP) ...................................................... +7V
Output Current (I
OUT) ................................................. 20mA
Storage Temperature (T
S) ....................... –65°C to +150°C
ESD Rating, Note 3 ...................................................... 1kV
Operating Ratings(2)
Supply Voltage (V
DD) .................................. +1.5V to +5.5V
Input Voltage (V
INP) ......................................... –0.3V to 6V
Ambient Temperature Range (T
A) ............. –40°C to +85°C
Junction Temperature (T
J) ....................... Internally Limited
Package Thermal Resistance (
θ
JA) ...................... 450°C/W
Electrical Characteristics(4)
1.5V
≤ V
DD ≤ 5.5V; TA = +25°C, bold values indicate –40°C ≤ TA ≤ +85°C; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
DD
Supply Current
output not asserted
1.5
3
µA
I
INP
Input Leakage Current
0.005
10
nA
V
REF
Reference Voltage
0
°C to 85°C
1.225
1.240
1.256
V
–40
°C to 85°C
1.219
1.240
1.261
V
V
HYST
Hysteresis Voltage, (Note 5)
MIC842 only
8
20
35
mV
t
D
Propagation Delay
V
INP = 1.352V to 1.128V
12
µs
V
INP = 1.143V to 1.367V
8
µs
V
OUT
Output Voltage-Low
I
SINK = 1.6mA, VDD ≥ 1.6V
0.05
0.3
V
(Note 6)I
SINK = 100µA, VDD ≥ 1.2V
0.005
0.4
V
Output Voltage-High
I
SOURCE = 500µA, VDD ≥ 1.6V
0.99V
DD
V
I
SOURCE = 50µA, VDD ≥ 1.2V
0.99V
DD
V
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
4.
Specification for packaged product only.
5.
V
HTH = VREF + VHYST.
6.
V
DD operating range is 1.5V to 5.5V. Output is guaranteed to be de-asserted down to VDD = 1.2V.


Similar Part No. - MIC842NBC5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC842NBC5 MICREL-MIC842NBC5 Datasheet
485Kb / 8P
   Comparator with Reference
MIC842NBC5 MICREL-MIC842NBC5 Datasheet
320Kb / 8P
   Comparator with 1.25% Reference and Adjustable Hysteresis
MIC842NBC5 MICREL-MIC842NBC5 Datasheet
321Kb / 8P
   Comparator with 1.25% Reference and Adjustable Hysteresis
More results

Similar Description - MIC842NBC5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC841 MICREL-MIC841_05 Datasheet
485Kb / 8P
   Comparator with Reference
logo
Linear Technology
LTC1540CDD LINER-LTC1540CDD Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
LTC1540 LINER-LTC1540_15 Datasheet
160Kb / 12P
   Nanopower Comparator with Reference
LTC1540 LINER-LTC1540 Datasheet
247Kb / 12P
   Nanopower Comparator with Reference
logo
Intersil Corporation
ISL21440 INTERSIL-ISL21440 Datasheet
541Kb / 15P
   Micropower Voltage Reference with Comparator
logo
Renesas Technology Corp
ISL21440 RENESAS-ISL21440 Datasheet
958Kb / 15P
   Micropower Voltage Reference with Comparator
logo
Intersil Corporation
ISL21440 INTERSIL-ISL21440_11 Datasheet
845Kb / 16P
   Micropower Voltage Reference with Comparator
logo
Micrel Semiconductor
MIC834 MICREL-MIC834 Datasheet
46Kb / 8P
   Comparator with Reference Advance Information
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
logo
Micrel Semiconductor
MIC833 MICREL-MIC833_02 Datasheet
42Kb / 8P
   Comparator and Reference with Adj. Hystersis
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com