Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJW3281A Datasheet(PDF) 5 Page - ON Semiconductor

Part # MJW3281A
Description  Complementary NPN-PNP Silicon Power Bipolar Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJW3281A Datasheet(HTML) 5 Page - ON Semiconductor

  MJW3281A Datasheet HTML 1Page - ON Semiconductor MJW3281A Datasheet HTML 2Page - ON Semiconductor MJW3281A Datasheet HTML 3Page - ON Semiconductor MJW3281A Datasheet HTML 4Page - ON Semiconductor MJW3281A Datasheet HTML 5Page - ON Semiconductor MJW3281A Datasheet HTML 6Page - ON Semiconductor MJW3281A Datasheet HTML 7Page - ON Semiconductor MJW3281A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MJW3281A (NPN) MJW1302A (PNP)
http://onsemi.com
5
There are two limitations on the power handling ability of
a transistor; average junction temperature and secondary
breakdown. Safe operating area curves indicate IC – VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figures 13 and 14 is based on TJ(pk) = 150°C;
TC is variable depending on conditions. At high case
temperatures, thermal limitations will reduce the power than
can be handled to values less than the limitations imposed by
second breakdown.
Figure 15. MJW1302A Typical Capacitance
VR, REVERSE VOLTAGE (VOLTS)
Figure 16. MJW3281A Typical Capacitance
VR, REVERSE VOLTAGE (VOLTS)
10000
1000
100
100
10
1.0
0.1
10000
1000
100
100
10
1.0
0.1
TJ = 25°C
ftest = 1 MHz
Cib
Cob
TJ = 25°C
ftest = 1 MHz
Cib
Cob
PNP MJW1302A
NPN MJW3281A
TYPICAL CHARACTERISTICS


Similar Part No. - MJW3281A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJW3281A ONSEMI-MJW3281A Datasheet
74Kb / 6P
   15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 230 VOLTS 200 WATTS
January, 2006 ??Rev. 3
MJW3281A ONSEMI-MJW3281A Datasheet
160Kb / 6P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
March, 2010 ??Rev. 4
logo
Inchange Semiconductor ...
MJW3281A ISC-MJW3281A Datasheet
231Kb / 2P
   isc Silicon NPN Power Transistor
logo
ON Semiconductor
MJW3281AG ONSEMI-MJW3281AG Datasheet
74Kb / 6P
   15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 230 VOLTS 200 WATTS
January, 2006 ??Rev. 3
MJW3281AG ONSEMI-MJW3281AG Datasheet
160Kb / 6P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
March, 2010 ??Rev. 4
More results

Similar Description - MJW3281A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NJW3281G ONSEMI-NJW3281G_13 Datasheet
117Kb / 7P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
September, 2013 ??Rev. 1
MJW3281A ONSEMI-MJW3281A_10 Datasheet
160Kb / 6P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
March, 2010 ??Rev. 4
MJL4281A ONSEMI-MJL4281A Datasheet
55Kb / 6P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
July, 2003 ??Rev. 1
NJW3281G ONSEMI-NJW3281G Datasheet
89Kb / 7P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
January, 2008 - Rev. 0
MJL0281A ONSEMI-MJL0281A Datasheet
58Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
June, 2006 ??Rev. 1
NJW0281G ONSEMI-NJW0281G_13 Datasheet
108Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
September, 2013 ??Rev. 1
MJW0281A ONSEMI-MJW0281A_05 Datasheet
67Kb / 6P
   Complementary NPN-PNP Power Bipolar Transistors
June, 2005 ??Rev. 2
NJW0281G ONSEMI-NJW0281G Datasheet
80Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
September, 2013 ??Rev. 1
MJL4281A ONSEMI-MJL4281A_13 Datasheet
102Kb / 5P
   Complementary NPN-PN Silicon Power Bipolar Transistors
June, 2013 ??Rev. 3
MJW0281AG ONSEMI-MJW0281AG Datasheet
63Kb / 6P
   Complementary NPN?뭁NP Power Bipolar Transistors
June, 2005 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com