Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL90DWG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100EL90DWG
Description  -3.3 V / -5V Triple ECL Input to PECL Output Translator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL90DWG Datasheet(HTML) 1 Page - ON Semiconductor

  MC100EL90DWG Datasheet HTML 1Page - ON Semiconductor MC100EL90DWG Datasheet HTML 2Page - ON Semiconductor MC100EL90DWG Datasheet HTML 3Page - ON Semiconductor MC100EL90DWG Datasheet HTML 4Page - ON Semiconductor MC100EL90DWG Datasheet HTML 5Page - ON Semiconductor MC100EL90DWG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 4
1
Publication Order Number:
MC100EL90/D
MC100EL90
-3.3 V / -5V Triple ECL
Input to PECL Output
Translator
Description
The MC100EL90 is a triple ECL to PECL translator. The device
receives either −3.3 V or −5 V differential ECL signals, determined by
the VEE supply level, and translates them to standard +5 V differential
PECL output signals.
To accomplish the level translation, the EL90 requires three power
rails. The VCC supply should be connected to the positive supply, and
the VEE pin should be connected to the negative power supply. The
GND pins, as expected, are connected to the system ground plane.
Both VEE and VCC should be bypassed to ground via 0.01 mF
capacitors.
Under open input conditions, the D input will be biased at VEE/2 and
the D input will be pulled to VEE. This condition will force the Q
output to a LOW, ensuring stability.
The VBB pin, an internally generated voltage supply, is available to
this device only. For single-ended input conditions, the unused
differential input is connected to VBB as a switching reference voltage.
VBB may also rebias AC coupled inputs. When used, decouple VBB
and VCC via a 0.01 mF capacitor and limit current sourcing or sinking
to 0.5 mA. When not used, VBB should be left open.
The 100 Series Contains Temperature Compensation
Features
500 ps Propagation Delays
Operating Range:
VCC= 4.75 V to 5.25 V
VEE= −3.0 V to −5.5 V; GND= 0 V
Q Output will Default LOW with Inputs Open or at VEE
Internal Input Pulldown Resistors
ESD Protection:
> 2 kV Human Body Model
> 200 V Machine Model
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Moisture Sensitivity: Level 3 (Pb-Free)
(For Additional Information, see Application Note AND8003/D)
Flammability Rating: UL 94 V−0 @ 1.125 in,
Oxygen Index: 28 to 34
Transistor Count = 261 Devices
This Device is Pb-Free, Halogen Free and is RoHS Compliant
MARKING DIAGRAM*
www.onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
SOIC−20 WB
DW SUFFIX
CASE 751D−05
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb-Free Package
20
1
100EL90
AWLYYWWG
ORDERING INFORMATION
Device
Package
Shipping
MC100EL90DWG
SOIC−20 WB
(Pb-Free)
38 Units/Tube


Similar Part No. - MC100EL90DWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL90DWG ONSEMI-MC100EL90DWG Datasheet
111Kb / 5P
   ??.3V / ??V Triple ECL Input to PECL Output Translator
November, 2006 ??Rev. 3
More results

Similar Description - MC100EL90DWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP90 ONSEMI-MC10EP90 Datasheet
68Kb / 8P
   -3.3V / -5V Triple ECL Input to LVPECL/PECL Output Translator
June, 2004 ??Rev. 4
MC100EL90 ONSEMI-MC100EL90_06 Datasheet
111Kb / 5P
   ??.3V / ??V Triple ECL Input to PECL Output Translator
November, 2006 ??Rev. 3
MC100EL91 ONSEMI-MC100EL91_06 Datasheet
111Kb / 6P
   5 V Triple PECL Input to ?? V ECL Output Translator
November, 2006 ??Rev. 6
MC10EP90 ONSEMI-MC10EP90_14 Datasheet
92Kb / 9P
   Triple ECL Input to LVPECL/PECL Output Translator
May, 2014 ??Rev. 7
MC10EP90 ONSEMI-MC10EP90_06 Datasheet
136Kb / 9P
   ??.3V / ??V Triple ECL Input to LVPECL/PECL Output Translator
November, 2006 ??Rev. 6
MC100EL91 ONSEMI-MC100EL91 Datasheet
150Kb / 5P
   5 V Triple PECL Input to -5 V ECL Output Translator
July, 2016 ??Rev. 8
MC100LVEL92 ONSEMI-MC100LVEL92_06 Datasheet
112Kb / 6P
   5V Triple PECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
MC100LVEL90 ONSEMI-MC100LVEL90_16 Datasheet
149Kb / 5P
   -3.3V / -5V Triple ECL Input to LVPECL Output Translator
July, 2016 ??Rev. 12
MC100LVEL91 ONSEMI-MC100LVEL91_16 Datasheet
146Kb / 6P
   3.3 V Triple LVPECL Input to -3.3 V to -5.0 V ECL Output Translator
July, 2016 ??Rev. 12
MC100LVEL90 ONSEMI-MC100LVEL90 Datasheet
114Kb / 4P
   Triple ECL to PECL Translator
1996 REV 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com