Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL91 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC100EL91
Description  5 V Triple PECL Input to -5 V ECL Output Translator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL91 Datasheet(HTML) 2 Page - ON Semiconductor

  MC100EL91 Datasheet HTML 1Page - ON Semiconductor MC100EL91 Datasheet HTML 2Page - ON Semiconductor MC100EL91 Datasheet HTML 3Page - ON Semiconductor MC100EL91 Datasheet HTML 4Page - ON Semiconductor MC100EL91 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MC100EL91
www.onsemi.com
2
ECL
ECL
ECL
D2
D1
Figure 1. 20-Lead Pinout (Top View) and Logic Diagram
D1
17
18
16
15
14
13
12
4
3
5678
9
Q0
11
10
Q1
Q1
Q2
Q2
VCC
D0
19
20
2
1
VCC Q0
D0
D2
VCC
VEE
GND
GND
PECL
**All VCC pins are tied together on the die.
Warning: All VCC, VEE, and GND pins must be externally
connected to Power Supply to guarantee proper operation.
FUNCTION
PECL Inputs
ECL Outputs
PECL Reference Voltage Output
Positive Supply
Negative Supply
Ground
PIN
Dn, Dn
Qn, Qn
PECL VBB
VCC
VEE
GND
Table 1. PIN DESCRIPTION
PECL
PECL
Table 2. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
PECL Power Supply
GND = 0 V
8 to 0
V
VEE
NECL Power Supply
GND = 0 V
−8 to 0
V
VI
PECL Input Voltage
GND = 0 V
VI ≤ VCC
6 to 0
V
Iout
Output Current
Continuous
Surge
50
100
mA
IBB
PECL VBB Sink/Source
± 0.5
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction-to-Ambient)
0 lfpm
500 lfpm
SOIC−20 WB
90
60
°C/W
qJC
Thermal Resistance (Junction-to-Case)
Standard Board
SOIC−20 WB
30 to 35
°C/W
Tsol
Wave Solder (Pb-Free)
<2 to 3 sec @ 248°C
265
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.


Similar Part No. - MC100EL91

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL91 ONSEMI-MC100EL91 Datasheet
80Kb / 4P
   Triple PECL to ECL Translator?
1997 REV 1
MC100EL91 ONSEMI-MC100EL91 Datasheet
111Kb / 6P
   5 V Triple PECL Input to ?? V ECL Output Translator
November, 2006 ??Rev. 6
MC100EL91DW ONSEMI-MC100EL91DW Datasheet
111Kb / 6P
   5 V Triple PECL Input to ?? V ECL Output Translator
November, 2006 ??Rev. 6
MC100EL91DWG ONSEMI-MC100EL91DWG Datasheet
111Kb / 6P
   5 V Triple PECL Input to ?? V ECL Output Translator
November, 2006 ??Rev. 6
MC100EL91DWR2 ONSEMI-MC100EL91DWR2 Datasheet
111Kb / 6P
   5 V Triple PECL Input to ?? V ECL Output Translator
November, 2006 ??Rev. 6
More results

Similar Description - MC100EL91

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL91 ONSEMI-MC100EL91_06 Datasheet
111Kb / 6P
   5 V Triple PECL Input to ?? V ECL Output Translator
November, 2006 ??Rev. 6
MC100LVEL92 ONSEMI-MC100LVEL92_16 Datasheet
147Kb / 5P
   5V Triple PECL Input to LVPECL Output Translator
July, 2016 ??Rev. 13
MC100EL90 ONSEMI-MC100EL90_06 Datasheet
111Kb / 5P
   ??.3V / ??V Triple ECL Input to PECL Output Translator
November, 2006 ??Rev. 3
MC100LVEL90 ONSEMI-MC100LVEL90_16 Datasheet
149Kb / 5P
   -3.3V / -5V Triple ECL Input to LVPECL Output Translator
July, 2016 ??Rev. 12
MC100EL90 ONSEMI-MC100EL90 Datasheet
147Kb / 6P
   -3.3 V / -5V Triple ECL Input to PECL Output Translator
July, 2016 ??Rev. 4
MC10EP90 ONSEMI-MC10EP90_06 Datasheet
136Kb / 9P
   ??.3V / ??V Triple ECL Input to LVPECL/PECL Output Translator
November, 2006 ??Rev. 6
MC10EP90 ONSEMI-MC10EP90_14 Datasheet
92Kb / 9P
   Triple ECL Input to LVPECL/PECL Output Translator
May, 2014 ??Rev. 7
MC100LVEL90 ONSEMI-MC100LVEL90_06 Datasheet
112Kb / 6P
   ??.3V / ??V Triple ECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
logo
Texas Instruments
SN65ELT21 TI-SN65ELT21 Datasheet
443Kb / 11P
[Old version datasheet]   5-V PECL-to-TTL Translator
logo
ON Semiconductor
MC100LVEL90 ONSEMI-MC100LVEL90 Datasheet
114Kb / 4P
   Triple ECL to PECL Translator
1996 REV 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com