Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDK02G65C5 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # IDK02G65C5
Description  Silicon Carbide Diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDK02G65C5 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button IDK02G65C5_13 Datasheet HTML 3Page - Infineon Technologies AG IDK02G65C5_13 Datasheet HTML 4Page - Infineon Technologies AG IDK02G65C5_13 Datasheet HTML 5Page - Infineon Technologies AG IDK02G65C5_13 Datasheet HTML 6Page - Infineon Technologies AG IDK02G65C5_13 Datasheet HTML 7Page - Infineon Technologies AG IDK02G65C5_13 Datasheet HTML 8Page - Infineon Technologies AG IDK02G65C5_13 Datasheet HTML 9Page - Infineon Technologies AG IDK02G65C5_13 Datasheet HTML 10Page - Infineon Technologies AG IDK02G65C5_13 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
5
th Generation thinQ!TM SiC Schottky Diode
IDK02G65C5
Electrical characteristics diagrams
Final Data Sheet
8
Rev. 2.0, 2013-07-20
Table 11
Typ. capacitance stored energy
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
200
400
600
V
R [V]
EC=f(VR)
6
Simplified Forward Characteristics Model
Table 12
Equivalent forward current curve
Mathematical Equation
V
F [V]
VF=f(IF)
Tj in °C; -55°C < Tj < 175°C; IF < 4 A
1/R
diff
V
th
 



0.232
10
.42
6
10
6.42
V
04
.
1
001
.
0
4
-
2
6
-
j
j
j
DIFF
j
j
TH
T
T
T
R
T
T
V
F
DIFF
TH
F
I
R
V
V


Similar Part No. - IDK02G65C5_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDK02G65C5 INFINEON-IDK02G65C5 Datasheet
417Kb / 2P
   650V SiC thinQ!??Generation 5 diodes
09 / 2012
More results

Similar Description - IDK02G65C5_13

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Infineon Technologies A...
IDL04G65C5 INFINEON-IDL04G65C5_13 Datasheet
727Kb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDK05G65C5 INFINEON-IDK05G65C5_13 Datasheet
1Mb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-07-20
logo
NXP Semiconductors
NXPSC06650 PHILIPS-NXPSC06650_15 Datasheet
159Kb / 9P
   Silicon Carbide Diode
4 May 2015
logo
Infineon Technologies A...
IDL12G65C5 INFINEON-IDL12G65C5_13 Datasheet
726Kb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDL06G65C5 INFINEON-IDL06G65C5_13 Datasheet
727Kb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDK12G65C5 INFINEON-IDK12G65C5_13 Datasheet
1Mb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-07-20
logo
WeEn Semiconductors
WNSC10650T WEEN-WNSC10650T Datasheet
504Kb / 11P
   Silicon Carbide Diode
WNSC101200CW WEEN-WNSC101200CW Datasheet
426Kb / 11P
   Silicon Carbide Diode
WNSC101200W WEEN-WNSC101200W Datasheet
453Kb / 11P
   Silicon Carbide Diode
NXPLQSC20650W WEEN-NXPLQSC20650W Datasheet
378Kb / 10P
   Silicon Carbide Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com