Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EP16VTDR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC100EP16VTDR2G
Description  3.3 V / 5 V ECL Differential Receiver/Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP16VTDR2G Datasheet(HTML) 4 Page - ON Semiconductor

  MC100EP16VTDR2G Datasheet HTML 1Page - ON Semiconductor MC100EP16VTDR2G Datasheet HTML 2Page - ON Semiconductor MC100EP16VTDR2G Datasheet HTML 3Page - ON Semiconductor MC100EP16VTDR2G Datasheet HTML 4Page - ON Semiconductor MC100EP16VTDR2G Datasheet HTML 5Page - ON Semiconductor MC100EP16VTDR2G Datasheet HTML 6Page - ON Semiconductor MC100EP16VTDR2G Datasheet HTML 7Page - ON Semiconductor MC100EP16VTDR2G Datasheet HTML 8Page - ON Semiconductor MC100EP16VTDR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC100EP16VT
www.onsemi.com
4
Table 5. DC CHARACTERISTICS, PECL (VCC = 5.0 V, VEE = 0 V (Note 1))
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
30
36
42
31
38
44
32
40
48
mA
VOH
Output HIGH Voltage (Note 2)
VCC > VCTRL > VEE
3855
3980
4105
3855
3980
4105
3855
3980
4105
mV
VOL
Output LOW Voltage (Max Swing) (Note 2)
VCTRL ≤ VBB
3055
3190
3305
3055
3220
3305
3055
3220
3305
mV
VCC ≥ VCTRL > VBB
See
Fig.2
See
Fig.2
See
Fig.2
VCTRL = VCC (Min Swing)
3805
3930
4055
3795
3920
4045
3765
3890
4015
VIH
D, D Input HIGH Voltage (Single-Ended)
3775
4120
3775
4120
3775
4120
mV
VIL
D, D Input LOW Voltage (Single-Ended)
3055
3375
3055
3375
3055
3375
mV
VCTRL
Input Voltage (VCTRL)
VEE
VCC
VEE
VCC
VEE
VCC
mV
VIHCMR Input HIGH Voltage Common Mode Range
(Differential Configuration) (Note 3)
2.0
4.6
2.0
4.6
2.0
4.6
V
IIH
Input HIGH Current
(VTT Open)
150
150
150
mA
IIL
Input LOW Current
(VTT Open)
−150
−150
−150
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary +2.0 V to −0.5 V.
2. All loading with 50 W to VCC − 2.0 V. VOH does not change with VCTRL. VOL changes with VCTRL. VCTRL is referenced to VCC.
3. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.


Similar Part No. - MC100EP16VTDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP16VTDR2G ONSEMI-MC100EP16VTDR2G Datasheet
171Kb / 12P
   3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing and Internal Input Termination
December, 2006 ??Rev. 3
More results

Similar Description - MC100EP16VTDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP16VB ONSEMI-MC100EP16VB_16 Datasheet
169Kb / 8P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 8
MC100EP16VC ONSEMI-MC100EP16VC_16 Datasheet
187Kb / 10P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 8
MC10LVEP16 ONSEMI-MC10LVEP16_16 Datasheet
196Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
August, 2016 ??Rev. 12
MC100EP16VS ONSEMI-MC100EP16VS_16 Datasheet
184Kb / 11P
   3.3 V / 5 V ECL Differential Receiver/Driver with Variable Output Swing
August, 2016 ??Rev. 7
MC100EP16F ONSEMI-MC100EP16F_16 Datasheet
166Kb / 8P
   3.3 V / 5 V ECL Differential Receiver/Driver With Reduced Output Swing
August, 2016 ??Rev. 6
MC100LVEL17 ONSEMI-MC100LVEL17_16 Datasheet
152Kb / 7P
   3.3 V ECL Quad Differential Receiver
July, 2016 ??Rev. 9
logo
Texas Instruments
SN65EL16 TI1-SN65EL16 Datasheet
599Kb / 13P
[Old version datasheet]   5-V ECL Differential Receiver
logo
ON Semiconductor
MC10EP116 ONSEMI-MC10EP116_06 Datasheet
173Kb / 11P
   3.3 V / 5 V Hex Differential Line Receiver/Driver
December, 2006 ??Rev. 11
MC100EL17 ONSEMI-MC100EL17_16 Datasheet
146Kb / 5P
   5V ECL Quad Differential Receiver
July, 2016 ??Rev. 8
MC100EPT25 ONSEMI-MC100EPT25_16 Datasheet
166Kb / 8P
   -3.3V / -5V Differential ECL to 3.3V LVTTL Translator
August, 2016 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com