Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EP40DTG Datasheet(PDF) 9 Page - ON Semiconductor

Part # MC100EP40DTG
Description  3.3V / 5V ECL Differential Phase-Frequency Detector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP40DTG Datasheet(HTML) 9 Page - ON Semiconductor

  MC100EP40DTG Datasheet HTML 1Page - ON Semiconductor MC100EP40DTG Datasheet HTML 2Page - ON Semiconductor MC100EP40DTG Datasheet HTML 3Page - ON Semiconductor MC100EP40DTG Datasheet HTML 4Page - ON Semiconductor MC100EP40DTG Datasheet HTML 5Page - ON Semiconductor MC100EP40DTG Datasheet HTML 6Page - ON Semiconductor MC100EP40DTG Datasheet HTML 7Page - ON Semiconductor MC100EP40DTG Datasheet HTML 8Page - ON Semiconductor MC100EP40DTG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MC100EP40
http://onsemi.com
9
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number of patents, trademarks,
copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC
reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without
limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications
and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC
does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for
surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where
personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and
its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly,
any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture
of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
MC100EP40/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - MC100EP40DTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP40DTG ONSEMI-MC100EP40DTG Datasheet
134Kb / 9P
   3.3V / 5V ECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 10
More results

Similar Description - MC100EP40DTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP40 ONSEMI-MC100EP40 Datasheet
68Kb / 8P
   3.3V / 5V ECL Differential Phase-Frequency Detector
January, 2004 ??Rev. 8
MC100EP40 ONSEMI-MC100EP40_06 Datasheet
134Kb / 9P
   3.3V / 5V ECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 10
logo
Micrel Semiconductor
SY100EP140L MICREL-SY100EP140L Datasheet
481Kb / 6P
   3.3V PECL/ECL DIFFERENTIAL PHASE-FREQUENCY DETECTOR
logo
ON Semiconductor
MC100EP140DR2 ONSEMI-MC100EP140DR2 Datasheet
55Kb / 8P
   3.3VECL Phase-Frequency Detector
September, 2002 ??Rev. 5
MC100LVEL40 ONSEMI-MC100LVEL40_06 Datasheet
114Kb / 6P
   3.3/5V ECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 8
MC100LVEL40DW ONSEMI-MC100LVEL40DW Datasheet
108Kb / 6P
   3.3/5VECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 8
MC100EP140 ONSEMI-MC100EP140_06 Datasheet
117Kb / 6P
   3.3V ECL Phase?묯requency Detector
November, 2006 ??Rev. 9
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC10EP57 ONSEMI-MC10EP57_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL 4:1 Differential Multiplexer
December, 2006 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com