Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EP91 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC100EP91
Description  Any Level Positive Input to NECL Output Translator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP91 Datasheet(HTML) 5 Page - ON Semiconductor

  MC100EP91_16 Datasheet HTML 1Page - ON Semiconductor MC100EP91_16 Datasheet HTML 2Page - ON Semiconductor MC100EP91_16 Datasheet HTML 3Page - ON Semiconductor MC100EP91_16 Datasheet HTML 4Page - ON Semiconductor MC100EP91_16 Datasheet HTML 5Page - ON Semiconductor MC100EP91_16 Datasheet HTML 6Page - ON Semiconductor MC100EP91_16 Datasheet HTML 7Page - ON Semiconductor MC100EP91_16 Datasheet HTML 8Page - ON Semiconductor MC100EP91_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MC100EP91
www.onsemi.com
5
Table 5. DC CHARACTERISTICS POSITIVE INPUT (VCC = 3.3 V; VEE = −3.0 V to −5.5 V; GND = 0 V (Note 1))
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
ICC
Positive Power Supply Current
10
16
24
10
16
24
10
16
24
mA
VIH
Input HIGH Voltage (Single-Ended)
2135
VCC
2135
VCC
2135
VCC
mV
VIL
Input LOW Voltage (Single-Ended)
GND
1675
GND
1675
GND
1675
mV
VBB
PECL Output Voltage Reference
1775
1875 1975
1775
1875 1975
1775
1875 1975
mV
VIHCMR Input HIGH Voltage Common Mode Range
(Differential Configuration) (Note 2)
0
3.3
0
3.3
0
3.3
V
IIH
Input HIGH Current (@ VIH)
150
150
150
mA
IIL
Input LOW Current (@ VIL)
D
D
0.5
−150
0.5
−150
0.5
−150
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input parameters vary 1:1 with VCC. VCC can vary +0.5 / −0.925 V.
2. VIHCMR min varies 1:1 with GND. VIHCMR max varies 1:1 with VCC.
Table 6. DC CHARACTERISTICS NECL OUTPUT (VCC = 2.375 V to 3.8 V; VEE = −3.0 V to −5.5 V; GND = 0 V (Note 1))
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Negative Power Supply Current
40
50
60
38
50
68
38
50
68
mA
VOH
Output HIGH Voltage (Note 2)
−1145
−1020
−895
−1145
−1020
−895
−1145
−1020
−895
mV
VOL
Output LOW Voltage (Note 2)
−1945
−1770
−1600
−1945
−1770
−1600
−1945
−1770
−1600
mV
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Output parameters vary 1:1 with GND.
2. All loading with 50 W resistor to GND − 2.0 V.


Similar Part No. - MC100EP91_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP91DW ONSEMI-MC100EP91DW Datasheet
168Kb / 10P
   2.5 V/3.3 V Any Level Positive Input to -3.3 V/-5.5 V NECL Output Translator
August, 2006 ??Rev. 1
MC100EP91DWG ONSEMI-MC100EP91DWG Datasheet
168Kb / 10P
   2.5 V/3.3 V Any Level Positive Input to -3.3 V/-5.5 V NECL Output Translator
August, 2006 ??Rev. 1
MC100EP91DWR2 ONSEMI-MC100EP91DWR2 Datasheet
168Kb / 10P
   2.5 V/3.3 V Any Level Positive Input to -3.3 V/-5.5 V NECL Output Translator
August, 2006 ??Rev. 1
MC100EP91DWR2G ONSEMI-MC100EP91DWR2G Datasheet
168Kb / 10P
   2.5 V/3.3 V Any Level Positive Input to -3.3 V/-5.5 V NECL Output Translator
August, 2006 ??Rev. 1
MC100EP91MN ONSEMI-MC100EP91MN Datasheet
168Kb / 10P
   2.5 V/3.3 V Any Level Positive Input to -3.3 V/-5.5 V NECL Output Translator
August, 2006 ??Rev. 1
More results

Similar Description - MC100EP91_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP91 ONSEMI-NB100LVEP91 Datasheet
76Kb / 8P
   2.5V / 3.3V Any Level Positive Input to -2.5V -3.3V / -5V NECL Output Translator
January, 2003 - Rev. 2
MC100EP91 ONSEMI-MC100EP91 Datasheet
168Kb / 10P
   2.5 V/3.3 V Any Level Positive Input to -3.3 V/-5.5 V NECL Output Translator
August, 2006 ??Rev. 1
NB100LVEP91 ONSEMI-NB100LVEP91_06 Datasheet
145Kb / 10P
   2.5 V/3.3 V Any Level Positive Input to ??.5 V/??.3 V LVNECL Output Translator
November, 2006 ??Rev. 13
NB100LVEP91 ONSEMI-NB100LVEP91_16 Datasheet
182Kb / 11P
   2.5 V/3.3 V Any Level Positive Input to -2.5 V/-3.3 V LVNECL Output Translator
August, 2016 ??Rev. 19
logo
Micrel Semiconductor
SY89327L MICREL-SY89327L_07 Datasheet
85Kb / 8P
   3.3V 2.5Gbps ANY INPUT-to-LVPECL DIFFERENTIAL TRANSLATOR
SY55857L MICREL-SY55857L_06 Datasheet
68Kb / 8P
   3.3V, 2.5Gbps ANY INPUT-to-LVPECL DUAL TRANSLATOR
SY89327L MICREL-SY89327L Datasheet
71Kb / 8P
   3.3V 2.5Gbps ANY INPUT-to-LVPECL DIFFERENTIAL TRANSLATOR
logo
Microsemi Corporation
ZL30250 MICROSEMI-ZL30250 Datasheet
272Kb / 4P
   3-Input, 3-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
August 2014
logo
Silicon Laboratories
SI53313 SILABS-SI53313 Datasheet
1Mb / 33P
   DUAL 1:5 LOW-JITTER, ANY-FORMAT BUFFER/LEVEL TRANSLATOR
logo
ON Semiconductor
MC10EP90 ONSEMI-MC10EP90_14 Datasheet
92Kb / 9P
   Triple ECL Input to LVPECL/PECL Output Translator
May, 2014 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com