Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EP809 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC100EP809
Description  Differentia HSTL/PECL/LVDS to HSTL Clock Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP809 Datasheet(HTML) 5 Page - ON Semiconductor

  MC100EP809_15 Datasheet HTML 1Page - ON Semiconductor MC100EP809_15 Datasheet HTML 2Page - ON Semiconductor MC100EP809_15 Datasheet HTML 3Page - ON Semiconductor MC100EP809_15 Datasheet HTML 4Page - ON Semiconductor MC100EP809_15 Datasheet HTML 5Page - ON Semiconductor MC100EP809_15 Datasheet HTML 6Page - ON Semiconductor MC100EP809_15 Datasheet HTML 7Page - ON Semiconductor MC100EP809_15 Datasheet HTML 8Page - ON Semiconductor MC100EP809_15 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MC100EP809
www.onsemi.com
5
Table 6. LVTTL/LVCMOS DC CHARACTERISTICS VCCI = 3.0 V to 3.6 V; VCCO = 1.6 V to 2.0 V, GND = 0 V
Symbol
Characteristic
0
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VIH
Input HIGH Voltage
2.0
2.0
2.0
V
VIL
Input LOW Voltage
0.8
0.8
0.8
V
IIH
Input HIGH Current
−150
150
−150
150
−150
150
mA
IIL
Input LOW Current
−300
300
−300
300
−300
300
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.
Table 7. HSTL DC CHARACTERISTICS VCCI = 3.0 V to 3.6 V; VCCO = 1.6 V to 2.0 V, GND = 0 V
Symbol
Characteristic
0
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VOH
Output HIGH Voltage (Note 3)
1.0
1.2
1.0
1.2
1.0
1.2
V
VOL
Output LOW Voltage (Note 3)
0.1
0.4
0.1
0.4
0.1
0.4
V
VIH
Input HIGH Voltage (Figure 6)
VX +
0.1
1.6
VX +
0.1
1.6
VX +
0.1
1.6
V
VIL
Input LOW Voltage (Figure 6)
−0.3
VX
0.1
−0.3
VX
0.1
−0.3
VX
0.1
V
VX
HSTL Input Crossover Voltage
0.68
0.9
0.68
0.9
0.68
0.9
V
IIH
Input HIGH Current
−150
150
−150
150
−150
150
mA
IIL
Input LOW Current
−300
300
−300
300
−300
300
mA
VIHCMR
Input HIGH Voltage Common Mode Range
(Differential Configuration) (Note 4)
HSTL_CLK/HSTL_CLK
0.6
VCCI
− 1.2
0.6
VCCI
− 1.2
0.6
VCCI
− 1.2
V
V
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.
3. All outputs loaded with 50
W to GND (Figure 7).
4. VIHCMR max varies 1:1 with VCCI. The VIHCMR range is referenced to the most positive side of the differential input signal.


Similar Part No. - MC100EP809_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP809FA ONSEMI-MC100EP809FA Datasheet
75Kb / 8P
   3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
August, 2002 ??Rev. 5
MC100EP809FA ONSEMI-MC100EP809FA Datasheet
137Kb / 9P
   3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
November, 2006 ??Rev. 7
MC100EP809FAG ONSEMI-MC100EP809FAG Datasheet
137Kb / 9P
   3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
November, 2006 ??Rev. 7
MC100EP809FAR2 ONSEMI-MC100EP809FAR2 Datasheet
75Kb / 8P
   3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
August, 2002 ??Rev. 5
MC100EP809FAR2 ONSEMI-MC100EP809FAR2 Datasheet
137Kb / 9P
   3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
November, 2006 ??Rev. 7
More results

Similar Description - MC100EP809_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP221 ONSEMI-NB100LVEP221_15 Datasheet
134Kb / 12P
   Differential HSTL/ECL/PECL Clock Driver
April, 2015 ??Rev. 10
MC100EP809 ONSEMI-MC100EP809_06 Datasheet
137Kb / 9P
   3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
November, 2006 ??Rev. 7
MC100EP809 ONSEMI-MC100EP809 Datasheet
75Kb / 8P
   3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
August, 2002 ??Rev. 5
NB100EP223 ONSEMI-NB100EP223 Datasheet
162Kb / 10P
   3.3V1:22 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Output Enable
November, 2006 ??Rev. 7
logo
Motorola, Inc
MC100EP223 MOTOROLA-MC100EP223 Datasheet
90Kb / 8P
   Low-Voltage 1:22 Differential PECL/HSTL Clock Driver
MPC911 MOTOROLA-MPC911 Datasheet
74Kb / 4P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/HSTL TO HSTL CLOCK DRIVER
logo
Freescale Semiconductor...
MC100ES6014 FREESCALE-MC100ES6014 Datasheet
261Kb / 8P
   2.5 V/3.3 V 1:5 Differential ECL/PECL/HSTL/LVDS Clock Driver
logo
Renesas Technology Corp
MC100ES6014 RENESAS-MC100ES6014 Datasheet
646Kb / 9P
   2.5 V/3.3 V 1:5 Differential ECL/PECL/HSTL/LVDS Clock Driver
2019
logo
ON Semiconductor
NB100LVEP221 ONSEMI-NB100LVEP221 Datasheet
94Kb / 10P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
January, 2003 - Rev. 4
MC100EP14 ONSEMI-MC100EP14_14 Datasheet
91Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com