Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EP210SFATWG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC100EP210SFATWG
Description  1:5 Dual Differential LVDS Compatible Clock Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP210SFATWG Datasheet(HTML) 2 Page - ON Semiconductor

  MC100EP210SFATWG Datasheet HTML 1Page - ON Semiconductor MC100EP210SFATWG Datasheet HTML 2Page - ON Semiconductor MC100EP210SFATWG Datasheet HTML 3Page - ON Semiconductor MC100EP210SFATWG Datasheet HTML 4Page - ON Semiconductor MC100EP210SFATWG Datasheet HTML 5Page - ON Semiconductor MC100EP210SFATWG Datasheet HTML 6Page - ON Semiconductor MC100EP210SFATWG Datasheet HTML 7Page - ON Semiconductor MC100EP210SFATWG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC100EP210S
http://onsemi.com
2
CLKn, CLKn
LVDS, LVPECL CLK Inputs*
VCC
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
1
2345678
24
23
22
21
20
19
18
17
16
Qb4
Qb4
Qb3
Qb3
Qb2
Qb2
VCC
VCC
Qa0
Qa0
Qa1
Qa1
Qa2
Qa2
VCC
VEE
VTB
VEE
Qb1
Qb1
Qb0
Qb0
Qa4
Qa4
Qa3 Qa3
Qa0
Qa0
Qa1
Qa1
Qa2
Qa2
Qa3
Qa3
Qa4
Qa4
CLKa
CLKa
VTA
Qb0
Qb0
Qb1
Qb1
Qb2
Qb2
Qb3
Qb3
Qb4
Qb4
CLKb
CLKb
Warning: All VCC and VEE pins must be externally connected
to Power Supply to guarantee proper operation.
Table 1. PIN DESCRIPTION
PIN
Qn0:4, Qn0:4
LVDS Outputs
FUNCTION
VCC
Positive Supply
VEE
Ground
Figure 1. 32−Lead LQFP Pinout (Top View)
Figure 2. Logic Diagram
VTA
VTB
VTA
50 W
50 W
VTB
50 W
50 W
50 W Termination Resistors
50 W Termination Resistors
MC100EP210S
*Under open or floating conditions with input pins converging to a common termination
bias voltage the device is susceptible to auto oscillation.
VCC
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
16
Qb4 Qb4 Qb3 Qb3 Qb2 Qb2 VCC
VCC Qa0 Qa0 Qa1 Qa1 Qa2 Qa2 VCC
VEE
VTB
VEE
Qb1
Qb1
Qb0
Qb0
Qa4
Qa4
Qa3
Qa3
CLKa
CLKa
CLKb
CLKb
VTA
MC100EP210S
Figure 1. 32−Lead QFN Pinout (Top View)
The Exposed Pad (EP) on the QFN−32 package bottom is
thermally connected to the die for improved heat transfer out
of package. The exposed pad must be attached to a heat−
sinking conduit. The pad is electrically connected to VEE.
EP for QFN−32,
only


Similar Part No. - MC100EP210SFATWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP210SFATWG ONSEMI-MC100EP210SFATWG Datasheet
144Kb / 8P
   2.5V 1:5 Dual Differential LVDS Compatible Clock Driver
June, 2011 ??Rev. 10
More results

Similar Description - MC100EP210SFATWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP210S ONSEMI-MC100EP210S_06 Datasheet
96Kb / 7P
   2.5V 1:5 Dual Differential LVDS Compatible Clock Driver
March, 2006 ??Rev. 8
MC100EP210SFATWG ONSEMI-MC100EP210SFATWG Datasheet
144Kb / 8P
   2.5V 1:5 Dual Differential LVDS Compatible Clock Driver
June, 2011 ??Rev. 10
MC100EP210S ONSEMI-MC100EP210S Datasheet
66Kb / 8P
   2.5V1:5 Dual Differential LVDS Compatible Clock Driver
May, 2002 ??Rev. 5
logo
Semtech Corporation
SK2111 SEMTECH-SK2111 Datasheet
400Kb / 6P
   1:10 DIFFERENTIAL LVDS CLOCK DRIVER
logo
STMicroelectronics
STLVD210 STMICROELECTRONICS-STLVD210 Datasheet
155Kb / 9P
   DIFFERENTIAL LVDS CLOCK DRIVER
logo
Texas Instruments
CDCLVP215 TI-CDCLVP215 Datasheet
312Kb / 10P
[Old version datasheet]   LOW-VOLTAGE DUAL DIFFERENTIAL 1:5 LVPECL CLOCK DRIVER
logo
STMicroelectronics
STLVD111 STMICROELECTRONICS-STLVD111 Datasheet
266Kb / 12P
   PROGRAMMABLE LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK DRIVER
logo
Integrated Circuit Syst...
ICS8745B ICST-ICS8745B Datasheet
192Kb / 15P
   1:5 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
logo
NXP Semiconductors
PCK210 PHILIPS-PCK210 Datasheet
93Kb / 10P
   Low voltage dual 1-5 differential ECL/PECL clock driver
2004 Apr 23
logo
STMicroelectronics
STLVD111 STMICROELECTRONICS-STLVD111_07 Datasheet
287Kb / 19P
   Programmable low voltage 1:10 differential LVDS clock driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com