Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP3V240RL Datasheet(PDF) 1 Page - ON Semiconductor

Part # MKP3V240RL
Description  Sidac High Voltage Bidirectional Triggers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MKP3V240RL Datasheet(HTML) 1 Page - ON Semiconductor

  MKP3V240RL Datasheet HTML 1Page - ON Semiconductor MKP3V240RL Datasheet HTML 2Page - ON Semiconductor MKP3V240RL Datasheet HTML 3Page - ON Semiconductor MKP3V240RL Datasheet HTML 4Page - ON Semiconductor MKP3V240RL Datasheet HTML 5Page - ON Semiconductor MKP3V240RL Datasheet HTML 6Page - ON Semiconductor MKP3V240RL Datasheet HTML 7Page - ON Semiconductor MKP3V240RL Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2000
May, 2000 – Rev. 3
1
Publication Order Number:
MKP3V120/D
MKP3V120, MKP3V240
Preferred Device
Sidac High Voltage
Bidirectional Triggers
Bidirectional devices designed for direct interface with the ac power
line. Upon reaching the breakover voltage in each direction, the device
switches from a blocking state to a low voltage on–state. Conduction
will continue like a Triac until the main terminal current drops below
the holding current. The plastic axial lead package provides high pulse
current capability at low cost. Glass passivation insures reliable
operation. Applications are:
High Pressure Sodium Vapor Lighting
Strobes and Flashers
Ignitors
High Voltage Regulators
Pulse Generators
Used to Trigger Gates of SCR’s and Triacs
Indicates UL Registered — File #E116110
Device Marking: Logo, Device Type, e.g., MKP3V120, Date Code
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off–State Voltage
(Sine Wave, 50 to 60 Hz,
TJ = – 40 to 125°C)
MKP3V120
MKP3V240
VDRM,
VRRM
"90
"180
Volts
On-State RMS Current
(TL = 80°C, Lead Length = 3/8″,
All Conduction Angles)
IT(RMS)
"1.0
Amp
Peak Non–Repetitive Surge Current
(60 Hz One Cycle Sine Wave,
Peak Value, TJ = 125°C)
ITSM
"20
Amps
Operating Junction Temperature Range
TJ
– 40 to
+125
°C
Storage Temperature Range
Tstg
– 40 to
+150
°C
SIDACS
1 AMPERE RMS
120 and 240 VOLTS
Preferred devices are recommended choices for future use
and best overall value.
Device
Package
Shipping
ORDERING INFORMATION
MKP3V120
SURMETIC 50
Bulk 500/Bag
http://onsemi.com
MT1
MT2
MKP3V120RL
Tape and Reel
1.5K/Reel
SURMETIC 50
PLASTIC AXIAL
(No Polarity)
CASE 267
STYLE 2
SURMETIC 50
MKP3V240
SURMETIC 50
Bulk 500/Bag
MKP3V240RL
Tape and Reel
1.5K/Reel
SURMETIC 50
()


Similar Part No. - MKP3V240RL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MKP3V240RL ONSEMI-MKP3V240RL Datasheet
58Kb / 5P
   Sidac High Voltage Bidirectional Triggers 1 AMPERE RMS 120 and 240 VOLTS
February, 2006??Rev. 4
MKP3V240RLG ONSEMI-MKP3V240RLG Datasheet
58Kb / 5P
   Sidac High Voltage Bidirectional Triggers 1 AMPERE RMS 120 and 240 VOLTS
February, 2006??Rev. 4
More results

Similar Description - MKP3V240RL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MKP9V160 ONSEMI-MKP9V160 Datasheet
139Kb / 5P
   Sidac High Voltage Bidirectional Triggers
February, 2006 ??Rev. 1
MKP1V120 ONSEMI-MKP1V120_06 Datasheet
58Kb / 5P
   Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 ??240 VOLTS
October, 2006 ??Rev. 10
MKP3V120 ONSEMI-MKP3V120_06 Datasheet
58Kb / 5P
   Sidac High Voltage Bidirectional Triggers 1 AMPERE RMS 120 and 240 VOLTS
February, 2006??Rev. 4
logo
NTE Electronics
NTE6415 NTE-NTE6415 Datasheet
17Kb / 2P
   Bidirectional Thyristor Diodes (SIDAC)
logo
ON Semiconductor
MKP1V120 ONSEMI-MKP1V120 Datasheet
53Kb / 6P
   Sidac High Voltage
September, 2004 ??Rev. 6
logo
Shindengen Electric Mfg...
K1V10 SHINDENGEN-K1V10 Datasheet
413Kb / 10P
   Sidac
K1V10 SHINDENGEN-K1V10_10 Datasheet
293Kb / 2P
   SIDAC
K1V36 SHINDENGEN-K1V36 Datasheet
419Kb / 10P
   Sidac
K1V5 SHINDENGEN-K1V5 Datasheet
413Kb / 10P
   Sidac
K1V14 SHINDENGEN-K1V14_10 Datasheet
288Kb / 2P
   SIDAC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com