Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EPT24DG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC100EPT24DG
Description  LVTTL/LVCMOS to Differential LVECL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EPT24DG Datasheet(HTML) 3 Page - ON Semiconductor

  MC100EPT24DG Datasheet HTML 1Page - ON Semiconductor MC100EPT24DG Datasheet HTML 2Page - ON Semiconductor MC100EPT24DG Datasheet HTML 3Page - ON Semiconductor MC100EPT24DG Datasheet HTML 4Page - ON Semiconductor MC100EPT24DG Datasheet HTML 5Page - ON Semiconductor MC100EPT24DG Datasheet HTML 6Page - ON Semiconductor MC100EPT24DG Datasheet HTML 7Page - ON Semiconductor MC100EPT24DG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC100EPT24
www.onsemi.com
3
Table 3. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
Positive Power Supply
GND = 0 V
VEE = −3.3V
3.8
V
VEE
Negative Power Supply
GND = 0 V
VCC = 3.3V
−3.8
V
VIN
Input Voltage
GND = 0 V
VI ≤ VCC
0 to VCC
V
Iout
Output Current
Continuous
Surge
50
100
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction-to-Ambient)
0 lfpm
50 lfpm
SOIC−8 NB
SOIC−8 NB
190
130
°C/W
qJC
Thermal Resistance (Junction-to-Case)
Standard Board
SOIC−8 NB
41 to 44
°C/W
qJA
Thermal Resistance (Junction-to-Ambient)
0 lfpm
50 lfpm
TSSOP−8
TSSOP−8
185
140
°C/W
qJC
Thermal Resistance (Junction-to-Case)
Standard Board
TSSOP−8
41 to 44
°C/W
qJA
Thermal Resistance (Junction-to-Ambient)
0 lfpm
50 lfpm
DFN8
DFN8
129
84
°C/W
Tsol
Wave Solder (Pb-Free)
265
°C
qJC
Thermal Resistance (Junction-to-Case)
(Note 1)
DFN8
35 to 40
°C/W
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. JEDEC standard multilayer board − 2S2P (2 signal, 2 power)
Table 4. LVTTL INPUT DC CHARACTERISTICS (VCC = 3.3 V, VEE = −3.6 V to −3.0 V, GND = 0.0 V; TA = −40°C to 85°C)
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
IIH
Input HIGH Current
VIN = 2.7 V
20
mA
IIHH
Input HIGH Current HIGH Voltage
VCC = VIN = 3.8 V
100
mA
IIL
Input LOW Current
VIN = 0.5 V
−0.6
mA
VIK
Input Clamp Voltage
IIN = −18 mA
−1.0
V
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 50 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
Table 5. NECL OUTPUT DC CHARACTERISTICS (VCC = 3.3 V, VEE = −3.3 V, GND = 0.0 V (Note 1))
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VOH
Output HIGH Voltage (Note 2)
-1145
−1020
-895
-1145
−1020
-895
-1145
−1030
-895
mV
VOL
Output LOW Voltage (Note 2)
-1945
−1820
-1695
-1945
−1820
-1695
-1945
−1820
-1695
mV
ICC
Positive Power Supply Current
2.0
4.0
2.0
4.0
2.0
4.0
mA
IEE
Negative Power Supply Current
20
30
38
20
30
38
20
30
38
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 50 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Output levels will vary 1:1 with GND. VEE can vary ± 0.3 V.
2. Outputs are terminated through a 50 W resistor to GND − 2V.


Similar Part No. - MC100EPT24DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EPT24DG ONSEMI-MC100EPT24DG Datasheet
135Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVECL Translator
December, 2006 ??Rev. 8
More results

Similar Description - MC100EPT24DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EPT24 ONSEMI-MC100EPT24_06 Datasheet
135Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVECL Translator
December, 2006 ??Rev. 8
MC100EPT24 ONSEMI-MC100EPT24 Datasheet
67Kb / 4P
   LVTTL/LVCOMS to Differential LVECL Translator
December, 1999 ??Rev. 1
MC100EPT25 ONSEMI-MC100EPT25 Datasheet
96Kb / 8P
   Differential LVECL/ECL to LVTTL Translator
May, 2000 ??Rev. 1
logo
Integrated Device Techn...
830S21I-01 IDT-830S21I-01 Datasheet
355Kb / 12P
   Differential-to-LVCMOS/LVTTL Translator
830S21I IDT-830S21I Datasheet
354Kb / 12P
   Differential-to-LVCMOS/LVTTL Translator
logo
ON Semiconductor
MC10EPT20 ONSEMI-MC10EPT20_16 Datasheet
168Kb / 10P
   LVTTL/LVCMOS to Differential LVPECL Translator
August, 2016 ??Rev. 12
logo
Micrel Semiconductor
SY89322V MICREL-SY89322V Datasheet
44Kb / 5P
   LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
ON Semiconductor
MC10EPT20 ONSEMI-MC10EPT20 Datasheet
64Kb / 4P
   LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 1.0
logo
Potato Semiconductor Co...
PO100HSTL179A POTATO-PO100HSTL179A Datasheet
692Kb / 8P
   Differential LVDS/LVPECL/HSTL to LVTTL Translator LVTTL/LVCMOS to Differential HSTL Translator
PO100HSTL180A POTATO-PO100HSTL180A Datasheet
692Kb / 8P
   Differential LVDS/LVPECL/HSTL to LVTTL Translator LVTTL/LVCMOS to Differential HSTL Translator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com