Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB150 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SB150
Description  Schottky Barrier Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SB150 Datasheet(HTML) 2 Page - Vishay Siliconix

  SB150 Datasheet HTML 1Page - Vishay Siliconix SB150 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SB120 thru SB160
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88715
2
04-Jun-03
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
50
10
1.0
0.1
0.01
Fig. 1 - Forward Current Derating Curve
0
0.25
0.5
0.75
0
50
75
25
100
125
150
175
1.0
Number of Cycles at 60 HZ
Fig. 2 - Maximum Non-Repetitive Peak
Forward Surge Current
0
10
30
20
50
40
110
100
TJ = TJ max.
8.3ms Single Half Sine-Wave
(JEDEC Method)
Lead Temperature (
°C)
Fig. 3 - Typical Instantaneous
Forward Characteristics
1.0
10
100
0.01
0.001
0.1
TJ = 125
°C
Resistive or
Inductive Load
0.375" (9.5mm)
Lead Length
0.01
110
100
10
100
0.1
0.1
1
Pulse Duration (sec.)
TJ = 125
°C
Fig. 5 - Typical Junction Capacitance
110
100
100
400
10
0.1
Reverse Voltage (V)
TJ = 25
°C
f = 1.0 MHZ
Vsig = 50mVp-p
Instantaneous Forward Voltage (V)
0
0.4
0.2
1.2
0.8
0.6
1.4
1.6
1.0
Pulse Width = 300
µs
1% Duty Cycle
0
20
100
40
60
80
Fig. 6 - Typical Transient
Thermal Impedance
Percent of Rated Peak Reverse Voltage (%)
SB120 – SB140
SB150
& SB160
TJ = 25
°C
TJ = 150
°C
SB120 – SB140
SB150 & SB160
SB120 – SB140
SB150 & SB160
TJ = 75
°C
TJ = 25
°C
SB120 – SB140
SB150 & SB160
Fig. 4 - Typical Reverse Characteristics


Similar Part No. - SB150

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SB150 LUGUANG-SB150 Datasheet
188Kb / 2P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB150 PANJIT-SB150 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
logo
Diode Semiconductor Kor...
SB150 DSK-SB150 Datasheet
623Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Semikron International
SB150 SEMIKRON-SB150 Datasheet
127Kb / 2P
   Schottky barrier rectifiers diodes
logo
Cystech Electonics Corp...
SB150 CYSTEKEC-SB150 Datasheet
219Kb / 3P
   Schottky Barrier Rectifiers Reverse Voltage 20V to 60V Forward Current 1.0 Amperes
More results

Similar Description - SB150

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com