Electronic Components Datasheet Search |
|
MC100LVEL05DR2G Datasheet(PDF) 3 Page - ON Semiconductor |
|
MC100LVEL05DR2G Datasheet(HTML) 3 Page - ON Semiconductor |
3 / 6 page MC100LVEL05 www.onsemi.com 3 Table 3. LVPECL DC CHARACTERISTICS (VCC = 3.3 V; VEE = 0.0 V (Note 1)) −40°C 25°C 85°C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit IEE Power Supply Current 18 25 18 25 19 26 mA VOH Output HIGH Voltage (Note 2) 2215 2295 2420 2275 2345 2420 2275 2345 2420 mV VOL Output LOW Voltage (Note 2) 1470 1605 1745 1490 1595 1680 1490 1595 1680 mV VIH Input HIGH Voltage (Single-Ended) 2135 2420 2135 2420 2135 2420 mV VIL Input LOW Voltage (Single-Ended) 1490 1825 1490 1825 1490 1825 mV VIHCMR Input HIGH Voltage Common Mode Range (Differential) (Note 3) Vpp < 500 mV Vpp ≥ 500 mV 1.2 1.5 2.9 2.9 1.1 1.4 2.9 2.9 1.1 1.4 2.9 2.9 V IIH Input HIGH Current 150 150 150 mA IIL Input LOW Current 0.5 0.5 0.5 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 1. Input and output parameters vary 1:1 with VCC. VEE can vary ±0.3 V. 2. Outputs are terminated through a 50 ohm resistor to VCC − 2.0 V. 3. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1 V. Table 4. LVNECL DC CHARACTERISTICS (VCC = 0.0 V; VEE = −3.3 V (Note 1)) −40°C 25°C 85°C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit IEE Power Supply Current 18 25 18 25 19 26 mA VOH Output HIGH Voltage (Note 2) −1085 −1005 −880 −1025 −955 −880 −1025 −955 −880 mV VOL Output LOW Voltage (Note 2) −1830 −1695 −1555 −1810 −1705 −1620 −1810 −1705 −1620 mV VIH Input HIGH Voltage (Single-Ended) −1165 −880 −1165 −880 −1165 −880 mV VIL Input LOW Voltage (Single-Ended) −1810 −1475 −1810 −1475 −1810 −1475 mV VIHCMR Input HIGH Voltage Common Mode Range (Differential) (Note 3) Vpp < 500 mV Vpp ≥ 500 mV −2.1 −1.8 −0.4 −0.4 −2.2 −1.9 −0.4 −0.4 −2.2 −1.9 −0.4 −0.4 V IIH Input HIGH Current 150 150 150 mA IIL Input LOW Current 0.5 0.5 0.5 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 1. Input and output parameters vary 1:1 with VCC. VEE can vary ±0.3 V. 2. Outputs are terminated through a 50 ohm resistor to VCC − 2.0 V. 3. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1 V. |
Similar Part No. - MC100LVEL05DR2G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |