Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VECANA01 Datasheet(PDF) 8 Page - Texas Instruments

Part # VECANA01
Description  10-Channel, 12-Bit DATA ACQUISITION SYSTEM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VECANA01 Datasheet(HTML) 8 Page - Texas Instruments

Back Button VECANA01 Datasheet HTML 4Page - Texas Instruments VECANA01 Datasheet HTML 5Page - Texas Instruments VECANA01 Datasheet HTML 6Page - Texas Instruments VECANA01 Datasheet HTML 7Page - Texas Instruments VECANA01 Datasheet HTML 8Page - Texas Instruments VECANA01 Datasheet HTML 9Page - Texas Instruments VECANA01 Datasheet HTML 10Page - Texas Instruments VECANA01 Datasheet HTML 11Page - Texas Instruments VECANA01 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
VECANA01
8
SBAS155
SH1
MUX1
MUX2
MUX6
MUX7
MUX3
MUX4
MUX5
SH2
SH6
SH7
SH4
SH5
2.5V
Ref
SH3
Input Setup
Register
ADC3
Control
Logic
NPSH
Conv
Sample
IVP/N
B1P/N
B2P/N
2
2
2
IWP/N
AN1P/N
AN2P/N
2
2
2
AN3P/N
2
REFOUT
REFIN
IUP/N
A1P/N
2
2
2
2
NPSH
2
2
2
2
2
2
PGA3
AN1 Through AN3
IW Only
2
2
ADC2
PGA2
2
ADC1
PGA1
2
2
2
2
Decoder
DAC
8-Bit
8
2
3
2
ADOUT1
ADOUT2
ADOUT3
ADIN
DAOUT
NPSH
ADCLK
ADCONV
ADBUSY
DATACLK
2
A2P/N
2
2
Input
Select
Gain
Select
Conv
Conv
Conv
DAC
Input
Ref
Ref
Ref
Ref
2
U_COMP
2
U_ILIM
A_1
A_2
V_COMP
B_1
B_2
W_COMP
V_ILIM
W_ILIM
DAIN
2
2
2
2
2
2
FIGURE 1. Functional Diagram.
FUNCTIONAL DESCRIPTION
The VECAN01 is a triple 12-bit SAR A/D converter that
operates from dual
±5V power supplies. The part contains
three 12-bit successive approximation ADCs, multiplexer
for 10 fully differential inputs, 5 differential input synchro-
nized sample-and-hold amplifiers, plus two asynchronous
sample-and-hold amplifier. It communicates over three syn-
chronous SPI/SSI serial output and one input ports. The
VECANA01 operates on external clock that also determines
the output data rate (see Figure 2).


Similar Part No. - VECANA01

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VECANA01 BURR-BROWN-VECANA01 Datasheet
329Kb / 17P
   10-Channel, 12-Bit DATA ACQUISITION SYSTEM
More results

Similar Description - VECANA01

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7833 BURR-BROWN-ADS7833 Datasheet
150Kb / 12P
   10-Channel, 12-Bit DATA ACQUISITION SYSTEM
VECANA01 BURR-BROWN-VECANA01 Datasheet
329Kb / 17P
   10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
   16-Channel, 12-Bit Data Acquisition System
logo
Analog Devices
AD1362 AD-AD1362_15 Datasheet
437Kb / 8P
   16 Channel 12 Bit Data Acquisition System
REV. A
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
logo
Texas Instruments
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
logo
Sipex Corporation
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
   Monolithic, 12-Bit Data Acquisition System
logo
Analog Devices
AD7890 AD-AD7890_17 Datasheet
392Kb / 29P
   8-Channel, 12-Bit Serial Data Acquisition System
AD363 AD-AD363 Datasheet
682Kb / 8P
   Complete 16-Channel,12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com