Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9168A-25CS Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # RT9168A-25CS
Description  200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9168A-25CS Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button RT9168A-25CS Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9168A-25CS Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9168A-25CS Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9168A-25CS Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9168A-25CS Datasheet HTML 9Page - List of Unclassifed Manufacturers RT9168A-25CS Datasheet HTML 10Page - List of Unclassifed Manufacturers RT9168A-25CS Datasheet HTML 11Page - List of Unclassifed Manufacturers RT9168A-25CS Datasheet HTML 12Page - List of Unclassifed Manufacturers RT9168A-25CS Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
RT9168/A
DS9168/A-03 May 2001
www.richtek-ic.com.tw
9
indefinite amount of time without damaging the part by
cooperation of current limit and thermal protection.
Operating Region and Power Dissipation
The maximum power dissipation of RT9168/A depends
on the thermal resistance of the case and circuit board,
the temperature difference between the die junction
and ambient air, and the rate of airflow. The power
dissipation across the device is P = IOUT (VIN - VOUT).
The maximum power dissipation is: PMAX = (TJ - TA)
/
θJA
where TJ - TA is the temperature difference between
the RT9168/A die junction and the surrounding
environment,
θJA is the thermal resistance from the
junction to the surrounding environment. The GND pin
of the RT9168/A performs the dual function of
providing an electrical connection to ground and
channeling heat away. Connect the GND pin to ground
using a large pad or ground plane.


Similar Part No. - RT9168A-25CS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9168A RICHTEK-RT9168A Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
RT9168A15GBR RICHTEK-RT9168A15GBR Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
RT9168A15GS RICHTEK-RT9168A15GS Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
RT9168A15GSH RICHTEK-RT9168A15GSH Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
RT9168A15PBR RICHTEK-RT9168A15PBR Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
More results

Similar Description - RT9168A-25CS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
RT9167 RICHTEK-RT9167 Datasheet
230Kb / 13P
   Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
logo
Asahi Kasei Microsystem...
AP1150 AKM-AP1150 Datasheet
964Kb / 28P
   200mA Output,High PSRR,Low Noise LDO Regulator Fixed Output Voltage Type
logo
Microchip Technology
TC1262-3.3VDBTR MICROCHIP-TC1262-3.3VDBTR Datasheet
468Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-33VAB MICROCHIP-TC1262-33VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-25VAB MICROCHIP-TC1262-25VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262 MICROCHIP-TC1262_13 Datasheet
231Kb / 14P
   500mA Fixed Output CMOS LDO
2002-2012 11/27/12
TC1262 MICROCHIP-TC1262 Datasheet
461Kb / 12P
   500mA Fixed Output CMOS LDO
2002
logo
Linear Technology
LT3645 LINER-LT3645 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
logo
Unisonic Technologies
LR9107 UTC-LR9107 Datasheet
214Kb / 5P
   OUTPUT CAPACITOR-LESS LOW VOLTAGE 200mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com