Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16C554DIB64 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SC16C554DIB64
Description  Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C554DIB64 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SC16C554DIB64 Datasheet HTML 6Page - NXP Semiconductors SC16C554DIB64 Datasheet HTML 7Page - NXP Semiconductors SC16C554DIB64 Datasheet HTML 8Page - NXP Semiconductors SC16C554DIB64 Datasheet HTML 9Page - NXP Semiconductors SC16C554DIB64 Datasheet HTML 10Page - NXP Semiconductors SC16C554DIB64 Datasheet HTML 11Page - NXP Semiconductors SC16C554DIB64 Datasheet HTML 12Page - NXP Semiconductors SC16C554DIB64 Datasheet HTML 13Page - NXP Semiconductors SC16C554DIB64 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
Philips Semiconductors
SC16C554/554D
Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
Product data
Rev. 05 — 10 May 2004
10 of 55
9397 750 13132
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
D0-D2,
D3-D7
66-68,
1-5
53-55,
56-60
7-9,
11-15
I/O
Data bus (bi-directional). These pins are the 8-bit, 3-State data bus
for transferring information to or from the controlling CPU. D0 is the
least significant bit and the first data bit in a transmit or receive serial
data stream.
DSRA,
DSRB,
DSRC, DSRD
10, 26,
44, 60
1, 17,
32, 48
22, 39,
62, 79
I
Data Set Ready (Active-LOW). These inputs are associated with
individual UART channels, A through D. A logic 0 on this pin indicates
the modem or data set is powered-on and is ready for data exchange
with the UART. This pin has no effect on the UART’s transmit or
receive operation.
DTRA,
DTRB,
DTRC, DTRD
12, 24,
46, 58
3, 15,
34, 46
24, 37,
64, 77
O
Data Terminal Ready (Active-LOW). These outputs are associated
with individual UART channels, A through D. A logic 0 on this pin
indicates that the SC16C554/554D is powered-on and ready. This pin
can be controlled via the modem control register. Writing a logic 1 to
MCR[0] will set the DTR output to logic 0, enabling the modem. This
pin will be a logic 1 after writing a logic 0 to MCR[0], or after a reset.
This pin has no effect on the UART’s transmit or receive operation.
GND
6, 23,
40, 57
14, 28,
45, 61
16, 36,
56, 76
I
Signal and power ground.
INTA, INTB,
INTC, INTD
15, 21,
49, 55
6, 12,
37, 43
27, 34,
67, 74
O
Interrupt A, B, C, D (Active-HIGH). This function is associated with
the 16 mode only. These pins provide individual channel interrupts
INTA-INTD. INTA-INTD are enabled when MCR[3] is set to a logic 1,
interrupts are enabled in the interrupt enable register (IER), and
when an interrupt condition exists. Interrupt conditions include:
receiver errors, available receiver buffer data, transmit buffer empty,
or when a modem status flag is detected. When the 68 mode is
selected, the functions of these pins are re-assigned. 68 mode
functions are described under their respective name/pin headings.
INTSEL
65
-
6
I
Interrupt Select (Active-HIGH, with internal pull-down). This
function is associated with the 16 mode only. When the 16 mode is
selected, this pin can be used in conjunction with MCR[3] to enable
or disable the 3-State interrupts, INTA-INTD, or override MCR[3] and
force continuous interrupts. Interrupt outputs are enabled
continuously by making this pin a logic 1. Making this pin a logic 0
allows MCR[3] to control the 3-State interrupt output. In this mode,
MCR[3] is set to a logic 1 to enable the 3-State outputs. This pin is
disabled in the 68 mode. Due to pin limitations on the 64-pin
packages, this pin is not available. To cover this limitation, the
SC16C654DIB64 version operates in the continuous interrupt enable
mode by bonding this pin to VCC internally. The SC16C654IB64
operates with MCR[3] control by bonding this pin to GND.
IOR
52
40
70
I
Input/Output Read strobe (Active-LOW). This function is
associated with the 16 mode only. A logic 0 transition on this pin will
load the contents of an internal register defined by address bits
A0-A2 onto the SC16C554/554D data bus (D0-D7) for access by
external CPU. This pin is disabled in the 68 mode.
Table 2:
Pin description…continued
Symbol
Pin
Type
Description
PLCC68 LQFP64 LQFP80


Similar Part No. - SC16C554DIB64

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C554DB PHILIPS-SC16C554DB Datasheet
253Kb / 51P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 01-9 February 2005
SC16C554DBIA68 PHILIPS-SC16C554DBIA68 Datasheet
253Kb / 51P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 01-9 February 2005
SC16C554DBIA68 NXP-SC16C554DBIA68 Datasheet
1Mb / 58P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 4-8 June 2010
SC16C554DBIA68 NXP-SC16C554DBIA68 Datasheet
1Mb / 58P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 4-8 June 2010
SC16C554DBIB64 PHILIPS-SC16C554DBIB64 Datasheet
253Kb / 51P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 01-9 February 2005
More results

Similar Description - SC16C554DIB64

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C654 PHILIPS-SC16C654 Datasheet
647Kb / 52P
   Quad UART with 64-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-19 June 2003
logo
Exar Corporation
ST16654 EXAR-ST16654 Datasheet
444Kb / 49P
   QUAD UART WITH 64-BYTE FIFO AND INFRARED (IrDA) ENCODER/DECODER
ST16C580 EXAR-ST16C580_05 Datasheet
212Kb / 39P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
ST16C580 EXAR-ST16C580 Datasheet
244Kb / 41P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
logo
NXP Semiconductors
SC16C550 PHILIPS-SC16C550 Datasheet
639Kb / 52P
   Universal Asynchronous Receiver/Transmitter (UART) with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-19 June 2003
SC16C650A PHILIPS-SC16C650A Datasheet
642Kb / 50P
   Universal Asynchronous Receiver/Transmitter (UART) with 32-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-20 June 2003
SC16C650B PHILIPS-SC16C650B Datasheet
881Kb / 51P
   5 V, 3.3 V and 2.5 V UART with 32-byte FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-10 December 2004
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
   Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
   Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
SC16C650B NXP-SC16C650B Datasheet
251Kb / 48P
   5 V, 3.3 V and 2.5 V UART with 32-byte FIFOs and infrared (IrDA) encoder/decoder
Rev. 04-14 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com