Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MINT1400A1210L01 Datasheet(PDF) 2 Page - SL Power Electronics

Part # MINT1400A1210L01
Description  Universal Input Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT1400A1210L01 Datasheet(HTML) 2 Page - SL Power Electronics

  MINT1400A1210L01 Datasheet HTML 1Page - SL Power Electronics MINT1400A1210L01 Datasheet HTML 2Page - SL Power Electronics MINT1400A1210L01 Datasheet HTML 3Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
______________________________________________________________________________________________________________________________ 2 of 3
SL Power Electronics Corp 6050 King Drive Ventura, CA 93003 Phone 805.486.4565 • Fax 858.712.2040 Email: info@slpower.com www.slpower.com
MINT1400A1210L01
12V
33.0A
21.0A
1%
2%
MINT1400A2410L01
24V
16.7A
10.4A
1%
2%
MINT1400A2810L01
28V
14.3A
8.9A
1%
2%
MINT1400A4810L01
48V
8.30A
5.2A
1%
2%
Inhibit:
TTL LOW to inhibit
DC OK:
HIGH when output is >90% of nominal
PS Off:
TTL HIGH to inhibit
Fan Output:
12Vdc @ 250 mA.
Pwr OK
TTL HIGH when AC is OK, 100-200 mS delay.
5V Standby Voltage:
Always on, up to 100mA.
Pwr OK
PF LOW 4 mS warning before loss of output regulation.
0
50
100
150
200
250
300
350
400
450
0
10
20
30
40
50
60
70
Ambient Temperature (deg C)
MINT1400 Output Power Derating Chart
Fan Cooled
Convection
Conducted Emissions
EN55011/22 Class B
Radiated Emissions
EN55011/22 Class A
Voltage Fluctuations
EN61000-3-3, complies
Static Discharge Immunity
EN61000-4-2, 6kV Contact Discharge, 8kV air discharge
Radiated RF Immunity
EN61000-4-3, 3V/m.
EFT/Burst Immunity
EN61000-4-4, 2kV/5kHz..
Line Surge Immunity
EN61000-4-5, 1kV differential, 2kV common-mode
Conducted RF Immunity
EN61000-4-6, 3Vrms
Power Frequency Magnetic Field Immunity
EN61000-4-8, 3A/m
Voltage Dip Immunity
EN61000-4-11 criteria A @ 250 Watts or less.
Line Frequency Harmonics
EN61000-3-2, Class A
MINT1400A
400W Single Output Series
Medical – Universal Input Power Supply
2 Year Warranty
Output Parameters
Model
Output
Output Current
Ripple
Total
Number
Volts (V)
Fan Cooled
Convection
& Noise
Regulation
EMI/EMC Compliance
Signals
Output Power Derating Curve
Note: For convection cooling, the
power supply is required to be
mounted on a heatsink or system
chassis with a minimum of 150 in² of
surface area.


Similar Part No. - MINT1400A1210L01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MINT1400A1210L01 SLPOWER-MINT1400A1210L01 Datasheet
903Kb / 3P
   400W Single Output Series
MINT1400A1210L01 SLPOWER-MINT1400A1210L01 Datasheet
400Kb / 3P
   400W Single Output Series
More results

Similar Description - MINT1400A1210L01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GNT200 SLPOWER-GNT200 Datasheet
463Kb / 3P
   Universal Input Power Supply
MINT1110 SLPOWER-MINT1110 Datasheet
489Kb / 3P
   Universal Input Power Supply
MINT2270 SLPOWER-MINT2270 Datasheet
411Kb / 3P
   Medical ??Universal Input Power Supply
GNT400 SLPOWER-GNT400 Datasheet
882Kb / 4P
   Universal Input Medical & ITE Power Supply
MINT1045 SLPOWER-MINT1045_15 Datasheet
520Kb / 3P
   Medical & ITE ??Universal Input Power Supply
logo
ETA-USA
AOBN-50 ETA-USA-AOBN-50 Datasheet
1Mb / 4P
   50W Power Supply Universal Input PCB Mounted
2019
logo
Vishay Siliconix
AN708 VISHAY-AN708 Datasheet
105Kb / 7P
   Low-Power Universal-Input Power Supply Achieves High Efficiency
logo
Emerson Network Power
NFS40 EMERSON-NETWORKPOWER-NFS40_09 Datasheet
465Kb / 4P
   40 W universal input ac-dc power supply
NLP65MEDICAL EMERSON-NETWORKPOWER-NLP65MEDICAL Datasheet
241Kb / 4P
   65 W universal input ac-dc power supply
logo
ETA-USA
AOPS150 ETA-USA-AOPS150 Datasheet
1Mb / 7P
   150 Watt AC/DC Power Supply Universal Input
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com