Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAA15-0.8-A+G Datasheet(PDF) 2 Page - SL Power Electronics

Part # HAA15-0.8-A+G
Description  DC Power Supplies
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

HAA15-0.8-A+G Datasheet(HTML) 2 Page - SL Power Electronics

  HAA15-0.8-A+G Datasheet HTML 1Page - SL Power Electronics HAA15-0.8-A+G Datasheet HTML 2Page - SL Power Electronics HAA15-0.8-A+G Datasheet HTML 3Page - SL Power Electronics HAA15-0.8-A+G Datasheet HTML 4Page - SL Power Electronics HAA15-0.8-A+G Datasheet HTML 5Page - SL Power Electronics HAA15-0.8-A+G Datasheet HTML 6Page - SL Power Electronics HAA15-0.8-A+G Datasheet HTML 7Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Commercial Model (Single)
Medical Model
Voltage
Current
Case
HB2-3-A+G
2 V
3 A
B
HC2-6-A+G
2 V
6 A
C
HE2-18-A+G
2 V
18 A
E
ML5-1-OV-A
5 V
1.0 A
L
HA5-1.5-OV-A+G
5 V
1.5 A
B
HB5-3-OV-A+G
5 V
3 A
B
HC5-6-OV-A+G
5 V
6 A
C
HN5-9-OV-A+G
5 V
9 A
N
HD5-12-OV-A+G
5 V
12 A
D
HE5-18-OV-A+G
5 V
18 A
E
F5-25-OV-A+*G
5 V
25 A
F
G5-35-OV-A+ * (1)
5 V
35 A
G
CP197-A+G
5 V
50 A
G
ML12-0.5-A
12 V
0.5 A
L
HA15-0.9-A+ (12 V)G
12 V
0.9 A
B
HB12-1-7-A+G
MB12-1-7-A
12 V
1.7 A
B
HC12-3.4-A+G
MC12-3.4-A
12 V
3.4 A
C
HN12-5.1-A+G
12 V
5.1 A
N
HD12-6.8-A+G
MD12-6.8-A
12 V
6.8 A
D
HE12-10-2-A+G
12 V
10.2 A
E
ML15-0.4-A
15 V
.4 A
L
HA15-0.9-A+G
15 V
0.9 A
B
HB15-1.5-A+G
MB15-1.5-A
15 V
1.5 A
B
HC15-3-A+G
MC15-3-A
15 V
3 A
C
HN15-4.5-A+G
15 V
4.5 A
N
HD15-6-A+G
MD15-6-A
15 V
6 A
D
HE15-9-A+G *
15 V
9 A
E
F15-15-A+G *
15 V
15 A
F
HA24-0.5-A+G
24 V
0.5 A
B
HB24-1.2-A+G
MB24-1.2-A
24 V
1.2 A
B
HC24-2.4-A+G
MC24-2.4-A
24 V
2.4 A
C
HN24-3.6-A+G
24 V
3.6 A
N
HD24-4.8-A+G
MD24-4.8-A
24 V
4.8 A
D
HE24-7.2-A+G *
24 V
7.2 A
E
F24-12-A+G *
24 V
12 A
F
HA24-0.5-A+ (28 V)G
28 V
0.5 A
B
HB28-1-A+G
MB28-1-A
28 V
1 A
B
HC28-2-A+G
MC28-2-A
28 V
2 A
C
HN28-3-A+G
28 V
3 A
N
HD28-4-A+G
MD28-4-A
28 V
4 A
D
HE28-6-A+G *
28 V
6 A
E
F24-12-A+(28 V)G *
28 V
10 A
F
HB48-0.5-A+G
48 V
0.5 A
B
HC48-1-A+G
48 V
1 A
C
HD48-3-A+G **
48 V
3 A
D
HE48-4-A+G
48 V
4 A
E
F48-6-A+G *
48 V
6 A
F
Notes:
1. All single output models have isolated outputs.
2. Model G5-50-OV-A+ not RoHS compliant


Similar Part No. - HAA15-0.8-A+G

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
HAA15-0.8-A++ SLPOWER-HAA15-0.8-A+ Datasheet
720Kb / 7P
   Commercial/Medical International Linears
More results

Similar Description - HAA15-0.8-A+G

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com