Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACAN-43 Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # ACAN-43
Description  81mm 1U Front End AC-DC Power Supply Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ACAN-43 Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  ACAN-43 Datasheet HTML 1Page - Murata Power Solutions Inc. ACAN-43 Datasheet HTML 2Page - Murata Power Solutions Inc. ACAN-43 Datasheet HTML 3Page - Murata Power Solutions Inc. ACAN-43 Datasheet HTML 4Page - Murata Power Solutions Inc. ACAN-43 Datasheet HTML 5Page - Murata Power Solutions Inc. ACAN-43 Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
D1U3CS-W-850-12-HxxC Series
81mm 1U Front End AC-DC Power Supply Converter
D1U3CS-W-850-12-HxxC.A03 Page 5 of 6
www.murata-ps.com/support
WIRING DIAGRAM FOR OUTPUT
CURRENT SHARING NOTES
12V Output: Current sharing is achieved using the active current share method. (See wiring diagram for connection details.)
Current sharing can be achieved with or without remote sense connected to the common load.
+VSB outputs can be tied together for redundancy but total combined output power must not exceed 20W. The +VSB output has internal ORing MOSFET for addi-
tional redundancy / internal short protection.
The current share pin B3 is a connection between the two units. It is input and/or output as the voltage on the line controls the current share. A power supply will
respond to a change in this voltage but a power supply can also change the voltage depending on the load drawn from it. On a single unit this would read 8V at
100% load. For two units sharing load then this should read 4V for perfect current sharing.
Up to 4 units can be paralleled together. Please consult your Murata sales representative if operation with more than 4 units in parallel is needed.
+12V GND
+12VRS (Main Output Remote Sense)
+12VRS_RETURN
+12V OUT
B2
PB4-6
PB1-3
A2
Dotted lines show optional remote sense connections.
Optional remote sense lines can be attached to a load that is a distance
away from the power supply to improve regulation at the load.
D1U3CS
12V load
A1
A6,B6,C6,D6
A5,B5,C5,D5
FET, BJT, wire
or switch (debounced )
to turn on +12V main output
+VSB load
+VSB
PS_ON_L
+VSB GND
B4
PS_INHIBIT/PS_KILL
D1U3CS
B3
+12V_ISHARE
PS_INHIBIT/PS_KILL
B4
A6,B6,C6,D6
+VSB GND
PS_ON_L
A1
A5,B5,C5,D5
+VSB
B3
A2
+12VRS_RETURN
+12V_ISHARE
+12V GND
+12V OUT
+12VRS (Main Output Remote Sense)
B2
PB4-6
PB1-3


Similar Part No. - ACAN-43

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ACAN-43 MURATA-PS-ACAN-43 Datasheet
568Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
More results

Similar Description - ACAN-43

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
D1U3CS-W-850-12-HC4C MURATA-D1U3CS-W-850-12-HC4C Datasheet
273Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U3CS-W-1200-12-HXXC MURATA-PS-D1U3CS-W-1200-12-HXXC Datasheet
568Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U3CS-W-1200-12-HC4C MURATA-D1U3CS-W-1200-12-HC4C Datasheet
273Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U3CS-W-1300F-12-HX4EC MURATA-PS-D1U3CS-W-1300F-12-HX4EC Datasheet
177Kb / 5P
   81mm Front End AC-DC Power Converter
logo
Murata Manufacturing Co...
D1U3CS-W-1300F-12-HA4EC MURATA-D1U3CS-W-1300F-12-HA4EC Datasheet
177Kb / 5P
   81mm Front End AC-DC Power Converter
D1U86G-W-460-12-HB4DC MURATA-D1U86G-W-460-12-HB4DC Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U2-W-400-12-HA4C MURATA-PS-D1U2-W-400-12-HA4C Datasheet
268Kb / 6P
   54mm 1U Front End AC-DC Power Supply Converter
D1U54P-W-650-12-HBXC MURATA-PS-D1U54P-W-650-12-HBXC Datasheet
1Mb / 9P
   54mm 1U Front End AC-DC Power Supply Converter
D1U54P-W-1200-12-HXXC MURATA-PS-D1U54P-W-1200-12-HXXC Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
D1U86G-W-460-12-HXX MURATA-PS-D1U86G-W-460-12-HXX Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com