Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D1U3CS-W-1200-12-HA3C Datasheet(PDF) 6 Page - Murata Power Solutions Inc.

Part # D1U3CS-W-1200-12-HA3C
Description  81mm 1U Front End AC-DC Power Supply Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

D1U3CS-W-1200-12-HA3C Datasheet(HTML) 6 Page - Murata Power Solutions Inc.

  D1U3CS-W-1200-12-HA3C Datasheet HTML 1Page - Murata Power Solutions Inc. D1U3CS-W-1200-12-HA3C Datasheet HTML 2Page - Murata Power Solutions Inc. D1U3CS-W-1200-12-HA3C Datasheet HTML 3Page - Murata Power Solutions Inc. D1U3CS-W-1200-12-HA3C Datasheet HTML 4Page - Murata Power Solutions Inc. D1U3CS-W-1200-12-HA3C Datasheet HTML 5Page - Murata Power Solutions Inc. D1U3CS-W-1200-12-HA3C Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
D1U3CS-W-1200-12-HxxC Series
81mm 1U Front End AC-DC Power Supply Converter
D1U3CS-W-1200-12-HxxC.B01 Page 6 of 6
www.murata-ps.com/support
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2016 Murata Power Solutions, Inc.
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
ISO 9001 and 14001 REGISTERED
This product is subject to the following operating requirements
and the Life and Safety Critical Application Sales Policy:
Refer to: http://www.murata-ps.com/requirements/
MECHANICAL DIMENSIONS
Dimensions: 3.20" x 11.00" x 1.571" [81.3mm x 279.4mm x 39.9mm]
OPTIONAL ACCESSORIES
Description
Part Number
12V D1U3CS Output Connector Card
D1U3CS-12-CONC
APPLICATION NOTES
Document Number
Description
Link
ACAN-41
D1U3CS Output Connector Card
www.murata-ps.com/data/apnotes/acan-41.pdf
ACAN-43
D1U3CS-x Communication Protocol
www.murata-ps.com/data/apnotes/acan-43.pdf
AC input connector: IEC 320-C14
83.80 ±0.70
3.299 ±0.028
75.00
2.953
75.00
2.953
279.40 ±0.50
11.000 ±0.020
275.50 ±0.70
10.846 ±0.028
7.0
0.276
15.51 ±0.80
0.611 ±0.031
75.00
2.953
75.00
2.953
Power Supply
FRONT
Power Supply
BACK
Airflow Back to Front
Airflow Front to Back


Similar Part No. - D1U3CS-W-1200-12-HA3C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
D1U3CS-W-1200-12-HA3C MURATA-D1U3CS-W-1200-12-HA3C Datasheet
273Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
More results

Similar Description - D1U3CS-W-1200-12-HA3C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
D1U3CS-W-850-12-HC4C MURATA-D1U3CS-W-850-12-HC4C Datasheet
273Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
D1U3CS-W-1200-12-HC4C MURATA-D1U3CS-W-1200-12-HC4C Datasheet
273Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U3CS-W-850-12-HXXC MURATA-PS-D1U3CS-W-850-12-HXXC Datasheet
273Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
D1U3CS-W-1300F-12-HX4EC MURATA-PS-D1U3CS-W-1300F-12-HX4EC Datasheet
177Kb / 5P
   81mm Front End AC-DC Power Converter
logo
Murata Manufacturing Co...
D1U3CS-W-1300F-12-HA4EC MURATA-D1U3CS-W-1300F-12-HA4EC Datasheet
177Kb / 5P
   81mm Front End AC-DC Power Converter
D1U86G-W-460-12-HB4DC MURATA-D1U86G-W-460-12-HB4DC Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U2-W-400-12-HA4C MURATA-PS-D1U2-W-400-12-HA4C Datasheet
268Kb / 6P
   54mm 1U Front End AC-DC Power Supply Converter
D1U54P-W-650-12-HBXC MURATA-PS-D1U54P-W-650-12-HBXC Datasheet
1Mb / 9P
   54mm 1U Front End AC-DC Power Supply Converter
D1U54P-W-1200-12-HXXC MURATA-PS-D1U54P-W-1200-12-HXXC Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
D1U86G-W-460-12-HXX MURATA-PS-D1U86G-W-460-12-HXX Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com