Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACAN-52 Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # ACAN-52
Description  AC-DC Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ACAN-52 Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  ACAN-52 Datasheet HTML 1Page - Murata Power Solutions Inc. ACAN-52 Datasheet HTML 2Page - Murata Power Solutions Inc. ACAN-52 Datasheet HTML 3Page - Murata Power Solutions Inc. ACAN-52 Datasheet HTML 4Page - Murata Power Solutions Inc. ACAN-52 Datasheet HTML 5Page - Murata Power Solutions Inc. ACAN-52 Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
D1U4-W-1600-54-HBxC
AC-DC Power Supply
CPS_D1U4-W-1600-54-HBxC.A01 Page 4 of 6
www.murata-ps.com/support
OUTPUT CONNECTOR AND SIGNAL SPECIFICATION
DC and Signal Connector: FCI # 51732-028-LF
Blade/ Pin Assignment
Signal Name
Description
Logic Level
Current
P1, P2, P3
VOUT
Main 54V Output Voltage
P4, P5, P6
VRTN
Main 54V Output Voltage, Return
A2
VOUT_SENSE +
Main 54V Output Voltage Sense +
A3
VOUT_SENSE -
Main 54V Output Voltage Sense -
C2, C3, D3
VSTBY
Standby Voltage Output
C4, C5, D5
VSTBY Return
Standby Voltage Output, Return
B1
I_SHARE
Analogue active current share bus
0V to 8V
-4mA/+5mA
D1
AC_OK
AC Source Voltage OK Signal
(Internally pull up to VSTANDBY by 10KΩ (3.3V & 5V
VSTANDBY).
10KΩ (to 5V) for 12 VSTANDBY
>2.4V (Active, OK)
<0.4V (not OK)
+4mA
-2mA
D2
P_GOOD
Power Good Signal
(Internally pull up to VSTANDBY by 10KΩ (3.3V & 5V
VSTANDBY).
10KΩ (to 5V) for 12 VSTANDBY
>2.4V (Active, GOOD)
<0.4V (not GOOD)
+4mA
-2mA
A1
PS_KILL
Floating pin; will turn off main output
>2.4V “high”
<0.4V “low”
B5
PS_PRESENT
Tied internally to VSTANDBY Return
0V
C1
PS_ON_L
Internally pull up to VSTANDBY by 1KΩ; can be driven with
open drain/collector switches
>2.4V “high”
<0.4V “low”
A4
I2C_SDA0 (SDA)
I2C compatible Data Bus
>2.4V “high”
<0.4V “low”
A5
I2C_SCL0 (SCL)
I2C compatible Data Bus
B3
I2C_SDA1 (SDA)
I2C compatible Data Bus
B4
I2C_SCL1 (SCL)
I2C compatible Data Bus
B2
SYS_CONTR
Host system control that can be used to turn on/off the Main
54V DC Output via an internal output switch within power
module. Low turns “on” output switch
MATING CONNECTOR
Supplier
Press Fit, Straight
Press Fit, Right Angle
Solder Straight
Solder Right Angle
FCI
--
--
--
51762-1060-2000-ABLF
P1
P2
P3
P4
P5
P6
x1
x2
x3
x4
x5
VOUT
VOUT
VOUT
VRTN
VRTN
VRTN
AC_OK
P_GOOD
V_STBY
No User
Connection
V_STBY
RETURN
D
PS_ON
V_STBY
V_STBY
V_STBY
RETURN
V_STBY
RETURN
C
I_SHARE
SYS_CONTR
I2C DATA2
I2C CLOCK2
PS_PRESENT
B
PS_KILL
Vout SENSE+
Vout SENSE-
I2C DATA1
I2C CLOCK1
A


Similar Part No. - ACAN-52

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ACAN-58 MURATA-PS-ACAN-58 Datasheet
259Kb / 6P
   54mm 1U Front End DC-DC Power Converter
More results

Similar Description - ACAN-52

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com