Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACAN-64 Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # ACAN-64
Description  54mm 1U Front End DC-DC Power Supply Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ACAN-64 Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  ACAN-64 Datasheet HTML 1Page - Murata Power Solutions Inc. ACAN-64 Datasheet HTML 2Page - Murata Power Solutions Inc. ACAN-64 Datasheet HTML 3Page - Murata Power Solutions Inc. ACAN-64 Datasheet HTML 4Page - Murata Power Solutions Inc. ACAN-64 Datasheet HTML 5Page - Murata Power Solutions Inc. ACAN-64 Datasheet HTML 6Page - Murata Power Solutions Inc. ACAN-64 Datasheet HTML 7Page - Murata Power Solutions Inc. ACAN-64 Datasheet HTML 8Page - Murata Power Solutions Inc. ACAN-64 Datasheet HTML 9Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
D1U54-D-650-12-HBxC Series
54mm 1U Front End DC-DC Power Supply Converter
D1U54-D-650-12-HBxC.A02 Page 3 of 9
www.murata-ps.com/support
PROTECTION CHARACTERISTICS
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Overtemperature
Autorestart with 4°C hysteresis for recovery (warning issued at 70°C)
75
°C
12V
Overvoltage
Latching
13
14.5
°C
Overcurrent (Target)
The output shall shutdown when an overcurrent condition is detected.
It will auto restart after 1sec; however if the overcurrent condition is redetected the output will once again
shutdown.
The output will once again re-start, however if the overcurrent condition persists it will latch of after the fifth
unsuccessful attempt.
To reset the latch it will be necessary to toggle the PS_ON_L signal (B4) or recycle the incoming DC source.
60
70
A
12VSB
Overvoltage
Latching
13.0
14.5
V
Overcurrent
The output shall shutdown when an overcurrent is detected.
It will auto restart after 2sec; however if the overcurrent is re-detected the output will once again shutdown.
This cycle will occur indefinitely while the overcurrent condition persists.
2.2
2.8
A
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Insulation Safety Rating
Input to Output
1000
Vdc
Input to Chassis
1000
Vdc
Isolation
Output to Chassis
500
Vdc
EMISSIONS AND IMMUNITY
Conducted Emissions
FCC 47 CFR Part 15/CISPR 22/EN55022
Class A with 6dB margin
ESD Immunity
IEC/EN 61000-4-2
Level 4 criteria A
Radiated Field Immunity
IEC/EN 61000-4-3
Level 3 criteria B
Electrical Fast Transients/Burst Immunity
IEC/EN 61000-4-4
Level 3 criteria B
Surge Immunity
IEC/EN 61000-4-5
±1kV common mode and differential mode, unit passes criteria A (normal
performance)*
RF Conducted Immunity
IEC/EN 61000-4-6
Level 3 criteria A
Magnetic Field Immunity
IEC/EN 61000-4-8
3 A/m criteria B
Voltage Dips, Interruptions
----
-53Vin, 80% load, Dip 100% Duration 4ms,Criteria (A)
* Impedance is 2 ohms for differential and common mode.
STATUS INDICATORS
LED NAME
LED MODE
LED STATE/OPERATION
DESCRIPTION
Input
OK
Solid Green
Input voltage operating within normal specified range
Input
OV/UV WARNING
Blinking Green
Input voltage operating in:
1) overvoltage warning, or
2) undervoltage warning range
Input
OFF OR FAULT
Off
Input voltage operating:
1) above overvoltage range, or
2) below undervoltage range, or
3) not present
Output
POWER GOOD
Solid Green
Main output and standby output enabled with no power supply warning or fault
detected
Output
STANDBY
Blinking Green
Standby output enabled with no power supply warning or fault detected
Output
WARNING
Blinking Amber
Power supply warning detected as per PMBus STATUS_X reporting bytes
Output
FAULT
Solid Amber
Power supply fault detected as per PMBus STATUS_X reporting bytes
LED fault/warning operation follows PMBus fault/warning reporting status flags and will thus also be 'sticky' (i.e. even if actual fault/warning is cleared, LED will still be in FAULT or WARNING mode until PMBus status flags
are cleared with the CLEAR_FAULTS command


Similar Part No. - ACAN-64

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ACAN-62 MURATA-PS-ACAN-62 Datasheet
978Kb / 8P
   AC-DC Three Phase Power Converter
ACAN-63 MURATA-PS-ACAN-63 Datasheet
978Kb / 8P
   AC-DC Three Phase Power Converter
More results

Similar Description - ACAN-64

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U2-D-400-12-HA4C MURATA-PS-D1U2-D-400-12-HA4C Datasheet
263Kb / 6P
   54mm 1U Front End DC-DC Power Supply Converter
D1U54 MURATA-PS-D1U54 Datasheet
307Kb / 9P
   54mm 1U Front End DC-DC Power Supply Converter
D1U54-D-2000-12 MURATA-PS-D1U54-D-2000-12 Datasheet
784Kb / 8P
   54mm 1U Front End DC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U54-D-1200-12-HC4PC MURATA-D1U54-D-1200-12-HC4PC Datasheet
259Kb / 6P
   54mm 1U Front End DC-DC Power Converter
logo
Murata Power Solutions ...
D1U54P-W-1200-12-HXXC MURATA-PS-D1U54P-W-1200-12-HXXC Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
D1U54-D-1200-12-HX4PC MURATA-PS-D1U54-D-1200-12-HX4PC Datasheet
259Kb / 6P
   54mm 1U Front End DC-DC Power Converter
D1U54P MURATA-PS-D1U54P Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U54P-W-1200-12-HC4PC MURATA-D1U54P-W-1200-12-HC4PC Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U2-W-400-12-HA4C MURATA-PS-D1U2-W-400-12-HA4C Datasheet
268Kb / 6P
   54mm 1U Front End AC-DC Power Supply Converter
D1U54P-W-650-12-HBXC MURATA-PS-D1U54P-W-650-12-HBXC Datasheet
1Mb / 9P
   54mm 1U Front End AC-DC Power Supply Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com