Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP7680KE Datasheet(PDF) 11 Page - Exar Corporation

Part # MP7680KE
Description  5 V CMOS 12-Bit Quad Double-Buffered Multiplying Digital-to-Analog Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7680KE Datasheet(HTML) 11 Page - Exar Corporation

Back Button MP7680KE Datasheet HTML 4Page - Exar Corporation MP7680KE Datasheet HTML 5Page - Exar Corporation MP7680KE Datasheet HTML 6Page - Exar Corporation MP7680KE Datasheet HTML 7Page - Exar Corporation MP7680KE Datasheet HTML 8Page - Exar Corporation MP7680KE Datasheet HTML 9Page - Exar Corporation MP7680KE Datasheet HTML 10Page - Exar Corporation MP7680KE Datasheet HTML 11Page - Exar Corporation MP7680KE Datasheet HTML 12Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MP7680
11
Rev. 3.10
+
Figure 10. Digitally
Programmable
Quad Voltage Output + 10 V, + 5 V
0 V to -10 V
DAC A
+
0 V to +10 V
DAC B
+
+
0 V to +5 V
DAC C
0 V to -5 V
DAC D
8
9
10
13
12
11
28
29
30
33
32
31
+
REF01
6
2
4
5k
10k
10k
+10 V
7
10 V
14
+10 V
+15 V
+
6
4
2
10k
10k
5 V
27
34
REF02
5k
+5 V
+15 V
+5 V
RFBA
IOUT1A
IOUT2A
RFBB
IOUT1B
IOUT2B
RFBC
IOUT1C
IOUT2C
RFBD
IOUT1D
IOUT2D
VOUTA
VOUTB
VOUTC
VOUTD
VREFA
VREFB
VREFC
VREFD
+
Figure 11. “Clickless”
Audio Attenuator/Amplifier
DAC A
+
DAC B
+
+
DAC C
DAC D
Left
Channel
Input
+
+
Matched Pairs:
RFBA to RA
RFBD to RD
+
DAC A
DAC B
DAC C
DAC D
33k
10k
33k
10k
33k
10k
33k
10k
+
+5 V
10k
MP5010
10k
1.2 V
0.6 V
Figure 12. Quad DAC for Single +5 V Supply
RFBA
RFBB
RFBC
RFBD
Right
Channel
Input
RA
RD
Left
Channel
Output
(+10 V MAX)
Right
Channel
Output
(+10 V MAX)
+
+
+
VOUTA
VOUTB
VOUTC
VOUTD


Similar Part No. - MP7680KE

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7682 EXAR-MP7682 Datasheet
478Kb / 7P
   CMOS, 6-Bit High-Speed Analog-to-digital Converter
MP7682JN EXAR-MP7682JN Datasheet
478Kb / 7P
   CMOS, 6-Bit High-Speed Analog-to-digital Converter
MP7682JS EXAR-MP7682JS Datasheet
478Kb / 7P
   CMOS, 6-Bit High-Speed Analog-to-digital Converter
MP7682KN EXAR-MP7682KN Datasheet
478Kb / 7P
   CMOS, 6-Bit High-Speed Analog-to-digital Converter
MP7682KS EXAR-MP7682KS Datasheet
478Kb / 7P
   CMOS, 6-Bit High-Speed Analog-to-digital Converter
More results

Similar Description - MP7680KE

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
7545A MAXWELL-7545A Datasheet
96Kb / 9P
   12-Bit Buffered Multiplying Digital to Analog Converter
7545B MAXWELL-7545B Datasheet
92Kb / 9P
   12-Bit Buffered Multiplying Digital to Analog Converter
logo
Exar Corporation
MP7529B EXAR-MP7529B Datasheet
114Kb / 12P
   5 V CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
MP7628 EXAR-MP7628 Datasheet
124Kb / 12P
   5 V CMOS Quad Multiplying 8-Bit Digital-to-Analog Converter
MP7541B EXAR-MP7541B Datasheet
89Kb / 8P
   15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
MP7636 EXAR-MP7636 Datasheet
84Kb / 8P
   15 V CMOS Microprocessor Compatible Double-Buffered, Multiplying 16-Bit Digital-to-Analog Converter
MP7528 EXAR-MP7528 Datasheet
142Kb / 16P
   CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7528 BURR-BROWN-DAC7528 Datasheet
76Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP1230A EXAR-MP1230A Datasheet
114Kb / 12P
   CMOS Microprocessor Compatible Double-Buffered 12-Bit Digital-to-Analog Converter
MP75L24 EXAR-MP75L24 Datasheet
507Kb / 8P
   LOW VOLTAGE CMOS BUFFERED MULTIPLYING 8-BIT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com