Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U3606A Datasheet(PDF) 6 Page - Keysight Technologies

Part # U3606A
Description  Multimeter|DC Power Supply
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U3606A Datasheet(HTML) 6 Page - Keysight Technologies

Back Button U3606A Datasheet HTML 2Page - Keysight Technologies U3606A Datasheet HTML 3Page - Keysight Technologies U3606A Datasheet HTML 4Page - Keysight Technologies U3606A Datasheet HTML 5Page - Keysight Technologies U3606A Datasheet HTML 6Page - Keysight Technologies U3606A Datasheet HTML 7Page - Keysight Technologies U3606A Datasheet HTML 8Page - Keysight Technologies U3606A Datasheet HTML 9Page - Keysight Technologies U3606A Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
Digital multimeter specifications (continued)
Frequency specifications
Function
Input range
Frequency range:
minimum input
frequency = 1 Hz
Accuracy
±(% of reading + % of range)
Temperature
coefficient
0 ºC to 18 ºC
28 ºC to 55 ºC
1 year (23 ºC ± 5 ºC)
Frequency
Voltage:
100 mV to 750 V1
< 2 Hz
< 20 Hz
20 Hz to 100 kHz
100 kHz to 300 kHz
0.18 + 0.003
0.04 + 0.003
0.02 + 0.003
0.02 + 0.003
0.005
0.005
0.005
0.005
Current:
10 mA to 3 A
< 2 Hz
< 20 Hz
20 Hz to 10 kHz
0.18 + 0.003
0.04 + 0.003
0.02 + 0.003
0.005
0.005
0.005
Input range2
Minimum frequency sensitivity for voltage measurement (RMS sine wave)
20 Hz to 100 kHz
100 kHz to 300 kHz
300 kHz to 1 MHz
100 mV
1.0 V
10 V
100 V
750 V
50 mV
100 mV
1 V
10 V
100 V
50 mV
120 mV
1.2 V
12 V
0.5 V
0.5 V
Input range
Minimum frequency sensitivity for current measurement (RMS sine wave)
20 Hz to 100 kHz
10 mA
100 mA
1 A
3 A
1 mA
10 mA
100 mA
300 mA
1. For 100 mV and 1 V ranges, the measurable frequency is up to 1 MHz at 0.5 V input signal.
2. Maximum input for the specified accuracy = 10 x range or 1000 V
dc.
All frequency counters are susceptible to errors when measuring low-voltage, low-frequency signals. Shielding inputs from
external noise pickup is critical for minimizing measurement errors.
Duty cycle and pulse width specifications
Function
Range
Resolution
Accuracy at full scale
Duty cycle
100.000%1
0.001%
0.3% + 0.2% per kHz
Pulse width
199.999 ms2
1999.99 ms2
0.001 ms
0.01 ms
Duty cycle/frequency
Duty cycle/frequency
1. The range is from {10 µs × frequency × 100%} ~ {[1 – (10 µs × frequency)] × 100%}. For example, a 1 kHz signal can be measured from
1% ~ 99%.
2. The positive or negative pulse width must be greater than 10 µs. The range of the pulse width is determined by the frequency of the signal.


Similar Part No. - U3606A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U3606B KEYSIGHT-U3606B Datasheet
1Mb / 20P
   Multimeter I DC Power Supply
More results

Similar Description - U3606A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U3606B KEYSIGHT-U3606B Datasheet
1Mb / 20P
   Multimeter I DC Power Supply
logo
Extech Instruments Corp...
38394 EXTECH-38394 Datasheet
177Kb / 1P
   600A AC/DC ClampMultiMeter
logo
C&D Technologies
TPS_DNX301 CANDD-TPS_DNX301 Datasheet
130Kb / 4P
   DC/DC Power Supply
TPS_DNX350 CANDD-TPS_DNX350 Datasheet
131Kb / 4P
   DC/DC Power Supply
logo
XFMRS Inc.
XFEB321611-102-1A XFMRS-XFEB321611-102-1A Datasheet
74Kb / 2P
   DC POWER SUPPLY
XFEI100505-4N7S XFMRS-XFEI100505-4N7S Datasheet
57Kb / 1P
   DC POWER SUPPLY
XFEB321611-101 XFMRS-XFEB321611-101 Datasheet
26Kb / 1P
   DC POWER SUPPLY
logo
M-System Co.,Ltd.
HDC9 MSYSTEM-HDC9 Datasheet
94Kb / 1P
   DC POWER SUPPLY
logo
Pepperl+Fuchs Inc.
PSU1100-J1-DC-N0 PF-PSU1100-J1-DC-N0 Datasheet
479Kb / 3P
   DC Power Supply
logo
M-System Co.,Ltd.
HDC1 MSYSTEM-HDC1 Datasheet
67Kb / 2P
   DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com