Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U1230 Datasheet(PDF) 11 Page - Keysight Technologies

Part # U1230
Description  Digital Multimeters (DMMs)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1230 Datasheet(HTML) 11 Page - Keysight Technologies

Back Button U1230 Datasheet HTML 5Page - Keysight Technologies U1230 Datasheet HTML 6Page - Keysight Technologies U1230 Datasheet HTML 7Page - Keysight Technologies U1230 Datasheet HTML 8Page - Keysight Technologies U1230 Datasheet HTML 9Page - Keysight Technologies U1230 Datasheet HTML 10Page - Keysight Technologies U1230 Datasheet HTML 11Page - Keysight Technologies U1230 Datasheet HTML 12Page - Keysight Technologies U1230 Datasheet HTML 13Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
General Specifications
Parameter
U1231A/U1232A/U1233A
Power supply
Battery type
– 4 × 1.5 V AAA Alkaline battery (ANSI/NEDA 24A or IEC LR03), or
– 4 × 1.5 V AAA Zinc Chloride battery (ANSI/NEDA 24D or IEC R03)
Battery life
– 500 hours typical (based on new Alkaline batteries) with backlight
and flashlight disabled
Low battery indication
– Low battery indicator will flash when the battery voltage drops
below approximately 4.4 V
Power consumption
450 mVA maximum (with backlight and flashlight enabled)
Fuse
10 × 38 mm 11 A/1000 V fast-acting fuse
Display
Liquid crystal display (LCD) (with maximum reading of 6600 counts)
Flashlight
Cool white LED (5500 K typical); luminous intensity from 2240 mcd to 5600 mcd
Operating environment
– Operating temperature from –10 °C to 55 °C, 0% to 80% RH
– Full accuracy up to 80% RH for temperatures up to 30 °C, decreasing linearly to 50% RH at 55 °C
– Altitude up to 2000 meters
– Pollution degree II
Storage compliance
–40 °C to 60 °C, 0% to 80% RH without batteries
Safety compliance
EN/IEC 61010-1:2001, ANSI/UL 61010-1:2004, and CAN/CSA-C22.2 No. 61010-1-04
Measurement category
CAT III 600 V
Electromagnetic compatibility
(EMC)
Commercial limits compliance with EN61326-1
Temperature coefficient
0.1 × (specified accuracy) / °C (from –10 °C to 18 °C, or 28 °C to 55 °C)
Common Mode Rejection Ratio
(CMRR)
> 100 dB at DC, 50/60 Hz (1 kΩ unbalanced)
Normal Model Rejection Ration
(NMRR)
> 60 dB at 50/60 Hz
Dimensions (H x W x D)
169 mm × 86 mm × 52 mm
Weight
U1232A and U1233A: 371 grams (with batteries and holster)
U1231A: 365 grams (with batteries and holster)
Warranty
– Three years for product1
– Three months for product’s accessories
Calibration cycle
One year
Please take note that for the product, the warranty does not cover:
– Damage from contamination
– Normal wear and tear of mechanical components
– Manuals, fuses, and batteries
Specification assumptions
– Accuracy is given as ±(% of reading + counts of least significant digit) at 23 °C ± 5 °C, with relative humidity less than 80% RH.
– AC V and AC A specifications are AC coupled, true RMS and are valid from 5% of range to 100% of range.
– The crest factor may be up to 3.0 at full-scale (4000 counts)
– For non-sinusoidal waveforms, add (2% reading + 2% full scale) typical.
– After VZ
LOW (low input impedance) voltage measurements, wait at least 20 minutes for thermal impact to cool before proceeding
with any other measurement.
11 | Keysight | U1230 Series Handheld Digital Multimeters (DMMs) - Data Sheet


Similar Part No. - U1230

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U1230 HP-U1230 Datasheet
327Kb / 10P
   Handheld Digital Multimeter (DMM)
More results

Similar Description - U1230

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U3400 KEYSIGHT-U3400 Datasheet
2Mb / 21P
   Digital Multimeters
34465A KEYSIGHT-34465A Datasheet
3Mb / 23P
   Digital Multimeters
34470A KEYSIGHT-34470A Datasheet
3Mb / 23P
   Digital Multimeters
U1250 KEYSIGHT-U1250 Datasheet
2Mb / 15P
   Digital Multimeters
logo
List of Unclassifed Man...
34460A ETC-34460A Datasheet
2Mb / 28P
   Digital Multimeters
AM-500-EUR ETC-AM-500-EUR Datasheet
1Mb / 2P
   Digital Multimeters
logo
Keysight Technologies
34460A KEYSIGHT-34460A Datasheet
3Mb / 23P
   Digital Multimeters
logo
TEKTRONIX, INC.
DMM4020 TEKTRONIX-DMM4020 Datasheet
864Kb / 12P
   Digital Multimeters
logo
Keysight Technologies
34461A KEYSIGHT-34461A Datasheet
3Mb / 23P
   Digital Multimeters
logo
Extech Instruments Corp...
MN35 EXTECH-MN35_15 Datasheet
294Kb / 1P
   Digital Mini MultiMeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com