Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL602082UMG Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # PL602082UMG
Description  PCIe Octal, Ultra-Low Jitter, HCSL Frequency Synthesizer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL602082UMG Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button PL602082UMG Datasheet HTML 3Page - Micrel Semiconductor PL602082UMG Datasheet HTML 4Page - Micrel Semiconductor PL602082UMG Datasheet HTML 5Page - Micrel Semiconductor PL602082UMG Datasheet HTML 6Page - Micrel Semiconductor PL602082UMG Datasheet HTML 7Page - Micrel Semiconductor PL602082UMG Datasheet HTML 8Page - Micrel Semiconductor PL602082UMG Datasheet HTML 9Page - Micrel Semiconductor PL602082UMG Datasheet HTML 10Page - Micrel Semiconductor PL602082UMG Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Micrel, Inc.
PL60208X
December 11, 2013
7
Revision 1.1
hbwhelp@micrel.com or (408) 955-1690
AC Electrical Characteristics
(4, 6)
VDD = VDDO1/2 = 3.3V 5% or 2.5V 5%
VDD = 3.3V 5%, VDDO1/2 = 3.3V 5% or 2.5V 5%
TA = 40C to 85C. RL = 50Ω to VSS
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
TR/TF
HCSL output rise/fall time
20% - 80%
150
300
450
ps
ODC
Output duty cycle
48
50
52
%
TSKEW
Output-to-output skew
Note 7
45
ps
TLOCK
PLL lock time
20
ms
Tjit()
RMS phase jitter
(8)
100MHz or 125MHz
Integration range (12kHz
– 20MHz)
Integration range (10kHz
– 1.5MHz)
Integration range (1.5MHz
– Nyquist)
200MHz or 250MHz
Integration range (12kHz
– 20MHz)
Integration range (10kHz
– 1.5MHz)
Integration range (1.5MHz
– Nyquist)
254
220
142
253
222
112
fs
Notes:
2.
Exceeding the absolute maximum ratings may damage the device.
3.
The device is not guaranteed to function outside its operating ratings.
4.
Package thermal resistance assumes exposed pad is soldered (or equivalent) to the devices most negative potential on the PCB.
5.
Specification for packaged product only
6.
All phase noise measurements were taken with an Agilent 5052B phase noise system.
7.
Defined as skew between outputs at the same supply voltage and with equal load conditions; Measured at the output differential crossing points.
8.
Measured using 25MHz crystal as the input reference source. If using an external reference input, use a low phase noise source. With an external
reference, the phase noise will follow the input source phase noise up to about 1MHz.


Similar Part No. - PL602082UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL602031UMG MICREL-PL602031UMG Datasheet
394Kb / 9P
   HCSL-Compatible Clock Generator for PCI Express
PL602031UMGTR MICREL-PL602031UMGTR Datasheet
394Kb / 9P
   HCSL-Compatible Clock Generator for PCI Express
PL602032UMG MICREL-PL602032UMG Datasheet
394Kb / 9P
   HCSL-Compatible Clock Generator for PCI Express
PL602032UMGTR MICREL-PL602032UMGTR Datasheet
394Kb / 9P
   HCSL-Compatible Clock Generator for PCI Express
PL602033UMG MICREL-PL602033UMG Datasheet
394Kb / 9P
   HCSL-Compatible Clock Generator for PCI Express
More results

Similar Description - PL602082UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL607041 MICREL-PL607041 Datasheet
565Kb / 11P
   ClockWorks짰 PCIe Quad Outputs Ultra-Low Jitter, HCSL Frequency Synthesizer
PL602041 MICREL-PL602041 Datasheet
543Kb / 9P
   ClockWorks PCIe Quad Outputs Ultra-Low Jitter, HCSL Frequency Synthesizer
PL602041 MICREL-PL602041_14 Datasheet
604Kb / 9P
   ClockWorks??PCIe Quad Outputs Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802101 MICREL-SM802101 Datasheet
558Kb / 12P
   ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802120 MICREL-SM802120 Datasheet
330Kb / 12P
   ClockWorksTM 125MHz LVDS / 125 MHz HCSL Ultra-Low Jitter Frequency Synthesizer
SM802109 MICREL-SM802109 Datasheet
403Kb / 11P
   ClockWorks??PCI-e Quad 100MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
logo
List of Unclassifed Man...
SQPCIE100 ETC2-SQPCIE100 Datasheet
875Kb / 2P
   3.3V HCSL Low Jitter 100MHz PCIe 2.0 XO
logo
Pericom Semiconductor C...
SQPCIE100 PERICOM-SQPCIE100 Datasheet
875Kb / 2P
   3.3V HCSL Low Jitter 100MHz PCIe 2.0 XO
logo
Micrel Semiconductor
SM802121 MICREL-SM802121 Datasheet
301Kb / 10P
   ClockWorks10GbE (156.25MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
logo
Microchip Technology
MX575ABJ100M000 MICROCHIP-MX575ABJ100M000 Datasheet
1Mb / 4P
   Ultra-Low Jitter 100MHz HCSL XO
July 11, 2017 Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com